Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3407 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3407
Description  Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3407 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3407 Datasheet HTML 2Page - Linear Technology LTC3407 Datasheet HTML 3Page - Linear Technology LTC3407 Datasheet HTML 4Page - Linear Technology LTC3407 Datasheet HTML 5Page - Linear Technology LTC3407 Datasheet HTML 6Page - Linear Technology LTC3407 Datasheet HTML 7Page - Linear Technology LTC3407 Datasheet HTML 8Page - Linear Technology LTC3407 Datasheet HTML 9Page - Linear Technology LTC3407 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTC3407
6
sn3407 3407fs
The LTC3407 uses a constant frequency, current mode
architecture. The operating frequency is set at 1.5MHz and
can be synchronized to an external oscillator. Both chan-
nels share the same clock and run in-phase. To suit a
variety of applications, the selectable Mode pin allows the
user to trade-off noise for efficiency.
The output voltage is set by an external divider returned to
the VFB pins. An error amplfier compares the divided
output voltage with a reference voltage of 0.6V and adjusts
the peak inductor current accordingly. Overvoltage and
undervoltage comparators will pull the POR output low if
the output voltage is not within ±8.5%. The POR output
will go high after 262,144 clock cycles (about 175ms) of
achieving regulation.
OPERATIO
BLOCK DIAGRA
1
2
9
10
8
3
4
11
5
+
+
+
+
EA
UVDET
OVDET
0.6V
7
0.65V
0.55V
+
0.35V
UV
OV
ITH
SWITCHING
LOGIC
AND
BLANKING
CIRCUIT
S
R
Q
Q
RS
LATCH
BURST
ICOMP
IRCMP
ANTI
SHOOT-
THRU
BURST
CLAMP
SLOPE
COMP
EN
SLEEP
POR
COUNTER
0.6V REF
OSC
OSC
REGULATOR 2 (IDENTICAL TO REGULATOR 1)
PGOOD1
PGOOD2
SHUTDOWN
VIN
VIN
VIN
6
REGULATOR 1
SW1
GND
POR
GND
SW2
5Ω
MODE/SYNC
VFB1
RUN1
RUN2
VFB2
Main Control Loop
During normal operation, the top power switch (P-channel
MOSFET) is turned on at the beginning of a clock cycle
when the VFB voltage is below the the reference voltage.
The current into the inductor and the load increases until
the current limit is reached. The switch turns off and
energy stored in the inductor flows through the bottom
switch (N-channel MOSFET) into the load until the next
clock cycle.
The peak inductor current is controlled by the internally
compensated ITH voltage, which is the output of the error
amplifier.This amplifier compares the VFB pin to the 0.6V
reference. When the load current increases, the VFB volt-
age decreases slightly below the reference. This


Similar Part No. - LTC3407

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3407 LINER-LTC3407 Datasheet
350Kb / 30P
   Monolithic Dual Tracking 2A Step-Down Switching
LTC3407 LINER-LTC3407 Datasheet
210Kb / 20P
   2.5A, 10V, Monolithic Synchronous Step-Down Regulator
LTC3407 LINER-LTC3407 Datasheet
210Kb / 20P
   2.5A, 10V, Monolithic Synchronous Step-Down Regulator
logo
Linear Integrated Syste...
LTC3407 LINEAR-LTC3407 Datasheet
205Kb / 16P
   Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Regulator
logo
Linear Technology
LTC3407-2 LINER-LTC3407-2 Datasheet
219Kb / 16P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
More results

Similar Description - LTC3407

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3407A LINER-LTC3407A_15 Datasheet
294Kb / 16P
   Dual Synchronous 600mA, 1.5MHz Step-Down DC/DC Regulator
LTC3407A LINER-LTC3407A Datasheet
282Kb / 16P
   Dual Synchronous 600mA, 1.5MHz Step-Down DC/DC Regulator
LTC3407 LINER-LTC3407_15 Datasheet
224Kb / 16P
   Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Regulator
logo
Linear Integrated Syste...
LTC3407AIDD LINEAR-LTC3407AIDD Datasheet
205Kb / 16P
   Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Regulator
logo
Analog Microelectronics
AME5252 AME-AME5252 Datasheet
158Kb / 18P
   Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Converter
logo
ams AG
AS1324 AMSCO-AS1324 Datasheet
910Kb / 20P
   1.5MHz, 600mA, DC/DC Step-Down Regulator
logo
Union Semiconductor, In...
UM3500 UNIONSEMI-UM3500 Datasheet
368Kb / 11P
   600mA, 1.5MHz, Synchronous Step-Down DC-DC Converter
UM3500 UNIONSEMI-UM3500_16 Datasheet
450Kb / 11P
   600mA, 1.5MHz, Synchronous Step-Down DC-DC Converter
logo
Champion Microelectroni...
CM3706 CHAMP-CM3706 Datasheet
391Kb / 11P
   1.5MHz, 600mA Synchronous Step-Down Regulator
logo
Feeling Technology Corp...
FP6160B FEELING-FP6160B Datasheet
422Kb / 14P
   1.5MHz, 600mA Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com