Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC13158FTB Datasheet(PDF) 8 Page - Motorola, Inc

Part # MC13158FTB
Description  WIDEBAND FM IF SUBSYSTEM FOR DECT AND DIGITAL APPLICATIONS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13158FTB Datasheet(HTML) 8 Page - Motorola, Inc

Back Button MC13158FTB Datasheet HTML 4Page - Motorola, Inc MC13158FTB Datasheet HTML 5Page - Motorola, Inc MC13158FTB Datasheet HTML 6Page - Motorola, Inc MC13158FTB Datasheet HTML 7Page - Motorola, Inc MC13158FTB Datasheet HTML 8Page - Motorola, Inc MC13158FTB Datasheet HTML 9Page - Motorola, Inc MC13158FTB Datasheet HTML 10Page - Motorola, Inc MC13158FTB Datasheet HTML 11Page - Motorola, Inc MC13158FTB Datasheet HTML 12Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
MC13158
8
MOTOROLA ANALOG IC DEVICE DATA
PIN FUNCTION DESCRIPTION (continued)
Description/External Circuit Requirements
Internal Equivalent Circuit
Symbol
Pin
7
VCC2
330
64 k
64 k
Li
10
VCC2
7
Supply Voltage (VCC2)
This pin is VCC supply for the Limiter,
Quadrature Detector, data slicer and RSSI
buffer circuits. In the application PC board this
pin is tied to a common VCC trace with VCC1.
8
9
Lim
In
Lim
Dec1
330
64 k
Lim
Dec2
Limiter Input
The limiter input impedance is 330
Ω.
Limiter Decoupling
10
Dec1
Lim
Dec2
Lim Dec1
9
Lim In
8
VEE2
16
Limiter Decoupling
Decoupling capacitors are placed directly at
these pins and to VCC (RF ground). Use the
same procedure as in the IF decoupling.
11,14,
27 & 28
N/C
No Connects
There is no internal connection to these pins;
however it is recommended that these pins be
connected externally to VCC (RF ground).
12
Lim
Out
13
Quad
12
Lim
Out
VCC2
7
Limiter Output
The output impedance is low. The limiter
drives a quadrature detector circuit with in–
phase and quadrature phase signals.
13
Quad
16
VEE2
5.0 p
Quadrature Detector Circuit
The quadrature detector is a doubly balanced
four–quadrant multiplier with an internal 5.0 pF
capacitor between Pins 12 and 13. An external
capacitor may be added to increase the IF
signal to Pin 13. The quadrature detector pin is
provided to connect the external RLC parallel
resonant network which provides the 90 degree
phase shift and drives the quadrature detector.
15
17
Det
Gain
Det
Out
Det
Out
17
Det
15
7
VCC2
Detector Buffer Amplifier
This is an inverting amplifier. An external feed-
back resistor from Pin 17 to 15, (the inverting
input) controls the output amplitude; another
resistor from Pin 15 to the negative supply
(Pin 16) sets the DC output level. A 1:1 resistor
ratio sets the output DC level at two VBE with
respect to VEE. A small capacitor from Pin 17 to
15 can be used to set the bandwidth.
16
VEE2
Out
VEE2
16
Det
Gain
Supply Ground (VEE2)
In the PCB layout, the ground pins (also applies
to Pin 26) should be connected directly to
chassis ground. Decoupling capacitors to VCC
should be placed directly at the ground pins.


Similar Part No. - MC13158FTB

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
MC13158FTB LANSDALE-MC13158FTB Datasheet
1,008Kb / 23P
   Wideband FM IF Subsystem For Dect and Digital Applications
MC13158FTB LANSDALE-MC13158FTB Datasheet
1Mb / 23P
   Wideband FM IF Subsystem For Dect and Digital Applications
More results

Similar Description - MC13158FTB

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML13158 LANSDALE-ML13158_08 Datasheet
1Mb / 23P
   Wideband FM IF Subsystem For Dect and Digital Applications
ML13158 LANSDALE-ML13158 Datasheet
1,008Kb / 23P
   Wideband FM IF Subsystem For Dect and Digital Applications
logo
Motorola, Inc
MC13159 MOTOROLA-MC13159 Datasheet
157Kb / 8P
   WIDEBAND FM IF SUBSYSTEM FOR PHS AND DIGITAL APPLICATIONS
logo
NXP Semiconductors
AN1998 PHILIPS-AN1998_15 Datasheet
1Mb / 20P
   An FM/IF system for DECT and other high-speed GFSK applications
Rev. 3-24 July 2014
logo
Analog Devices
AD6676 AD-AD6676 Datasheet
2Mb / 90P
   Wideband IF Receiver Subsystem
AD6676 AD-AD6676_17 Datasheet
1Mb / 90P
   Wideband IF Receiver Subsystem
logo
LANSDALE Semiconductor ...
ML13155 LANSDALE-ML13155 Datasheet
1,018Kb / 16P
   Wideband FM IF
logo
Motorola, Inc
MC13155 MOTOROLA-MC13155 Datasheet
310Kb / 16P
   Wideband FM IF
logo
NXP Semiconductors
MC13155 NXP-MC13155 Datasheet
364Kb / 16P
   Wideband FM IF
Rev 1
logo
LANSDALE Semiconductor ...
ML13155 LANSDALE-ML13155_08 Datasheet
355Kb / 16P
   Wideband FM IF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com