Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDB311G9020C-452 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # LDB311G9020C-452
Description  Chip Multilayer Hybrid Baluns
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LDB311G9020C-452 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  LDB311G9020C-452 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LDB311G9020C-452 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
8
301
Part Number
Frequency Range
(MHz)
Insertion Loss I)
(dB)
Insertion Loss II)
(dB)
Unbalance Impedance
(ohm)
Balance Impedance (Differential)
(ohm)
LDB21906M20C-001
906.0
±19.0MHz
1.3 max. (at 25
°C)
1.4 max. (-25~+85
°C)
50 (Nominal)
200 (Nominal)
LDB21924M05C-001
924.5
±35.5MHz
1.3 max. (at 25
°C)
1.4 max. (-25~+85
°C)
50 (Nominal)
50 (Nominal)
LDB21924M20C-001
924.5
±35.5MHz
1.3 max. (at 25
°C)
1.4 max. (-25~+85
°C)
50 (Nominal)
200 (Nominal)
LDB21942M05C-001
942.5
±17.5MHz
1.4 max. (at 25
°C)
1.5 max. (-25~+85
°C)
50 (Nominal)
50 (Nominal)
LDB21942M20C-001
942.5
±17.5MHz
1.3 max. (at 25
°C)
1.4 max. (-25~+85
°C)
50 (Nominal)
200 (Nominal)
LDB311G5005C-300
1500
±100MHz
0.8 max. (at 25
°C)
0.9 max. (-25~+85
°C)
50 (Nominal)
50 (Nominal)
LDB311G5010C-300
1500
±100MHz
0.8 max. (at 25
°C)
0.9 max. (-25~+85
°C)
50 (Nominal)
100 (Nominal)
LDB311G5020C-420
1500
±100MHz
0.8 max. (at 25
°C)
0.9 max. (-25~+85
°C)
50 (Nominal)
200 (Nominal)
LDB311G6005C-300
1600
±100MHz
0.8 max. (at 25
°C)
0.9 max. (-25~+85
°C)
50 (Nominal)
50 (Nominal)
LDB311G6010C-300
1600
±100MHz
0.8 max. (at 25
°C)
0.9 max. (-25~+85
°C)
50 (Nominal)
100 (Nominal)
LDB311G6020C-300
1600
±100MHz
0.8 max. (at 25
°C)
0.9 max. (-25~+85
°C)
50 (Nominal)
200 (Nominal)
LDB311G7005C-300
1700
±100MHz
0.8 max. (at 25
°C)
0.9 max. (-25~+85
°C)
50 (Nominal)
50 (Nominal)
LDB311G7010C-300
1700
±100MHz
0.8 max. (at 25
°C)
0.9 max. (-25~+85
°C)
50 (Nominal)
100 (Nominal)
LDB311G7020C-300
1700
±100MHz
0.8 max. (at 25
°C)
0.9 max. (-25~+85
°C)
50 (Nominal)
200 (Nominal)
LDB311G8005C-300
1800
±100MHz
0.8 max. (at 25
°C)
0.9 max. (-25~+85
°C)
50 (Nominal)
50 (Nominal)
LDB311G8010C-451
1800
±100MHz
0.8 max. (at 25
°C)
0.9 max. (-25~+85
°C)
50 (Nominal)
100 (Nominal)
LDB311G8020C-300
1800
±100MHz
0.8 max. (at 25
°C)
0.9 max. (-25~+85
°C)
50 (Nominal)
200 (Nominal)
LDB311G9005C-300
1900
±100MHz
0.8 max. (at 25
°C)
0.9 max. (-25~+85
°C)
50 (Nominal)
50 (Nominal)
LDB311G9010C-440
1900
±100MHz
0.8 max. (at 25
°C)
0.9 max. (-25~+85
°C)
50 (Nominal)
100 (Nominal)
LDB311G9020C-452
1900
±100MHz
0.8 max. (at 25
°C)
0.9 max. (-25~+85
°C)
50 (Nominal)
200 (Nominal)
LDB312G4005C-300
2400
±100MHz
0.8 max. (at 25
°C)
0.9 max. (-25~+85
°C)
50 (Nominal)
50 (Nominal)
LDB312G4010C-418
2400
±100MHz
0.8 max. (at 25
°C)
0.9 max. (-25~+85
°C)
50 (Nominal)
100 (Nominal)
LDB312G4020C-301
2400
±100MHz
0.8 max. (at 25
°C)
0.9 max. (-25~+85
°C)
50 (Nominal)
200 (Nominal)
LDB31900M05C-417
900
±100MHz
0.8 max. (at 25
°C)
0.9 max. (-25~+85
°C)
50 (Nominal)
50 (Nominal)
LDB31900M20C-416
900
±100MHz
0.8 max. (at 25
°C)
0.9 max. (-25~+85
°C)
50 (Nominal)
200 (Nominal)
!Note • This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications
before ordering. Especially, please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in them to prevent smoking and/or burning, etc.
• You are able to read a detailed specifications in the website (http://search.murata.co.jp/) before to require our product specifications or to transact the approval sheet for product specifications.
Continued from the preceding page.
Microwave Components
03.02.28


Similar Part No. - LDB311G9020C-452

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
LDB-350LW MEANWELL-LDB-350LW Datasheet
86Kb / 3P
   DC-DC Constant Current Buck-Boost LED driver
LDB-L MEANWELL-LDB-L Datasheet
86Kb / 3P
   DC-DC Constant Current Buck-Boost LED driver
logo
DONG IL TECHNOLOGY LTD.
LDB07097 DIT-LDB07097 Datasheet
865Kb / 2P
   CHOKE COIL
LDB10097 DIT-LDB10097 Datasheet
865Kb / 2P
   CHOKE COIL
logo
Schneider Electric
LDB101 SCHNEIDER-LDB101 Datasheet
57Kb / 2P
   WIREWAY 10 x 10 - N1 Paint - 1 ft lg
More results

Similar Description - LDB311G9020C-452

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LDB211G8110C-001 MURATA-LDB211G8110C-001 Datasheet
35Kb / 2P
   Chip Multilayer Hybrid Baluns
logo
NIC-Components Corp.
NGB_C NIC-NGB_C Datasheet
278Kb / 3P
   Multilayer Chip Baluns
logo
List of Unclassifed Man...
BL1608 ETC-BL1608 Datasheet
92Kb / 3P
   Multilayer Chip Baluns
logo
NIC-Components Corp.
NGB-C NIC-NGB-C Datasheet
367Kb / 3P
   Multilayer Chip Baluns
logo
TDK Electronics
HHM1583B1 TDK-HHM1583B1 Datasheet
54Kb / 2P
   Multilayer Chip Baluns For UWB
HHM1522A7 TDK-HHM1522A7 Datasheet
51Kb / 2P
   Multilayer Chip Baluns For AGSM/Tx & Rx
HHM1523B3 TDK-HHM1523B3 Datasheet
51Kb / 2P
   Multilayer Chip Baluns For AGSM/Tx & Rx
ATB3225-75011CT TDK-ATB3225-75011CT Datasheet
115Kb / 7P
   Wound Chip Baluns
HHM1518A3 TDK-HHM1518A3 Datasheet
51Kb / 2P
   Multilayer Chip Baluns For DCS-PCS/Tx & Rx
HHM1526 TDK-HHM1526 Datasheet
61Kb / 2P
   Multilayer Chip Baluns For DCS-PCS/Tx & Rx
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com