Electronic Components Datasheet Search
Selected language     English  ▼
Advanced Search

              



Part Name


AN6531 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part No. AN6531
Description  4-pin variable positive output voltage regulator
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo 

   
 3 page
background image
Voltage Regulators
AN6531
3
I Main Characteristics
02468
10
Time t (
µs)
10
0
−10
−20
15
10
5
Transient response to input variation
10
8
6
4
2
0
0
20
40
60
80 100 120 140 160
Ambient temperature T
a (°C)
PD
 Ta
(1) TC
= T
a
(2) With a 10
°C/W heat sink
(3) With a 20
°C/W heat sink
(4) Without heat sink
(4)
(3)
(2)
(1)
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0
4
8
12
16
20
24
28
32
Input/output voltage difference VDIF (V)
IO(peak)
 VDIF
125
°C
Tj
= 0°C
25
°C
2.8
2.4
2.0
1.6
1.2
0.8
0.4
−80 −40 0
40
80 120 160 200 240
Junction temperature Tj (
°C)
VDIF(min)
 Tj
IO
= 500mA
200mA
100mA
10mA
0mA
120
100
80
60
40
20
0
10
100
1k
10k
100k
1M
Frequency f (Hz)
RR
 f
VI
= 8 to 18V
VO
= 5V
IO
= 20mA
0
20406080
100
Time t (
µs)
0.5
0
−0.5
−1.0
1.0
0.5
0
Transient response to load variation
6
5
4
3
2
1
0
0
0.2
0.4
0.6
0.8
1.0
1.2
Output current IO (A)
Current limiting characteristic
10
100
1k
10k
100k
1M
Frequency f (Hz)
ZO
 f
VI
= 10V
VO
= 5V
Tj
= 25°C
104
103
102
10
VI
= 10V
VO
= 5V
IO
= 20mA
CO
= 0.1µF
Ta
= 25°C




Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PQ3DZ530.5A/1.0A Output General Purpose Surface Mount Type Low Power-Loss Voltage Regulator 1 2 3 4 5 MoreSharp Electrionic Components
NCP400150 mA CMOS Low Iq Low-Dropout Voltage Regulator with Voltage Detector Output 1 2 3 4 5 MoreON Semiconductor
B11171.0Amp Low Dropout Voltage Regulator 1 2 3 4 5 MoreList of Unclassifed Manufacturers
NCV514111.5 A 260 kHz Low Voltage Buck Regulator with Synchronization Capability 1 2 3 4 5 MoreON Semiconductor
LT1977High Voltage 1.5A 500kHz Step-Down Switching Regulator with 100uA Quiescent Current 1 2 3 4 5 MoreLinear Technology
MC100EP912.5 V/3.3 V Any Level Positive Input to -3.3 V/-5.5 V NECL Output Translator 1 2 3 4 5 MoreON Semiconductor
LM5010AHigh Voltage 1A Step Down Switching Regulator 1 2 3 4 5 MoreNational Semiconductor (TI)
NCP15211.5 MHz 600 mA High−Efficiency Low Quiescent Current Adjustable Output Voltage Step−Down Converter 1 2 3 4 5 MoreON Semiconductor
AD5764RComplete Quad 16-Bit High Accuracy Serial Input Bipolar Voltage Output DAC 1 2 3 4 5 MoreAnalog Devices
MC1723VOLTAGE REGULATOR 1 2 3 4 5 MoreMotorola, Inc

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl