Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74GTL2010PWE4 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74GTL2010PWE4
Description  10-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74GTL2010PWE4 Datasheet(HTML) 3 Page - Texas Instruments

  SN74GTL2010PWE4 Datasheet HTML 1Page - Texas Instruments SN74GTL2010PWE4 Datasheet HTML 2Page - Texas Instruments SN74GTL2010PWE4 Datasheet HTML 3Page - Texas Instruments SN74GTL2010PWE4 Datasheet HTML 4Page - Texas Instruments SN74GTL2010PWE4 Datasheet HTML 5Page - Texas Instruments SN74GTL2010PWE4 Datasheet HTML 6Page - Texas Instruments SN74GTL2010PWE4 Datasheet HTML 7Page - Texas Instruments SN74GTL2010PWE4 Datasheet HTML 8Page - Texas Instruments SN74GTL2010PWE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
www.ti.com
SA00647
SREF
S1
S10
DREF
D1
D10
GREF
GTL2010
10-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
SCDS221 – SEPTEMBER 2006
FUNCTION TABLES(1)
ABC
HIGH-to-LOW Translation (Assuming Dn is at the Higher Voltage Level)
INPUTS
OUTPUTS
GREF(2)
DREF
SREF
TRANSISTOR
D10–D1
S10–S1
H
H
0 V
X
X
Off
H
H
VTT(3)
H
VTT(4)
On
H
H
VTT
L
L(5)
On
L
L
0 – VTT
X
X
Off
(1)
H = HIGH voltage level, L = LOW voltage level, X = don't care
(2)
GREF should be at least 1.5 V higher than SREF for best translator operation.
(3)
VTT is equal to the SREF voltage.
(4)
Sn is not pulled up or pulled down.
(5)
Sn follows the Dn input LOW.
LOW-to-HIGH Translation (Assuming Dn is at the Higher Voltage Level)(1)
INPUTS
OUTPUTS
GREF(2)
DREF
SREF
TRANSISTOR
D10–D1
S10–S1
H
H
0 V
X
X
Off
H
H
VTT(3)
VTT
H(4)
Nearly off
H
H
VTT
L
L(5)
On
L
L
0 – VTT
X
X
Off
(1)
H = HIGH voltage level, L = LOW voltage level, X = don't care
(2)
GREF should be at least 1.5 V higher than SREF for best translator operation.
(3)
VTT is equal to the SREF voltage.
(4)
Dn is pulled up to VCC through an external resistor.
(5)
Dn follows the Sn input LOW.
CLAMP SCHEMATIC
3
Submit Documentation Feedback


Similar Part No. - SN74GTL2010PWE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74GTL2010PWE4 TI-SN74GTL2010PWE4 Datasheet
299Kb / 17P
[Old version datasheet]   10-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
SN74GTL2010PWE4 TI1-SN74GTL2010PWE4 Datasheet
535Kb / 18P
[Old version datasheet]   10-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
More results

Similar Description - SN74GTL2010PWE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
GTL2010 TI-GTL2010_07 Datasheet
299Kb / 17P
[Old version datasheet]   10-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
SN74GTL2010 TI1-SN74GTL2010 Datasheet
535Kb / 18P
[Old version datasheet]   10-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
logo
NXP Semiconductors
GTL2010 NXP-GTL2010 Datasheet
125Kb / 20P
   10-bit bidirectional low voltage translator
Rev. 06-3 March 2008
logo
Texas Instruments
SN74GTL2003 TI1-SN74GTL2003_15 Datasheet
995Kb / 25P
[Old version datasheet]   8-Bit Bidirectional Low-Voltage Translator
SN74GTL2003 TI1-SN74GTL2003 Datasheet
652Kb / 20P
[Old version datasheet]   8-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
logo
NXP Semiconductors
GTL2003 NXP-GTL2003 Datasheet
121Kb / 19P
   8-bit bidirectional low voltage translator
Rev. 01-27 July 2007
GTL2002 NXP-GTL2002 Datasheet
138Kb / 22P
   2-bit bidirectional low voltage translator
GTL2003 PHILIPS-GTL2003 Datasheet
113Kb / 19P
   8-bit bidirectional low voltage translator
Rev. 01-27 July 2007
logo
Pericom Semiconductor C...
PI4GTL2002 PERICOM-PI4GTL2002 Datasheet
537Kb / 12P
   2-bit bidirectional low voltage translator
logo
Texas Instruments
TXS0102 TI1-TXS0102_16 Datasheet
1Mb / 33P
[Old version datasheet]   2-Bit Bidirectional Voltage-Level Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com