Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM51W17400S-7 Datasheet(PDF) 11 Page - Hitachi Semiconductor

Part # HM51W17400S-7
Description  4,194,304-word x 4-bit Dynamic RAM
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HM51W17400S-7 Datasheet(HTML) 11 Page - Hitachi Semiconductor

Back Button HM51W17400S-7 Datasheet HTML 7Page - Hitachi Semiconductor HM51W17400S-7 Datasheet HTML 8Page - Hitachi Semiconductor HM51W17400S-7 Datasheet HTML 9Page - Hitachi Semiconductor HM51W17400S-7 Datasheet HTML 10Page - Hitachi Semiconductor HM51W17400S-7 Datasheet HTML 11Page - Hitachi Semiconductor HM51W17400S-7 Datasheet HTML 12Page - Hitachi Semiconductor HM51W17400S-7 Datasheet HTML 13Page - Hitachi Semiconductor HM51W17400S-7 Datasheet HTML 14Page - Hitachi Semiconductor HM51W17400S-7 Datasheet HTML 15Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
HM51W16400 Series, HM51W17400 Series
11
AC Characteristics (Ta = 0 to +70˚C, V
CC = 3.3 V ± 0.3 V, VSS = 0 V) *
1, *2, *18, *19
Test Conditions
Input rise and fall time: 5 ns
Input timing reference levels: 0.8 V, 2.0 V
Output timing reference levels: 0.8 V, 2.0 V
Output load: 1 TTL gate + C
L (100 pF) (Including scope and jig)
Read, Write, Read-Modify-Write and Refresh Cycles (Common parameters)
HM51W16400/HM51W17400
-5
-6
-7
Parameter
Symbol
Min
Max
Min
Max
Min
Max
Unit
Notes
Random read or write cycle time
t
RC
90
110
130
ns
RAS precharge time
t
RP
30
40
50
ns
CAS precharge time
t
CP
8—10
10
—ns
RAS pulse width
t
RAS
50
10000 60
10000 70
10000 ns
CAS pulse width
t
CAS
13
10000 15
10000 18
10000 ns
Row address setup time
t
ASR
0—0—0—ns
Row address hold time
t
RAH
8—10
10
—ns
Column address setup time
t
ASC
0—0—0—ns
Column address hold time
t
CAH
8—10
15
—ns
RAS to CAS delay time
t
RCD
18
37
20
45
20
52
ns
3
RAS to column address delay time
t
RAD
13
25
15
30
15
35
ns
4
RAS hold time
t
RSH
13
15
18
ns
CAS hold time
t
CSH
50
60
70
ns
CAS to RAS precharge time
t
CRP
5—5—5—ns
OE to Din delay time
t
OED
13
15
18
ns
5
OE delay time from Din
t
DZO
0—0—0—ns
6
CAS delay time from Din
t
DZC
0—0—0—ns
6
Transition time (rise and fall)
t
T
350
3
50
350
ns
7


Similar Part No. - HM51W17400S-7

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HM51W17405 ELPIDA-HM51W17405 Datasheet
625Kb / 35P
   16 M EDO DRAM (4-Mword 쨈 4-bit) 4 k Refresh/2 k Refresh
HM51W17405LS-5 ELPIDA-HM51W17405LS-5 Datasheet
625Kb / 35P
   16 M EDO DRAM (4-Mword 쨈 4-bit) 4 k Refresh/2 k Refresh
HM51W17405LS-6 ELPIDA-HM51W17405LS-6 Datasheet
625Kb / 35P
   16 M EDO DRAM (4-Mword 쨈 4-bit) 4 k Refresh/2 k Refresh
HM51W17405LS-7 ELPIDA-HM51W17405LS-7 Datasheet
625Kb / 35P
   16 M EDO DRAM (4-Mword 쨈 4-bit) 4 k Refresh/2 k Refresh
HM51W17405LTS-5 ELPIDA-HM51W17405LTS-5 Datasheet
625Kb / 35P
   16 M EDO DRAM (4-Mword 쨈 4-bit) 4 k Refresh/2 k Refresh
More results

Similar Description - HM51W17400S-7

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM5116400 HITACHI-HM5116400 Datasheet
273Kb / 33P
   4,194,304 - WORD X 4-BIT DYNAMIC RAM
logo
Toshiba Semiconductor
TC5116400BSJ TOSHIBA-TC5116400BSJ Datasheet
442Kb / 8P
   4,194,304 WORD X 4 BIT DYNAMIC RAM
TC5116400J TOSHIBA-TC5116400J Datasheet
1Mb / 25P
   4,194,304 WORD X 4 BIT DYNAMIC RAM
TC5117400BSJ TOSHIBA-TC5117400BSJ Datasheet
1Mb / 21P
   4,194,304 WORD X 4 BIT DYNAMIC RAM
TC514100AP TOSHIBA-TC514100AP Datasheet
635Kb / 21P
   4,194,304 WORD x BIT DYNAMIC RAM
TC514100APL TOSHIBA-TC514100APL Datasheet
632Kb / 21P
   4,194,304 WORD x BIT DYNAMIC RAM
TC514101AP TOSHIBA-TC514101AP Datasheet
721Kb / 23P
   4,194,304 WORD x 1 BIT DYNAMIC RAM
logo
List of Unclassifed Man...
TC514100J-10 ETC-TC514100J-10 Datasheet
647Kb / 24P
   4,194,304 WORD X 1 BIT DYNAMIC RAM
logo
Toshiba Semiconductor
TC5141001 TOSHIBA-TC5141001 Datasheet
647Kb / 24P
   4,194,304 WORD x 1 BIT DYNAMIC RAM
logo
OKI electronic componet...
MD56V62400 OKI-MD56V62400 Datasheet
303Kb / 28P
   4-Bank x 4,194,304-Word x 4-Bit SYNCHRONOUS DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com