Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT8889CN Datasheet(PDF) 9 Page - Zarlink Semiconductor Inc

Part # MT8889CN
Description  Integrated DTMF Transceiver with Adaptive Micro Interface
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT8889CN Datasheet(HTML) 9 Page - Zarlink Semiconductor Inc

Back Button MT8889CN Datasheet HTML 5Page - Zarlink Semiconductor Inc MT8889CN Datasheet HTML 6Page - Zarlink Semiconductor Inc MT8889CN Datasheet HTML 7Page - Zarlink Semiconductor Inc MT8889CN Datasheet HTML 8Page - Zarlink Semiconductor Inc MT8889CN Datasheet HTML 9Page - Zarlink Semiconductor Inc MT8889CN Datasheet HTML 10Page - Zarlink Semiconductor Inc MT8889CN Datasheet HTML 11Page - Zarlink Semiconductor Inc MT8889CN Datasheet HTML 12Page - Zarlink Semiconductor Inc MT8889CN Datasheet HTML 13Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
MT8889C
9
The adaptive micro interface provides access to five
internal
registers. The
read-only
Receive
Data
Register contains the decoded output of the last valid
DTMF digit received. Data entered into the write-only
Transmit Data Register will determine which tone
pair is to be generated (see Table 1 for coding
details). Transceiver control is accomplished with two
control registers (see Tables 6 and 7), CRA and
CRB, which have the same address. A write
operation to CRB is executed by first setting the most
significant bit (b3) in CRA. The following write
operation to the same address will then be directed
to CRB, and subsequent write cycles will be directed
back to CRA. The read-only status register indicates
the current transceiver state (see Table 8).
A software reset must be included at the beginning of
all programs to initialize the control registers upon
power-up or power reset (see Figure 15). Refer to
Tables 4-7 for bit descriptions of the two control
registers.
The multiplexed IRQ/CP pin can be programmed to
generate an interrupt upon validation of DTMF
signals or when the transmitter is ready for more
data (burst mode only). Alternatively, this pin can be
configured to provide a square-wave output of the
call progress signal. The IRQ/CP pin is an open drain
output and requires an external pull-up resistor (see
Figure 13).
Table 3. Internal Register Functions
Table 4. CRA Bit Positions
Table 5. CRB Bit Positions
Motorola
Intel
RS0
R/W
WR
RD
FUNCTION
00
0
1
Write to Transmit
Data Register
01
1
0
Read from Receive
Data Register
10
0
1
Write to Control Register
11
1
0
Read from Status Register
b3
b2
b1
b0
RSEL
IRQ
CP/DTMF
TOUT
b3
b2
b1
b0
C/R
S/D
TEST
BURST
ENABLE
Figure 12 a) & b) - MT8889 Interface Connections for Various Intel and Motorola Micros
MC6800/6802
MT8889
MT8889C
A0-A15
VMA
D0-D3
RW
MC68HC11
MC6809
MT8889
MT8889C
8031/8051
8080/8085
Φ2
CS
RS0
D0-D3
R/W/WR
DS/RD
A8-A15
AS
AD0-AD3
RW
CS
RS0
D0-D3
R/W/WR
DS/RD
DS
A0-A15
Q
E
D0-D3
R/W
CS
RS0
D0-D3
R/W/WR
DS/RD
A8-A15
ALE
P0
RD
WR
CS
D0-D3
RS0
DS/RD
R/W/WR
(a)
(b)


Similar Part No. - MT8889CN

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT8889CN MITEL-MT8889CN Datasheet
356Kb / 18P
   Integrated DTMFTransceiver with Adaptive Micro Interface
MT8889CN-1 MITEL-MT8889CN-1 Datasheet
356Kb / 18P
   Integrated DTMFTransceiver with Adaptive Micro Interface
More results

Similar Description - MT8889CN

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MT8888C ZARLINK-MT8888C Datasheet
684Kb / 25P
   Integrated DTMF Transceiver with Intel Micro Interface
logo
Mitel Networks Corporat...
MT8889C MITEL-MT8889C Datasheet
356Kb / 18P
   Integrated DTMFTransceiver with Adaptive Micro Interface
MT88L89 MITEL-MT88L89 Datasheet
352Kb / 20P
   3V Integrated DTMFTransceiver with Adaptive Micro Interface
MT8885 MITEL-MT8885 Datasheet
350Kb / 20P
   Integrated DTMFTransceiver with Power Down & Adaptive Micro Interface
MT88L85 MITEL-MT88L85 Datasheet
350Kb / 20P
   3V Integrated DTMFTransceiver with Power Down & Adaptive Micro Interface
logo
California Micro Device...
CM8880 CALMIRCO-CM8880 Datasheet
745Kb / 16P
   CMOS Integrated DTMF Transceiver
logo
OKI electronic componet...
MSM7524 OKI-MSM7524 Datasheet
128Kb / 21P
   DTMF Transceiver
ML7005 OKI-ML7005 Datasheet
202Kb / 25P
   DTMF Transceiver
logo
Clare, Inc.
M8880 CLARE-M8880 Datasheet
562Kb / 13P
   DTMF Transceiver
logo
LAPIS Semiconductor Co....
ML7005 LAPIS-ML7005 Datasheet
474Kb / 26P
   DTMF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com