Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJL34H000A Datasheet(PDF) 3 Page - New Japan Radio

Part # NJL34H000A
Description  INFRARED REMOTE CONTROL RECEIVER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJL34H000A Datasheet(HTML) 3 Page - New Japan Radio

  NJL34H000A Datasheet HTML 1Page - New Japan Radio NJL34H000A Datasheet HTML 2Page - New Japan Radio NJL34H000A Datasheet HTML 3Page - New Japan Radio NJL34H000A Datasheet HTML 4Page - New Japan Radio NJL34H000A Datasheet HTML 5Page - New Japan Radio NJL34H000A Datasheet HTML 6Page - New Japan Radio NJL34H000A Datasheet HTML 7Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
NJL31H/31V/32H/33H/34H000A
- 3 -
Ver.2004-08-27
SENSING DISTANCE : L
STANDARD
TRANSMITTER
Vout
Vcc
OUT
GND
20cm
+
-
10K
Vout
100K
4.9to5.1V
(2) Test system: Shown in Fig.3.
TYPICAL CHARACTERISTICS
Fig.3 TEST SYSTEM
Fig.2 STD.TRANSMITTER TEST CIRCUIT
Directivity
(Ta=25°C)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
-60 -50 -40 -30 -20 -10 0 102030405060
Angle θ (deg)
Horizontal
Vertical
Horizontal
Vertical
Spectral Response
(Ta=25°C )
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
600
700
800
900
1000
1100
Wavelength (nm)
Output Pulse Width vs. Distance
(Input Pulse Width=600us, Vcc=3.3V, Ta=25°C)
300
400
500
600
700
800
900
1000
0246
8
10
12
14
16
18
20
Transmission Distance Lc (m)
Transmission Distance vs. Supply Voltage
(Ta=25°C)
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Supply Voltage Vcc (V)


Similar Part No. - NJL34H000A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NJL3281D ONSEMI-NJL3281D Datasheet
103Kb / 8P
   Complementary ThermalTrak Transistors
December, 2004 ??Rev. P1
NJL3281D ONSEMI-NJL3281D Datasheet
75Kb / 7P
   Complementary ThermalTrak Transistors
June, 2006 ??Rev. 2
NJL3281DG ONSEMI-NJL3281DG Datasheet
75Kb / 7P
   Complementary ThermalTrak Transistors
June, 2006 ??Rev. 2
NJL3281D ONSEMI-NJL3281D_06 Datasheet
75Kb / 7P
   Complementary ThermalTrak Transistors
June, 2006 ??Rev. 2
More results

Similar Description - NJL34H000A

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJL71H000A NJRC-NJL71H000A Datasheet
124Kb / 5P
   INFRARED REMOTE CONTROL RECEIVER
logo
Princeton Technology Co...
PT2249A PTC-PT2249A Datasheet
48Kb / 6P
   Infrared Remote Control Receiver
logo
New Japan Radio
NJL24H400A NJRC-NJL24H400A Datasheet
150Kb / 7P
   INFRARED REMOTE CONTROL RECEIVER
NJL61V360A NJRC-NJL61V360A Datasheet
223Kb / 6P
   INFRARED REMOTE CONTROL RECEIVER
logo
STMicroelectronics
TDA8160 STMICROELECTRONICS-TDA8160 Datasheet
51Kb / 4P
   INFRARED REMOTE CONTROL RECEIVER
logo
Silan Microelectronics ...
SC9150A SILAN-SC9150A Datasheet
155Kb / 13P
   INFRARED REMOTE CONTROL RECEIVER
logo
Everlight Electronics C...
IRM-8885V-P EVERLIGHT-IRM-8885V-P Datasheet
231Kb / 9P
   Infrared Remote-control Receiver Module
IRM-8751-2 EVERLIGHT-IRM-8751-2 Datasheet
251Kb / 9P
   Infrared Remote-control Receiver Module
IRM-2638AF31 EVERLIGHT-IRM-2638AF31 Datasheet
220Kb / 9P
   Infrared Remote-control Receiver Module
IRM-2738F4 EVERLIGHT-IRM-2738F4 Datasheet
295Kb / 10P
   Infrared Remote-control Receiver Module
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com