Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA237NA Datasheet(PDF) 4 Page - Texas Instruments

Part # OPA237NA
Description  SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier??Series
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA237NA Datasheet(HTML) 4 Page - Texas Instruments

  OPA237NA Datasheet HTML 1Page - Texas Instruments OPA237NA Datasheet HTML 2Page - Texas Instruments OPA237NA Datasheet HTML 3Page - Texas Instruments OPA237NA Datasheet HTML 4Page - Texas Instruments OPA237NA Datasheet HTML 5Page - Texas Instruments OPA237NA Datasheet HTML 6Page - Texas Instruments OPA237NA Datasheet HTML 7Page - Texas Instruments OPA237NA Datasheet HTML 8Page - Texas Instruments OPA237NA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
®
OPA237, 2237, 4237
SPECIFICATIONS: VS = ±15V
At TA = +25°C, VS = ±15V, RL = 10kΩ connected to VS/2, unless otherwise noted.
OPA237UA, NA
OPA2237UA, EA
OPA4237UA
PARAMETER
CONDITION
MIN
TYP
MAX
UNITS
OFFSET VOLTAGE
Input Offset Voltage
VCM = 0V
±350
±950
µV
vs Temperature(1)
Specified Temperature Range
±2.5
±7
µV/°C
vs Power Supply (PSRR)
VS = ±1.35V to ±18V
10
30
µV/V
Channel Separation (dual and quad)
0.5
µV/V
INPUT BIAS CURRENT
Input Bias Current(2)
VCM = 0V
–8.5
–40
nA
Input Offset Current
VCM = 0V
±0.5
±10
nA
NOISE
Input Voltage Noise, f = 0.1 to 10Hz
1
µVp-p
Input Voltage Noise Density, f = 1kHz
28
nV/
√Hz
Current Noise Density, f = 1kHz
60
fA/
√Hz
INPUT VOLTAGE RANGE
Common-Mode Voltage Range
(V–) –0.2
(V+) –1.5
V
Common-Mode Rejection
VCM = –15V to 13.5V
80
90
dB
INPUT IMPEDANCE
Differential
5 • 106 || 4
Ω || pF
Common-Mode
5 • 109 || 2
Ω || pF
OPEN-LOOP GAIN
Open-Loop Voltage Gain
VO = –14V to 13.8V
80
88
dB
FREQUENCY RESPONSE
Gain-Bandwidth Product
1.5
MHz
Slew Rate
G = 1
0.5
V/
µs
Settling Time: 0.1%
G = –1, 10V Step, CL = 100pF
18
µs
0.01%
G = –1, 10V Step, CL = 100pF
21
µs
OUTPUT
Voltage Output, Positive
RL = 100kΩ
(V+) –1.2
(V+) –0.9
V
Negative
RL = 100kΩ
(V–) +0.5
(V–) +0.3
V
Positive
RL = 10kΩ
(V+) –1.2
(V+) –0.9
V
Negative
RL = 10kΩ
(V–) +1
(V–) +0.85
V
Short-Circuit Current
–8/+4.5
mA
Capacitive Load Drive (stable operation)
See Typical Curves
POWER SUPPLY
Specified Operating Voltage
±15
V
Operating Range
±1.35
±18
V
Quiescent Current (per amplifier)
±200
±475
µA
TEMPERATURE RANGE
Specified Range
–40
+85
°C
Operating Range
–55
+125
°C
Storage
–55
+125
°C
Thermal Resistance,
θ
JA
5-Lead SOT-23-5
200
°C/W
MSOP-8 Surface-Mount
150
°C/W
SSOP-16 Surface-Mount
150
°C/W
SO-8 Surface-Mount
150
°C/W
NOTES: (1) Guaranteed by wafer-level test to 95% confidence. (2) Positive conventional current flows into the input terminals.


Similar Part No. - OPA237NA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA237NA BURR-BROWN-OPA237NA Datasheet
217Kb / 10P
   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA237NA BURR-BROWN-OPA237NA Datasheet
1Mb / 19P
   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier??Series
logo
Texas Instruments
OPA237NA/250 TI1-OPA237NA/250 Datasheet
1Mb / 22P
[Old version datasheet]   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier Series
OPA237NA/250E4 TI1-OPA237NA/250E4 Datasheet
1Mb / 22P
[Old version datasheet]   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier Series
OPA237NA/3K TI1-OPA237NA/3K Datasheet
1Mb / 22P
[Old version datasheet]   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier Series
More results

Similar Description - OPA237NA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA237 BURR-BROWN-OPA237_07 Datasheet
1Mb / 19P
   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier??Series
logo
National Semiconductor ...
OPA237 NSC-OPA237 Datasheet
1Mb / 22P
   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier Series
logo
Texas Instruments
OPA237 TI1-OPA237 Datasheet
1Mb / 22P
[Old version datasheet]   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier Series
logo
Burr-Brown (TI)
OPA237 BURR-BROWN-OPA237 Datasheet
217Kb / 10P
   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA244 BURR-BROWN-OPA244 Datasheet
224Kb / 11P
   MicroPower, Single-Supply OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA338NA250 TI1-OPA338NA250 Datasheet
1Mb / 25P
[Old version datasheet]   MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS MicroAmplifier Series
logo
Burr-Brown (TI)
OPA337 BURR-BROWN-OPA337 Datasheet
179Kb / 9P
   MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA336 TI1-OPA336_17 Datasheet
1Mb / 27P
[Old version datasheet]   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier Series
logo
Burr-Brown (TI)
OPA2336 BURR-BROWN-OPA2336 Datasheet
621Kb / 17P
   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier Series
logo
Texas Instruments
OPA336NA3K TI1-OPA336NA3K Datasheet
1Mb / 24P
[Old version datasheet]   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier ??Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com