Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV7211AIDCKR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLV7211AIDCKR
Description  CMOS COMPARATORS WITH RAIL-TO-RAIL INPUT AND PUSH-PULL OUTPUT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV7211AIDCKR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV7211AIDCKR Datasheet HTML 3Page - Texas Instruments TLV7211AIDCKR Datasheet HTML 4Page - Texas Instruments TLV7211AIDCKR Datasheet HTML 5Page - Texas Instruments TLV7211AIDCKR Datasheet HTML 6Page - Texas Instruments TLV7211AIDCKR Datasheet HTML 7Page - Texas Instruments TLV7211AIDCKR Datasheet HTML 8Page - Texas Instruments TLV7211AIDCKR Datasheet HTML 9Page - Texas Instruments TLV7211AIDCKR Datasheet HTML 10Page - Texas Instruments TLV7211AIDCKR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
0
2
4
6
8
10
12
14
16
18
0
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15
Supply Voltage – V
Positive Input = 0 V
Negative Input = 0.1 V
TA = -40°C
TA = 25°C
TA = 85°C
TA = 125°C
0
1
2
3
4
5
6
7
0
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15
Supply Voltage – V
TA = -40°C
TA = 25°C
TA = 85°C
TA = 125°C
Positive Input = 0.1 V
Negative Input = 0 V
0
2
4
6
8
10
12
14
16
18
-40
-25
-10
5
20
35
50
65
80
95
110 125
Temperature – °C
Positive Input = 0 V
Negative Input = 0.1 V
15 V
5 V
2.7 V
0
1
2
3
4
5
6
-40
-25
-10
5
20
35
50
65
80
95
110 125
Temperature – °C
Positive Input = 0.1 V
Negative Input = 0 V
VCC = 15 V
VCC = 5 V
VCC = 2.7 V
TLV7211,, TLV7211A
CMOS COMPARATORS
WITH RAIL-TO-RAIL INPUT AND PUSH-PULL OUTPUT
SLCS149B – AUGUST 2006 – REVISED JANUARY 2007
SUPPLY CURRENT
SUPPLY CURRENT
vs
vs
SUPPLY VOLTAGE
SUPPLY VOLTAGE
(SOURCING)
(SINKING)
SUPPLY CURRENT
SUPPLY CURRENT
vs
vs
TEMPERATURE
TEMPERATURE
(SOURCING)
(SINKING)
7
Submit Documentation Feedback


Similar Part No. - TLV7211AIDCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV7211AIDCKR TI-TLV7211AIDCKR Datasheet
474Kb / 19P
[Old version datasheet]   CMOS COMPARATORS WITH RAIL-TO-RAIL INPUT AND PUSH-PULL OUTPUT
TLV7211AIDCKR TI-TLV7211AIDCKR Datasheet
722Kb / 20P
[Old version datasheet]   CMOS COMPARATORS WITH RAIL-TO-RAIL INPUT AND PUSH-PULL OUTPUT
TLV7211AIDCKRG4 TI-TLV7211AIDCKRG4 Datasheet
474Kb / 19P
[Old version datasheet]   CMOS COMPARATORS WITH RAIL-TO-RAIL INPUT AND PUSH-PULL OUTPUT
TLV7211AIDCKRG4 TI-TLV7211AIDCKRG4 Datasheet
722Kb / 20P
[Old version datasheet]   CMOS COMPARATORS WITH RAIL-TO-RAIL INPUT AND PUSH-PULL OUTPUT
More results

Similar Description - TLV7211AIDCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV7211 TI-TLV7211_07 Datasheet
474Kb / 19P
[Old version datasheet]   CMOS COMPARATORS WITH RAIL-TO-RAIL INPUT AND PUSH-PULL OUTPUT
TLV7211 TI-TLV7211_10 Datasheet
722Kb / 20P
[Old version datasheet]   CMOS COMPARATORS WITH RAIL-TO-RAIL INPUT AND PUSH-PULL OUTPUT
logo
New Japan Radio
NJU77230 NJRC-NJU77230 Datasheet
1Mb / 25P
   Rail-to-Rail Input,Push-Pull Output Low power CMOS Comparators
Ver.3
logo
National Semiconductor ...
LMC7211 NSC-LMC7211 Datasheet
328Kb / 13P
   Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
logo
Texas Instruments
LMC7211 TI1-LMC7211 Datasheet
431Kb / 18P
[Old version datasheet]   Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
LMC7211AIM5X TI-LMC7211AIM5X Datasheet
1Mb / 22P
[Old version datasheet]   LMC7211 Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
LMC7211-N TI1-LMC7211-N_14 Datasheet
1Mb / 23P
[Old version datasheet]   LMC7211 Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
LMC7211-N TI1-LMC7211-N Datasheet
1Mb / 22P
[Old version datasheet]   LMC7211 Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
LMC6762 TI1-LMC6762_14 Datasheet
1Mb / 22P
[Old version datasheet]   Dual MicroPower Rail-To-Rail Input CMOS Comparator with Push-Pull Output
logo
National Semiconductor ...
LMC6762 NSC-LMC6762 Datasheet
317Kb / 13P
   Dual MicroPower Rail-To-Rail Input CMOS Comparator with Push-Pull Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com