Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9703 Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT9703
Description  80m?? 3A Smart Universal Power Switch with Flag
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9703 Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT9703 Datasheet HTML 2Page - Richtek Technology Corporation RT9703 Datasheet HTML 3Page - Richtek Technology Corporation RT9703 Datasheet HTML 4Page - Richtek Technology Corporation RT9703 Datasheet HTML 5Page - Richtek Technology Corporation RT9703 Datasheet HTML 6Page - Richtek Technology Corporation RT9703 Datasheet HTML 7Page - Richtek Technology Corporation RT9703 Datasheet HTML 8Page - Richtek Technology Corporation RT9703 Datasheet HTML 9Page - Richtek Technology Corporation RT9703 Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
RT9703
Preliminary
Typical Operating Characteristics
On-State Supply Current vs. Input Voltage
10
15
20
25
30
35
40
45
50
1.5
2
2.5
3
3.5
4
4.5
5
5.5
Input Voltage (V)
VCE = 5V
CIN = 10uF
RL = Open
RSET = 100k
Off-State Supply Current vs. Input Voltage
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
1.52
2.53
3.5
4
4.5
5
5.5
Input Voltage (V)
VCE = 5V
CIN = 10uF
COUT = 33uF
RL = Open
RSET = 100k
On-State Supply Current vs. Temperature
10
15
20
25
30
35
40
45
50
-40
-20
0
20
40
60
80
100
120
Temperature
VIN = VCE = 5V
CIN = 10uF
COUT = 33uF
RL = Open
RSET = 100k
(°C)
Off-State Supply Current vs. Temperature
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
-40
-20
0
20406080
100
120
Temperature
VIN = 5V, VCE = 0V
CIN = 10uF
COUT = 33uF
RL = Open
RSET = 100k
(°C)
Current Limit vs. Input Voltage
1.6
1.7
1.8
1.9
2
2.1
22.5
33.5
44.5
55.5
Input Voltage (V)
CIN = 10uF, COUT = 33uF
RL = 0.5
Ω, RSET = 100kΩ
S2 = ON, S3 = OFF
Current Limit vs. Temperature
1.6
1.7
1.8
1.9
2
2.1
-40
-20
0
20
406080
100
120
Temperature
VIN = 5V
CIN = 10uF, COUT = 33uF
RL = 0.5
Ω , RSET = 100kΩ
S2 = ON, S3 = OFF
(°C)
5
5
2
2
2
2


Similar Part No. - RT9703

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9703 RICHTEK-RT9703 Datasheet
246Kb / 14P
   80m廓, 3A Smart Universal Power Switch with Flag
RT9703GS RICHTEK-RT9703GS Datasheet
246Kb / 14P
   80m廓, 3A Smart Universal Power Switch with Flag
RT9703PS RICHTEK-RT9703PS Datasheet
246Kb / 14P
   80m廓, 3A Smart Universal Power Switch with Flag
RT9703 RICHTEK-RT9703_07 Datasheet
246Kb / 14P
   80m廓, 3A Smart Universal Power Switch with Flag
RT9703 RICHTEK-RT9703_11 Datasheet
262Kb / 14P
   80m廓, 3A Smart Universal Power Switch with Flag
More results

Similar Description - RT9703

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9703 RICHTEK-RT9703_11 Datasheet
262Kb / 14P
   80m廓, 3A Smart Universal Power Switch with Flag
RT9703 RICHTEK-RT9703_07 Datasheet
246Kb / 14P
   80m廓, 3A Smart Universal Power Switch with Flag
RT9706 RICHTEK-RT9706_11 Datasheet
300Kb / 14P
   80m廓, 500mA High-Side Power Switch with Flag
RT9706 RICHTEK-RT9706 Datasheet
295Kb / 14P
   80m廓, 500mA High-Side Power Switch with Flag
logo
Lowpower Semiconductor ...
LPW5213 POWER-LPW5213 Datasheet
269Kb / 5P
   3A Smart Power Switch
LPW5203 POWER-LPW5203 Datasheet
238Kb / 5P
   3A Smart Power Switch
logo
Richtek Technology Corp...
RT9711 RICHTEK-RT9711 Datasheet
248Kb / 15P
   80m廓, 1.5A High-Side Power Switches with Flag
RT9721A RICHTEK-RT9721A Datasheet
204Kb / 13P
   80m廓, 500mA High-Side Power Switches with Flag
RT9702 RICHTEK-RT9702_11 Datasheet
364Kb / 16P
   80m廓, 500mA/1.1A High Side Power Switches with Flag
RT9702 RICHTEK-RT9702 Datasheet
251Kb / 16P
   80m廓, 500mA/1.1A High-Side Power Switches with Flag
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com