Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1486 Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC1486
Description  Dual Synchronous Buck Pseudo Fixed Frequency DDR Power Supply Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1486 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC1486 Datasheet HTML 4Page - Semtech Corporation SC1486 Datasheet HTML 5Page - Semtech Corporation SC1486 Datasheet HTML 6Page - Semtech Corporation SC1486 Datasheet HTML 7Page - Semtech Corporation SC1486 Datasheet HTML 8Page - Semtech Corporation SC1486 Datasheet HTML 9Page - Semtech Corporation SC1486 Datasheet HTML 10Page - Semtech Corporation SC1486 Datasheet HTML 11Page - Semtech Corporation SC1486 Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
 2002 Semtech Corp.
www.semtech.com
SC1486
POWER MANAGEMENT
Block Diagram
7
6
5
HI
VBAT
FB1
VDDQ
+5V
OC
ZEROI
OV
UV
+5V
VBAT
VCCA
22
EN/PSV1
23
24
25
VOUT
TON1
VDDQ
VCCA1
26
FBK1
27
PGOOD1
28
AGND1
4
3
2
1
PGND1
DL1
VDDP1
ILIM1
LX1
DH1
BST1
REF+10%
REF- 10%
REF - 30%
FB1
ISENSE
LO
CONTROL
LOGIC
REF
OT
POR/SS
TON
TOFF
X3
FAULT
MONITOR
PWM
ON
OFF
PWM
1.5V
21
20
19
POR/SS
OT
+
-
FAULT
MONITOR
HI
LO
VDDP
VDDQ
PWM
TON
VTT
CONTROL
LOGIC
TOFF
ISENSE
+5V
OC
ZEROI
ON
OFF
PWM
OV
UV
+5V
VDDQ
8
REFIN
9
10
11
REFOUT
TON2
VCCA2
12
FBK2
13
PGOOD2
14
AGND2
18
17
16
15
PGND2
DL2
VDDP2
ILIM2
LX2
DH2
BST2
VDDQ= 2.5V
+
-
VTT
REF+10%
REF- 10%
REF- 30%
REF
BUFFER
VCCA1
VDDP
VCCA2
VDDP2
VREF
FIGURE 1 - SC1486 Block Diagram


Similar Part No. - SC1486

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1486 SEMTECH-SC1486 Datasheet
333Kb / 17P
   Dual Synchronous Buck Pseudo Fixed Frequency DDR Power Supply Controller
SC1486A SEMTECH-SC1486A Datasheet
629Kb / 29P
   Dual Synchronous Buck DDR and DDR2 Power Supply Controller
SC1486AEVB SEMTECH-SC1486AEVB Datasheet
629Kb / 29P
   Dual Synchronous Buck DDR and DDR2 Power Supply Controller
SC1486AEVB SEMTECH-SC1486AEVB Datasheet
614Kb / 30P
   Complete DDR1/2/3 Power Supply Controller
SC1486AITSTR SEMTECH-SC1486AITSTR Datasheet
629Kb / 29P
   Dual Synchronous Buck DDR and DDR2 Power Supply Controller
More results

Similar Description - SC1486

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1486 SEMTECH-SC1486_03 Datasheet
333Kb / 17P
   Dual Synchronous Buck Pseudo Fixed Frequency DDR Power Supply Controller
SC1485 SEMTECH-SC1485_05 Datasheet
463Kb / 27P
   Dual Synchronous Buck Pseudo Fixed Frequency Power Supply Controller
SC1485 SEMTECH-SC1485 Datasheet
362Kb / 17P
   Dual Synchronous Buck Pseudo Fixed Frequency Power Supply Controller
SC483 SEMTECH-SC483 Datasheet
464Kb / 27P
   Dual Synchronous Buck Pseudo Fixed Frequency Power Supply Controller
SC411 SEMTECH-SC411 Datasheet
476Kb / 27P
   Synchronous Buck Pseudo-Fixed Frequency Power Supply Controller
SC1470 SEMTECH-SC1470 Datasheet
397Kb / 25P
   Synchronous Buck Pseudo Fixed Frequency Power Supply Controller
SC1486A SEMTECH-SC1486A Datasheet
629Kb / 29P
   Dual Synchronous Buck DDR and DDR2 Power Supply Controller
logo
Sipex Corporation
SP6134HV SIPEX-SP6134HV Datasheet
141Kb / 14P
   Dual Supply Synchronous Buck Controller
SP6137HV SIPEX-SP6137HV Datasheet
265Kb / 13P
   Dual Supply Synchronous Buck Controller
SP6134 SIPEX-SP6134_06 Datasheet
176Kb / 14P
   Dual Supply Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com