Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9183L-18CS Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT9183L-18CS
Description  Ultra Low Dropout 1.5A Linear Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9183L-18CS Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT9183L-18CS Datasheet HTML 4Page - Richtek Technology Corporation RT9183L-18CS Datasheet HTML 5Page - Richtek Technology Corporation RT9183L-18CS Datasheet HTML 6Page - Richtek Technology Corporation RT9183L-18CS Datasheet HTML 7Page - Richtek Technology Corporation RT9183L-18CS Datasheet HTML 8Page - Richtek Technology Corporation RT9183L-18CS Datasheet HTML 9Page - Richtek Technology Corporation RT9183L-18CS Datasheet HTML 10Page - Richtek Technology Corporation RT9183L-18CS Datasheet HTML 11Page - Richtek Technology Corporation RT9183L-18CS Datasheet HTML 12Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
RT9183
8
DS9183-14 April 2008
www.richtek.com
EN Pin Shutdown Response
RT9183H-18xS
Time (500us/Div)
CIN = COUT = 10uF (Ceramic,Y5V)
ILOAD = 100mA, VIN = 5V, TA =25°C
0
2
1
0
5
Reference Voltage vs. Temperature
0.75
0.77
0.79
0.81
0.83
0.85
-50
-25
0
25
50
75
100
125
Temperature (
°C)
VIN = 5V,CIN = COUT = 10uF (Electrolysis)
RT9183H-xS
Line Transient Regulation
Time (100us/Div)
COUT = 47uF/Low ESR
ILOAD = 100mA
5
4
10
0
RT9183-12xGF
Time (100us/Div)
RT9183H-18xS
COUT = 47uF/Low ESR, ILOAD = 100mA
Line Transient Response
-10
10
0
4
5
EN Pin Shutdown Threshold vs. Temperature
0.7
0.8
0.9
1
1.1
-50
-25
0
25
50
75
100
125
Temperature
RT9183L-33xM5
VOUT Off to On
VOUT On to Off
(
°C)
EN Pin Threshold Voltage vs. Temperature


Similar Part No. - RT9183L-18CS

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9183L-18GG RICHTEK-RT9183L-18GG Datasheet
214Kb / 16P
   Ultra Low Dropout 1.5A Linear Regulator
RT9183L-18GGF RICHTEK-RT9183L-18GGF Datasheet
214Kb / 16P
   Ultra Low Dropout 1.5A Linear Regulator
RT9183L-18GM RICHTEK-RT9183L-18GM Datasheet
214Kb / 16P
   Ultra Low Dropout 1.5A Linear Regulator
RT9183L-18GM5 RICHTEK-RT9183L-18GM5 Datasheet
214Kb / 16P
   Ultra Low Dropout 1.5A Linear Regulator
RT9183L-18GS RICHTEK-RT9183L-18GS Datasheet
214Kb / 16P
   Ultra Low Dropout 1.5A Linear Regulator
More results

Similar Description - RT9183L-18CS

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ39151 BCDSEMI-AZ39151 Datasheet
166Kb / 12P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39150 BCDSEMI-AZ39150_12 Datasheet
877Kb / 19P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39150 BCDSEMI-AZ39150 Datasheet
181Kb / 13P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Richtek Technology Corp...
RT9183 RICHTEK-RT9183_07 Datasheet
214Kb / 16P
   Ultra Low Dropout 1.5A Linear Regulator
logo
List of Unclassifed Man...
TJ3965 ETC1-TJ3965 Datasheet
206Kb / 9P
   1.5A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8951 A-POWER-APE8951 Datasheet
442Kb / 8P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Richtek Technology Corp...
RT9183A RICHTEK-RT9183A Datasheet
237Kb / 17P
   Ultra Low Dropout 1.5A Linear Regulator
logo
Unisonic Technologies
L1803 UTC-L1803_17 Datasheet
238Kb / 6P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ3965 HTC-TJ3965 Datasheet
361Kb / 12P
   1.5A Ultra Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ39151 BCDSEMI-AZ39151_11 Datasheet
728Kb / 13P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com