Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC3928 Datasheet(PDF) 5 Page - Texas Instruments

Part # UCC3928
Description  HIGH-VOLTAGE HOT-SWAP POWER MANAGER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC3928 Datasheet(HTML) 5 Page - Texas Instruments

  UCC3928 Datasheet HTML 1Page - Texas Instruments UCC3928 Datasheet HTML 2Page - Texas Instruments UCC3928 Datasheet HTML 3Page - Texas Instruments UCC3928 Datasheet HTML 4Page - Texas Instruments UCC3928 Datasheet HTML 5Page - Texas Instruments UCC3928 Datasheet HTML 6Page - Texas Instruments UCC3928 Datasheet HTML 7Page - Texas Instruments UCC3928 Datasheet HTML 8Page - Texas Instruments UCC3928 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
UCC3923, UCC3924, UCC3925, UCC3926, UCC3927, UCC3928
HIGHVOLTAGE HOT SWAP POWER MANAGER
SLUS471 – NOVEMBER 2000
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
detailed description (continued)
logic command to turn on power-to-load
Three logic inputs enable the load: INSA, INSB, and ON. To turn on the load, INSA and INSB must be lower
than a TTL threshold above –VIN and ON must be more than a TTL threshold above GND.
overvoltage/undervoltage lockout
In addition to the logic inputs INSA, INSB, and ON, two other inputs enable load current: OVLO and UVLO.
Specifically, OVLO must be less than 1.25 V with respect to –VIN and UVLO must be more than 1.25 V with
respect to –VIN to enable load current. These pins can be used as logic inputs or as precision overvoltage
shutdown and undervoltage lockout inputs by connecting these inputs to a voltage divider from GND to –VIN.
enable downstream power converter
The IC has five outputs to enable downstream power converters or loads. These outputs are open-drain
active-low drivers. During power–up, all five outputs are high–impedance. When load current is ramped up to
maximum command and the output power FET has VDS < 1 V, CSEQTIME starts to charge and PG1 immediately
asserts low. When CSEQTIME charges up to 1 V, PG2 asserts low. When CSEQTIME charges up to 2 V, PG3
asserts low. When CSEQTIME charges up to 3 V, PG4 asserts low and when CSEQTIME charges up to 4 V, PG4
asserts low.
reference output
REF is a voltage reference output 5 V higher than –VIN. This output is enabled whenever –VIN to GND is
greater than 20 V. This reference can be used as a bias for cascode devices to buffer low-voltage logic outputs.
This reference should not be loaded with more than 50
µA.
programming for downstream load sequencing
These outputs turn on sequentially, with PG1 turning on first, PG2 second, etc. The delay from PG1 to PG2
is the time required to charge the capacitor from SEQTIME to –VIN by 1 V. SEQTIME is pulled high through
a 10-
µA current source, so the delay between output enables is C/10 µA.
negative supply input
–VIN is the negative supply input to the IC. All signals are measured with respect to –VIN except ON. In positive
supply systems, –VIN is the ground input to the IC.


Similar Part No. - UCC3928

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3920 TI1-UCC3920 Datasheet
251Kb / 7P
[Old version datasheet]   ??V to ??5V Hot Swap Power Manager
UCC3920DP TI1-UCC3920DP Datasheet
251Kb / 7P
[Old version datasheet]   ??V to ??5V Hot Swap Power Manager
UCC3920N TI1-UCC3920N Datasheet
251Kb / 7P
[Old version datasheet]   ??V to ??5V Hot Swap Power Manager
UCC3921 TI-UCC3921 Datasheet
497Kb / 11P
[Old version datasheet]   Latchable Negative Floating Hot Swap Power Manager
UCC3921D TI1-UCC3921D Datasheet
1Mb / 16P
[Old version datasheet]   Latchable Negative Floating Hot Swap Power Manager
More results

Similar Description - UCC3928

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2913 TI-UCC2913 Datasheet
314Kb / 17P
[Old version datasheet]   NEGATIVE VOLTAGE HOT SWAP POWER MANAGER
UCC1913 TI-UCC1913 Datasheet
123Kb / 9P
[Old version datasheet]   Negative Voltage Hot Swap Power Manager
UCC2913 TI1-UCC2913_15 Datasheet
914Kb / 21P
[Old version datasheet]   NEGATIVE VOLTAGE HOT SWAP POWER MANAGER
UCC3912 TI-UCC3912 Datasheet
148Kb / 6P
[Old version datasheet]   Programmable Hot Swap Power Manager
TPS2345 TI1-TPS2345 Datasheet
480Kb / 30P
[Old version datasheet]   CompactPCI짰 HOT SWAP POWER MANAGER
UCC2912 TI1-UCC2912 Datasheet
659Kb / 16P
[Old version datasheet]   PROGRAMMABLE HOT SWAP POWER MANAGER
UCC3917D TI1-UCC3917D Datasheet
1Mb / 25P
[Old version datasheet]   Positive Floating Hot-Swap Power Manager
TPS2306 TI-TPS2306 Datasheet
407Kb / 28P
[Old version datasheet]   DUAL SEQUENCING HOT SWAP POWER MANAGER
UCC39151 TI-UCC39151 Datasheet
203Kb / 6P
[Old version datasheet]   15V Programmable Hot Swap Power Manager
UCC1917 TI-UCC1917 Datasheet
228Kb / 9P
[Old version datasheet]   Positive Floating Hot Swap Power Manager
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com