Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPB1508GV Datasheet(PDF) 2 Page - California Eastern Labs

Part # UPB1508GV
Description  3.0 GHz DIVIDE BY 2 PRESCALER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

UPB1508GV Datasheet(HTML) 2 Page - California Eastern Labs

  UPB1508GV Datasheet HTML 1Page - California Eastern Labs UPB1508GV Datasheet HTML 2Page - California Eastern Labs UPB1508GV Datasheet HTML 3Page - California Eastern Labs UPB1508GV Datasheet HTML 4Page - California Eastern Labs UPB1508GV Datasheet HTML 5Page - California Eastern Labs UPB1508GV Datasheet HTML 6Page - California Eastern Labs UPB1508GV Datasheet HTML 7Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Pin no.
Symbol
Applied
Pin
Description
Voltage
Voltage
1VCC
4.5 to 5.5
Power supply pin. This pin must be equipped with
bypass capacitor (eg 1000 pF) to ground.
2
IN
1.7 to 4.95
Signal input pin. This pin should be coupled with a capacitor (eg 1000 pF).
3
IN
1.7 to 4.95
Signal input bypass pin. This pin must be equipped with a bypass capacitor
(eg 1000 pF) to ground.
4, 5
GND
0
Ground pin. Ground pattern on the board should be formed as wide as possible to
minimize ground impedance.
6
NC
No connection. This pin should be left open.
7
OUT
1.0 to 4.7
Divided frequency output pin.
This pin should be coupled to load device with a capacitor (eg 1000 pF).
8
NC
No connection. This pin should be left open.
ABSOLUTE MAXIMUM RATINGS1 (TA = 25°C)
SYMBOLS
PARAMETERS
UNITS
RATINGS
VCC
Supply Voltage
V
6.0
VIN
Input Voltage
V
6.0
PT
Total Power Dissipation2
mW
250
TOP
Operating Temperature
°C
-40 to +85
TSTG
Storage Temperature
°C
-55 to +150
UPB1508GV
SYMBOL
PARAMETER
UNITS MIN TYP MAX
VCC
Supply Voltage
V
4.5
5.0
5.5
TOP
Operating Temperature
°C
-40
+25
+85
RECOMMENDED
OPERATING CONDITIONS
Notes:
1. Operation in excess of any one of these parameters may result
in permanent damage.
2. Mounted on a double-sided copper clad 50x50x1.6 mm epoxy
glass PWB (TA = +85˚C).
TEST CIRCUIT
PIN DESCRIPTIONS
Signal Generator
Power Supply
5 V
±0.5 V
1000 pF
1000 pF
1000 pF
1000 pF
1000 pF
C1
C2
C4
OPEN
OPEN
Counter HP5350B
(Spectrum Analyzer)
C3
HP8665A
50
50
1
2
3
4
8
7
6
5


Similar Part No. - UPB1508GV

ManufacturerPart #DatasheetDescription
logo
NEC
UPB1508GV NEC-UPB1508GV Datasheet
77Kb / 12P
   3 GHz INPUT DIVIDE BY 2 PRESCALER IC FOR DBS TUNERS
logo
Renesas Technology Corp
UPB1508GV RENESAS-UPB1508GV Datasheet
205Kb / 14P
   BIPOLAR DIGITAL INTEGRATED CIRCUIT
1996
logo
NEC
UPB1508GV-E1 NEC-UPB1508GV-E1 Datasheet
77Kb / 12P
   3 GHz INPUT DIVIDE BY 2 PRESCALER IC FOR DBS TUNERS
logo
Renesas Technology Corp
UPB1508GV-E1 RENESAS-UPB1508GV-E1 Datasheet
205Kb / 14P
   BIPOLAR DIGITAL INTEGRATED CIRCUIT
1996
More results

Similar Description - UPB1508GV

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPB1510GV CEL-UPB1510GV Datasheet
213Kb / 7P
   3.0 GHz DIVIDE BY 4 PRESCALER
logo
Peregrine Semiconductor...
PE9304 PEREGRINE-PE9304_15 Datasheet
216Kb / 6P
   Divide-by-2 Prescaler
logo
NEC
UPB581B NEC-UPB581B Datasheet
76Kb / 4P
   DIVIDE- BY- 2 PRESCALER
logo
Lucky Light Electronic
PE3511 LUCKY-LIGHT-PE3511_15 Datasheet
260Kb / 9P
   Divide-by-2 Prescaler
logo
Peregrine Semiconductor...
PE9301 PEREGRINE-PE9301_15 Datasheet
230Kb / 7P
   Divide-by-2 Prescaler
PE3511 PEREGRINE-PE3511_15 Datasheet
260Kb / 9P
   Divide-by-2 Prescaler
logo
California Eastern Labs
UPB1507GV CEL-UPB1507GV Datasheet
140Kb / 11P
   NEC 3.0 GHz DIVIDE BY 64/128/256 PRESCALER
logo
Analog Devices
ADF5000 AD-ADF5000 Datasheet
214Kb / 12P
   4 GHz to 18 GHz Divide-by-2 Prescaler
REV. 0
ADF5000BCPZ AD-ADF5000BCPZ Datasheet
214Kb / 12P
   4 GHz to 18 GHz Divide-by-2 Prescaler
REV. 0
logo
Hittite Microwave Corpo...
HMC-C005 HITTITE-HMC-C005 Datasheet
503Kb / 4P
   DIVIDE-BY-2 PRESCALER MODULE, 0.5 - 18 GHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com