Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SK1303MS Datasheet(PDF) 3 Page - Semtech Corporation

Part # SK1303MS
Description  LVDS Receiver/Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SK1303MS Datasheet(HTML) 3 Page - Semtech Corporation

  SK1303MS Datasheet HTML 1Page - Semtech Corporation SK1303MS Datasheet HTML 2Page - Semtech Corporation SK1303MS Datasheet HTML 3Page - Semtech Corporation SK1303MS Datasheet HTML 4Page - Semtech Corporation SK1303MS Datasheet HTML 5Page - Semtech Corporation SK1303MS Datasheet HTML 6Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
www.semtech.com
SK1303
Revision 1/ April 10, 2002
HIGH-PER.ORMANCE PRODUCTS
END VIEW
TOP VIEW
5
4
8
1
H
E
BOTTOM VIEW
Be
DETAIL A
L
q
See Detail A
D
A
C
8 Pin MSOP Package
NOTES:
1. Dimensions are in mm
2. Controlling dimension: mm
3. Dimension does not include
mold flash or protrusions,
either of which shall not
exceed 0.20
MILLIMETERS
DIM
MIN
MAX
A
0.94
1.1
B0.25
C
0.13
0.23
D
2.90
3.10
E
2.90
3.10
e
0.65
BSC
H
4.75
5.1
L
0.4
0.7
θ
0
o
6
o
0.40
Package Information (continued)


Similar Part No. - SK1303MS

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
SK130 CHENG-YI-SK130 Datasheet
105Kb / 2P
   MINIATURE SCHOTTKY BARRIER RECTIFIER
logo
Semtech Corporation
SK1300 SEMTECH-SK1300 Datasheet
117Kb / 6P
   PECL / LVPECL to LVDS Translator
SK1300D SEMTECH-SK1300D Datasheet
117Kb / 6P
   PECL / LVPECL to LVDS Translator
SK1300DT SEMTECH-SK1300DT Datasheet
117Kb / 6P
   PECL / LVPECL to LVDS Translator
SK1300MS SEMTECH-SK1300MS Datasheet
117Kb / 6P
   PECL / LVPECL to LVDS Translator
More results

Similar Description - SK1303MS

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS91D180 NSC-DS91D180 Datasheet
607Kb / 13P
   Multipoint LVDS (M-LVDS) Line Driver/Receiver
logo
Maxim Integrated Produc...
MAX9164 MAXIM-MAX9164 Datasheet
236Kb / 10P
   3.3V Single LVDS Driver/Receiver
19-2738; Rev 0; 1/03
logo
STMicroelectronics
RHFLVDSR2D2 STMICROELECTRONICS-RHFLVDSR2D2 Datasheet
437Kb / 17P
   Rad-hard dual LVDS driver-receiver
March 2015 Rev 3
logo
Texas Instruments
SN65MLVD201 TI-SN65MLVD201_10 Datasheet
749Kb / 28P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD201 TI-SN65MLVD201_07 Datasheet
695Kb / 26P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD201 TI-SN65MLVD201 Datasheet
329Kb / 10P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD200A TI1-SN65MLVD200A_15 Datasheet
1Mb / 38P
[Old version datasheet]   Multipoint-LVDS Line Driver and Receiver
logo
STMicroelectronics
LEOLVDSRD STMICROELECTRONICS-LEOLVDSRD Datasheet
795Kb / 23P
   Rad-hard plastic LVDS driver-receiver
June 2022 Rev 4
logo
Texas Instruments
SN65MLVD200A TI-SN65MLVD200A_08 Datasheet
667Kb / 25P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD200A TI-SN65MLVD200A Datasheet
547Kb / 26P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com