Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9183H-25CM Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT9183H-25CM
Description  Ultra Low Dropout 1.5A Linear Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9183H-25CM Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT9183H-25CM Datasheet HTML 2Page - Richtek Technology Corporation RT9183H-25CM Datasheet HTML 3Page - Richtek Technology Corporation RT9183H-25CM Datasheet HTML 4Page - Richtek Technology Corporation RT9183H-25CM Datasheet HTML 5Page - Richtek Technology Corporation RT9183H-25CM Datasheet HTML 6Page - Richtek Technology Corporation RT9183H-25CM Datasheet HTML 7Page - Richtek Technology Corporation RT9183H-25CM Datasheet HTML 8Page - Richtek Technology Corporation RT9183H-25CM Datasheet HTML 9Page - Richtek Technology Corporation RT9183H-25CM Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
RT9183
6
DS9183-14 April 2008
www.richtek.com
Typical Operating Characteristics
Output Voltage vs. Temperature
1.7
1.75
1.8
1.85
1.9
-50
-25
0
25
50
75
100
125
Temperature
(
°C)
RT9183H-18xS
VIN = 5V, RL =
CIN = COUT = 10uF (Ceramic,Y5V)
Output Voltage vs. Temperature
2.4
2.45
2.5
2.55
2.6
-50
-25
0
25
50
75
100
125
Temperature
VIN = 5V, RL =
CIN = COUT = 10uF (Ceramic,Y5V)
(
°C)
RT9183-25xG
Quiescent Current vs. Temperature
300
320
340
360
380
400
-50
-25
0
25
50
75
100
125
Temperature
VIN = 5V, RL =
CIN = COUT = 10uF
(Ceramic,Y5V)
RT9183H-18xS
(
°C)
Quiescent Current vs. Temperature
300
320
340
360
380
400
-50
-25
0
25
50
75
100
125
Temperature (
°C)
VIN = 5V, RL =
CIN = COUT = 10uF
(Ceramic,Y5V)
RT9183-25xG
Current Limit vs. Temperature
3
3.2
3.4
3.6
3.8
4
-50
-25
0
25
50
75
100
125
Temperature (°C)
VIN = 5V, CIN = COUT = 10uF(Ceramic,Y5V)
RT9183-25xG
Current Limit vs. Temperature
3
3.2
3.4
3.6
3.8
4
-50
-25
0
25
50
75
100
125
Temperature (
°C)
VIN = 5V, CIN = COUT = 10uF(Ceramic,Y5V)
RT9183L-33xM5


Similar Part No. - RT9183H-25CM

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9183H-25GG RICHTEK-RT9183H-25GG Datasheet
214Kb / 16P
   Ultra Low Dropout 1.5A Linear Regulator
RT9183H-25GGF RICHTEK-RT9183H-25GGF Datasheet
214Kb / 16P
   Ultra Low Dropout 1.5A Linear Regulator
RT9183H-25GM RICHTEK-RT9183H-25GM Datasheet
214Kb / 16P
   Ultra Low Dropout 1.5A Linear Regulator
RT9183H-25GM5 RICHTEK-RT9183H-25GM5 Datasheet
214Kb / 16P
   Ultra Low Dropout 1.5A Linear Regulator
RT9183H-25GS RICHTEK-RT9183H-25GS Datasheet
214Kb / 16P
   Ultra Low Dropout 1.5A Linear Regulator
More results

Similar Description - RT9183H-25CM

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ39151 BCDSEMI-AZ39151 Datasheet
166Kb / 12P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39150 BCDSEMI-AZ39150_12 Datasheet
877Kb / 19P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39150 BCDSEMI-AZ39150 Datasheet
181Kb / 13P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Richtek Technology Corp...
RT9183 RICHTEK-RT9183_07 Datasheet
214Kb / 16P
   Ultra Low Dropout 1.5A Linear Regulator
logo
List of Unclassifed Man...
TJ3965 ETC1-TJ3965 Datasheet
206Kb / 9P
   1.5A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8951 A-POWER-APE8951 Datasheet
442Kb / 8P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Richtek Technology Corp...
RT9183A RICHTEK-RT9183A Datasheet
237Kb / 17P
   Ultra Low Dropout 1.5A Linear Regulator
logo
Unisonic Technologies
L1803 UTC-L1803_17 Datasheet
238Kb / 6P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ3965 HTC-TJ3965 Datasheet
361Kb / 12P
   1.5A Ultra Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ39151 BCDSEMI-AZ39151_11 Datasheet
728Kb / 13P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com