Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP973T8 Datasheet(PDF) 5 Page - Zarlink Semiconductor Inc

Part # SP973T8
Description  30MHz 8-BIT FLASH ADC (TTL/CMOS OUTPUTS)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SP973T8 Datasheet(HTML) 5 Page - Zarlink Semiconductor Inc

  SP973T8 Datasheet HTML 1Page - Zarlink Semiconductor Inc SP973T8 Datasheet HTML 2Page - Zarlink Semiconductor Inc SP973T8 Datasheet HTML 3Page - Zarlink Semiconductor Inc SP973T8 Datasheet HTML 4Page - Zarlink Semiconductor Inc SP973T8 Datasheet HTML 5Page - Zarlink Semiconductor Inc SP973T8 Datasheet HTML 6Page - Zarlink Semiconductor Inc SP973T8 Datasheet HTML 7Page - Zarlink Semiconductor Inc SP973T8 Datasheet HTML 8Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SP973T8
5
Clock Input (Fig.6)
The SP973T8 will operate at clock frequencies up to and
above 30MHz. The clock input has been designed to accept
a 1Vpp signal, in either differential or single-ended mode,
between the VIH(MAX) and VIL(MIN) levels indicated in the
electrical specification. At VIH(MAX) or VIL(MIN) the CLK input will
sink 800
µA or source 3.2mA of current, respectively.
(See Fig.6).
When used in single-ended operation, CLK may be
decoupled to ground so that this input will then self-bias at
approximately 1.2V below the supply VCC. It may then be used
to bias the CLK input, through a termination resistor, for AC-
coupled applications as shown in Fig.8.
Alternatively a TTL level clock may be used by inserting an
appropriate value resistor in series with the coupling
capacitor.
TIMING (Fig.7)
The analog input is sampled by the SP973T8
approximately 3ns (tAD) after the falling edge of the clock. Due
to the pipeline operation of the device, a further one clock cycle
is required to produce the output data. As shown in Fig.7, the
output has a good data valid time, enabling the data to be
latched at both the rising and falling edges of the clock.
However, for clock frequencies above 25MHz the clock-to-
output delay time may lead to an inadequate data set up time
relative to the rising clock edge and it is therefore
recommended that the output data is latched on the falling
clock edge.
SAMPLE
N
SAMPLE
N+1
SAMPLE
N+2
SAMPLE
N+3
VIN
tAD
DATA VALID N
DATA VALID N+1
DATA VALID N-1
DATA VALID N-2
PIPELINE DELAY
4V
0V
DATA
OUTPUT
tD
CLOCK
tpw0
tpw1
tCYC
Fig.7 Timing diagram
800µA
800µA
CLOCK
INPUT
450
450
600
+5V
DIFF
CLOCK
3.8V
AGND
CLOCK
OR BIAS
DECOUPLE
AVCC
Fig.6 Clock input stage


Similar Part No. - SP973T8

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
SP9715 BOTHHAND-SP9715 Datasheet
49Kb / 2P
   10~15 Watts Switching Adapter
SP9715A BOTHHAND-SP9715A Datasheet
49Kb / 2P
   10~15 Watts Switching Adapter
SP9715B BOTHHAND-SP9715B Datasheet
49Kb / 2P
   10~15 Watts Switching Adapter
SP9715C BOTHHAND-SP9715C Datasheet
49Kb / 2P
   10~15 Watts Switching Adapter
SP9715D BOTHHAND-SP9715D Datasheet
49Kb / 2P
   10~15 Watts Switching Adapter
More results

Similar Description - SP973T8

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MV95308 ZARLINK-MV95308 Datasheet
286Kb / 9P
   30MHz 8-BIT CMOS VIDEO DAC
logo
Maxim Integrated Produc...
MAX1125 MAXIM-MAX1125 Datasheet
114Kb / 12P
   8-Bit, 300Msps Flash ADC
19-1100; Rev 0; 6/96
MAX1150 MAXIM-MAX1150 Datasheet
77Kb / 8P
   8-Bit, 500Msps Flash ADC
19-1169; Rev 0; 12/96
MAX1114 MAXIM-MAX1114 Datasheet
114Kb / 12P
   8-Bit, 150Msps Flash ADC
19-1101; Rev 0; 6/96
MAX1151 MAXIM-MAX1151 Datasheet
78Kb / 8P
   8-Bit, 750Msps Flash ADC
19-1170; Rev 0; 12/96
logo
Core Technology (Shenzh...
CSU8RF3421 CHIPSEA-CSU8RF3421 Datasheet
2Mb / 131P
   12-bit ADC 8 - bit RISC FLASH FLASH MCU
logo
Murata Power Solutions ...
ADC-208A MURATA-PS-ADC-208A Datasheet
154Kb / 4P
   8-Bit, 20MSPS CMOS Flash A/D (ADC-208 Compatible)
logo
Analog Devices
AD7574KNZ AD-AD7574KNZ Datasheet
655Kb / 8P
   CMOS uP-Compatible 8-bit ADC
REV. A
logo
Core Technology (Shenzh...
CSU8RF3111 CHIPSEA-CSU8RF3111 Datasheet
645Kb / 78P
   12-bit ADC 8 RISC FLASH MCU
CSU8RF3221 CHIPSEA-CSU8RF3221 Datasheet
1Mb / 90P
   12-bit ADC 8 RISC FLASH MCU
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com