Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q62703-Q2024 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # Q62703-Q2024
Description  5 mm (T1 쩐) LED, Non Diffused Super-Bright LED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

Q62703-Q2024 Datasheet(HTML) 5 Page - Infineon Technologies AG

  Q62703-Q2024 Datasheet HTML 1Page - Infineon Technologies AG Q62703-Q2024 Datasheet HTML 2Page - Infineon Technologies AG Q62703-Q2024 Datasheet HTML 3Page - Infineon Technologies AG Q62703-Q2024 Datasheet HTML 4Page - Infineon Technologies AG Q62703-Q2024 Datasheet HTML 5Page - Infineon Technologies AG Q62703-Q2024 Datasheet HTML 6Page - Infineon Technologies AG Q62703-Q2024 Datasheet HTML 7Page - Infineon Technologies AG Q62703-Q2024 Datasheet HTML 8Page - Infineon Technologies AG Q62703-Q2024 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
LS 5421, LO 5411, LY 5421, LG 5411
2000-03-01
5
OPTO SEMICONDUCTORS
Relative spektrale Emission
I
rel = f (λ), TA = 25 °C, IF = 10 mA
Relative Spectral Emission
V(
λ) = spektrale Augenempfindlichkeit
Standard eye response curve
Abstrahlcharakteristik
I
rel = f (ϕ)
Radiation Characteristic
OHL01102
Vλ
100
400
450
500
550
600
650
700
nm
80
60
40
20
0
%
λ
rel
I
0
0.2
0.4
1.0
0.8
0.6
ϕ
1.0
0.8
0.6
0.4
10˚
20˚
40˚
30˚
OHL01642
50˚
60˚
70˚
80˚
90˚
100˚
20˚
40˚
60˚
80˚
100˚
120˚


Similar Part No. - Q62703-Q2024

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q62703-Q2024 SIEMENS-Q62703-Q2024 Datasheet
405Kb / 8P
   5 mm T1 3/4 LED, Non Diffused Super-Bright LED
More results

Similar Description - Q62703-Q2024

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LB5433 OSRAM-LB5433 Datasheet
121Kb / 11P
   Hyper 5 mm (T1 쩐) LED, Non Diffused Hyper-Bright LED
logo
Siemens Semiconductor G...
LS5421 SIEMENS-LS5421 Datasheet
405Kb / 8P
   5 mm T1 3/4 LED, Non Diffused Super-Bright LED
LS3341 SIEMENS-LS3341 Datasheet
320Kb / 7P
   3 mm T1 LED, Non Diffused Super-Bright LED
LS5436 SIEMENS-LS5436 Datasheet
64Kb / 6P
   Hyper 5 mm T1 LED, Non Diffused Hyper-Bright LED
LH5424 SIEMENS-LH5424 Datasheet
284Kb / 7P
   5 mm T1 3/4 LED, Non Diffused Super-Bright, Hyper-Red GaAIAs-LED
LH3344 SIEMENS-LH3344 Datasheet
283Kb / 7P
   3 mm (T1) LED, Non Diffused, Super-Bright, Hyper-Red GaAIAs-LED
logo
OSRAM GmbH
LW3333 OSRAM-LW3333 Datasheet
198Kb / 12P
   Hyper 3 mm (T1) LED, Non Diffused Hyper-Bright LED
logo
Siemens Semiconductor G...
LS3336 SIEMENS-LS3336 Datasheet
52Kb / 7P
   Hyper 3 mm T1 LED, Non Diffused Hyper-Bright LED
LH5464 SIEMENS-LH5464 Datasheet
284Kb / 7P
   5 mm T1 3/4 LED, Diffused Super-Bright, Hyper-Red GaAIAs-LED
LSK376 SIEMENS-LSK376 Datasheet
364Kb / 7P
   Hyper ARGUS LED Hyper-Bright, 3 mm T1 LED, Non Diffused
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com