Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9183L-18CM5 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9183L-18CM5
Description  Ultra Low Dropout 1.5A Linear Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9183L-18CM5 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9183L-18CM5 Datasheet HTML 1Page - Richtek Technology Corporation RT9183L-18CM5 Datasheet HTML 2Page - Richtek Technology Corporation RT9183L-18CM5 Datasheet HTML 3Page - Richtek Technology Corporation RT9183L-18CM5 Datasheet HTML 4Page - Richtek Technology Corporation RT9183L-18CM5 Datasheet HTML 5Page - Richtek Technology Corporation RT9183L-18CM5 Datasheet HTML 6Page - Richtek Technology Corporation RT9183L-18CM5 Datasheet HTML 7Page - Richtek Technology Corporation RT9183L-18CM5 Datasheet HTML 8Page - Richtek Technology Corporation RT9183L-18CM5 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
RT9183
3
DS9183-14 April 2008
www.richtek.com
Figure 3. Fixed Operation with SOP-8 and TO-263-5 packages
Functional Pin Description
Pin Name
Pin Function
EN
Chip Enable Control Input.
Note that the device will be in the unstable state if the pin is not connected.
VIN
Supply Input.
GND
Common Ground.
VOUT
Regulator Output.
ADJ
The output voltage is set by the internal feedback resistors when this pin
grounded. If external feedback resistors are applied, the output voltage will be:
VOUT = 0.8 × (1 +
) Volts
2
1
R
R
Function Block Diagram
VIN
VOUT
EN
GND ADJ
(SOP-8 & TO-263-5)
RT9183
VOUT
VIN
CIN
COUT
C
10uF
0.1uF
10uF
Enable
Thermal
Shutdown
VOUT
Shutdown
Logic
EN
GND
Output Mode
Comparator
ADJ
VIN
Error
Amplifier
+
-
0.8V
Reference
Current Limit
Sensor
+
-
100mV


Similar Part No. - RT9183L-18CM5

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9183L-18GG RICHTEK-RT9183L-18GG Datasheet
214Kb / 16P
   Ultra Low Dropout 1.5A Linear Regulator
RT9183L-18GGF RICHTEK-RT9183L-18GGF Datasheet
214Kb / 16P
   Ultra Low Dropout 1.5A Linear Regulator
RT9183L-18GM RICHTEK-RT9183L-18GM Datasheet
214Kb / 16P
   Ultra Low Dropout 1.5A Linear Regulator
RT9183L-18GM5 RICHTEK-RT9183L-18GM5 Datasheet
214Kb / 16P
   Ultra Low Dropout 1.5A Linear Regulator
RT9183L-18GS RICHTEK-RT9183L-18GS Datasheet
214Kb / 16P
   Ultra Low Dropout 1.5A Linear Regulator
More results

Similar Description - RT9183L-18CM5

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ39151 BCDSEMI-AZ39151 Datasheet
166Kb / 12P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39150 BCDSEMI-AZ39150_12 Datasheet
877Kb / 19P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39150 BCDSEMI-AZ39150 Datasheet
181Kb / 13P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Richtek Technology Corp...
RT9183 RICHTEK-RT9183_07 Datasheet
214Kb / 16P
   Ultra Low Dropout 1.5A Linear Regulator
logo
List of Unclassifed Man...
TJ3965 ETC1-TJ3965 Datasheet
206Kb / 9P
   1.5A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8951 A-POWER-APE8951 Datasheet
442Kb / 8P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Richtek Technology Corp...
RT9183A RICHTEK-RT9183A Datasheet
237Kb / 17P
   Ultra Low Dropout 1.5A Linear Regulator
logo
Unisonic Technologies
L1803 UTC-L1803_17 Datasheet
238Kb / 6P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ3965 HTC-TJ3965 Datasheet
361Kb / 12P
   1.5A Ultra Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ39151 BCDSEMI-AZ39151_11 Datasheet
728Kb / 13P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com