Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIL125 Datasheet(PDF) 7 Page - Texas Instruments

Part # TIL125
Description  OPTOCOUPLERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIL125 Datasheet(HTML) 7 Page - Texas Instruments

  TIL125 Datasheet HTML 1Page - Texas Instruments TIL125 Datasheet HTML 2Page - Texas Instruments TIL125 Datasheet HTML 3Page - Texas Instruments TIL125 Datasheet HTML 4Page - Texas Instruments TIL125 Datasheet HTML 5Page - Texas Instruments TIL125 Datasheet HTML 6Page - Texas Instruments TIL125 Datasheet HTML 7Page - Texas Instruments TIL125 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
TIL124
OBSOLETE
PDIP
N
6
TBD
Call TI
Call TI
TIL125
OBSOLETE
PDIP
N
6
TBD
Call TI
Call TI
TIL126
OBSOLETE
PDIP
N
6
TBD
Call TI
Call TI
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2)
Eco
Plan
-
The
planned
eco-friendly
classification:
Pb-Free
(RoHS)
or
Green
(RoHS
&
no
Sb/Br)
-
please
check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
8-Apr-2005
Addendum-Page 1


Similar Part No. - TIL125

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIL127 TI-TIL127 Datasheet
235Kb / 6P
[Old version datasheet]   OPTOCOUPLERS
TIL128A TI-TIL128A Datasheet
235Kb / 6P
[Old version datasheet]   OPTOCOUPLERS
More results

Similar Description - TIL125

ManufacturerPart #DatasheetDescription
logo
Silonex Inc.
NSL-26 SILONEX-NSL-26 Datasheet
18Kb / 1P
   Optocouplers
NSL-32H-100 SILONEX-NSL-32H-100 Datasheet
207Kb / 1P
   OPTOCOUPLERS
logo
Texas Instruments
TIL127 TI-TIL127 Datasheet
235Kb / 6P
[Old version datasheet]   OPTOCOUPLERS
MCT2E TI-MCT2E Datasheet
106Kb / 7P
[Old version datasheet]   OPTOCOUPLERS
TIL153 TI-TIL153 Datasheet
283Kb / 8P
[Old version datasheet]   OPTOCOUPLERS
logo
New Jersey Semi-Conduct...
TIL102 NJSEMI-TIL102 Datasheet
84Kb / 2P
   OPTOCOUPLERS
logo
Infineon Technologies A...
SFH61-62XX INFINEON-SFH61-62XX Datasheet
84Kb / 1P
   Optocouplers
May 31, 2000-10
logo
Texas Instruments
TIL118-1 TI-TIL118-1 Datasheet
223Kb / 4P
[Old version datasheet]   OPTOCOUPLERS
logo
QT Optoelectronics
CNY17-1 QT-CNY17-1 Datasheet
546Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
Clare, Inc.
LOC112 CLARE-LOC112 Datasheet
139Kb / 6P
   Linear Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com