Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSCH-5300 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HSCH-5300
Description  Beam Lead Schottky Diodes for Mixers and Detectors (1 - 26 GHz)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSCH-5300 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HSCH-5300 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSCH-5300 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSCH-5300 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSCH-5300 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSCH-5300 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSCH-5300 Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Beam Lead Schottky Diodes for
Mixers and Detectors
(1– 26 GHz)
Technical Data
HSCH-5300 Series
Features
• Platinum Tri-Metal System
High Temperature Stability
• Silicon Nitride Passivation
Stable, Reliable Performance
• Low Noise Figure
Guaranteed 7.5 dB at 26 GHz
• High Uniformity
Tightly Controlled Process
Insures Uniform RF
Characteristics
• Rugged Construction
4 Grams Minimum Lead Pull
• Low Capacitance
0.10 pF Max. at 0 V
• Polyimide Scratch Protection
Description
These beam lead diodes are
constructed using a metal-
semiconductor Schottky barrier
junction. Advanced epitaxial
techniques and precise process
control insure uniformity and
repeatability of this planar
passivated microwave semicon-
ductor. A nitride passivation layer
provides immunity from
contaminants which could
otherwise lead to I
R drift.
The Agilent beam lead process
allows for large beam anchor pads
for rugged construction (typical
6 gram pull strength) without
degrading capacitance.
Outline 07
Maximum Ratings
Pulse Power Incident at T
A = 25°C .......................................................... 1 W
Pulse Width = 1
µs, Du = 0.001
CW Power Dissipation at T
A = 25°C ................................................ 150 mW
Measured in an infinite heat sink derated linearly
to zero at maximum rated temperature
T
OPR – Operating Temperature Range ............................... -65°C to +175 °C
T
STG – Storage Temperature Range .................................... -65°C to +200°C
Minimum Lead Strength ........................................ 4 grams pull on any lead
Diode Mounting Temperature ............................... +350
°C for 10 sec. max.
These diodes are ESD sensitive. Handle with care to avoid static
discharge through the diode.
130 (5)
100 (4)
CATHODE
SILICON
GLASS
GOLD LEADS
135 (5)
90 (3)
310 (12)
250 (10)
225 (9)
200 (8)
225 (9)
170 (7)
710 (28)
670 (26)
DIMENSIONS IN
µm (1/1000 inch)
135 (5)
90 (3)
60 (2)
40 (1)
12 (.5)
8 (.3)
30 MIN (1)


Similar Part No. - HSCH-5300

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HSCH-5310 BOARDCOM-HSCH-5310 Datasheet
84Kb / 6P
   Beam Lead Schottky Diodes for Mixers and Detectors
logo
AVAGO TECHNOLOGIES LIMI...
HSCH-5314 AVAGO-HSCH-5314 Datasheet
84Kb / 6P
   Beam Lead Schottky Diodes for Mixers and Detectors
logo
Broadcom Corporation.
HSCH-5314 BOARDCOM-HSCH-5314 Datasheet
84Kb / 6P
   Beam Lead Schottky Diodes for Mixers and Detectors
logo
Advanced Semiconductor
HSCH-5315 ASI-HSCH-5315 Datasheet
20Kb / 1P
   BATCH MATCHED BEAM LEAD SCHOTTKY DIODE
logo
AVAGO TECHNOLOGIES LIMI...
HSCH-53XX AVAGO-HSCH-53XX Datasheet
74Kb / 6P
   Beam Lead Schottky Diodes for Mixers and Detectors
More results

Similar Description - HSCH-5300

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HSCH-5314 BOARDCOM-HSCH-5314 Datasheet
84Kb / 6P
   Beam Lead Schottky Diodes for Mixers and Detectors
logo
AVAGO TECHNOLOGIES LIMI...
HSCH-5314 AVAGO-HSCH-5314 Datasheet
84Kb / 6P
   Beam Lead Schottky Diodes for Mixers and Detectors
logo
Broadcom Corporation.
HSCH-5310 BOARDCOM-HSCH-5310 Datasheet
84Kb / 6P
   Beam Lead Schottky Diodes for Mixers and Detectors
logo
AVAGO TECHNOLOGIES LIMI...
HSCH-53XX AVAGO-HSCH-53XX Datasheet
74Kb / 6P
   Beam Lead Schottky Diodes for Mixers and Detectors
HSCH-5531 AVAGO-HSCH-5531 Datasheet
160Kb / 6P
   Beam Lead Schottky Diode Pairs for Mixers and Detectors
HSCH-55XX AVAGO-HSCH-55XX Datasheet
200Kb / 6P
   Beam Lead Schottky Diode Pairs for Mixers and Detectors
logo
Microsemi Corporation
GC9901 MICROSEMI-GC9901 Datasheet
215Kb / 6P
   Schottky Barrier Diodes TM For Mixers and Detectors
logo
M/A-COM Technology Solu...
MA4E2037_V3 MA-COM-MA4E2037_V3 Datasheet
69Kb / 4P
   GaAs Beam Lead Schottky Diodes
MA4E2037 MA-COM-MA4E2037 Datasheet
69Kb / 4P
   GaAs Beam Lead Schottky Diodes
logo
Tyco Electronics
MA4E2037 MACOM-MA4E2037 Datasheet
42Kb / 3P
   GaAs Beam Lead Schottky Barrier Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com