Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH1502 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # LH1502
Description  Dual 1 Form B
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LH1502 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  LH1502 Datasheet HTML 1Page - Siemens Semiconductor Group LH1502 Datasheet HTML 2Page - Siemens Semiconductor Group LH1502 Datasheet HTML 3Page - Siemens Semiconductor Group LH1502 Datasheet HTML 4Page - Siemens Semiconductor Group LH1502 Datasheet HTML 5Page - Siemens Semiconductor Group LH1502 Datasheet HTML 6Page - Siemens Semiconductor Group LH1502 Datasheet HTML 7Page - Siemens Semiconductor Group LH1502 Datasheet HTML 8Page - Siemens Semiconductor Group LH1502 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
6G–42
Electrical Characteristics TA=25°C
Minimum and maximum values are testing require-
ments. Typical values are characteristics of the device
and are the result of engineering evaluations. Typical
values are for information purposes only and are not
part of the testing requirements.
* IF=10 mA.
Parameter
Symbol
Test Conditions
Values
LH1521
LH1523
Units
I
N
P
U
T
LED Forward Current
for Switch Turn-off
IFoff
Min
mA
Typ
1.0
1.0
mA
Max
2.0
2.0
mA
VL
±
300
150
V
LED Forward Current
for Switch Turn-on
IFon
t=10 ms
Min
0.2
0.2
mA
Typ
0.9
0.9
mA
Max
mA
IL
±
150
200
mA
LED Forward Voltage
VF
IF=10 mA
Min
1.15
1.15
V
Typ
1.22
1.22
V
Max
1.45
1.45
V
O
U
T
P
U
T
ON-resistance
RON
IF=0 mA
Min
12
6
IL=50 mA
Typ
20
10
Max
25
15
OFF-resistance
ROFF
IF=5 mA
Min
0.1
0.1
G
VL=±100 V
Typ
1.4
1.4
G
Max
G
Off-state
IF=5 mA
VL=±100 V
Min
µA
Leakage Current
Typ
0.07
0.07
µA
Max
1.0
1.0
µA
IF=5 mA
Min
µA
Typ
0.08
0.07
µA
Max
1.0
1.0
µA
VL
±
350
200
V
Output Capacitance
IF=5 mA
VL=1 V
Min
pF
Typ
35
45
pF
Max
pF
IF=5 mA
VL=50 V
Min
pF
Typ
10
15
pF
Max
pF
Pole-to-pole Capacitance
IF=0 mA
Min
pF
Typ
0.5
0.5
pF
Max
pF
Switch Offset
IF=0 mA
Min
µV
Typ
0.1
0.1
µV
Max
µV
T
R
A
N
S
F
E
R
Input/Output Capacitance
CISO
VISO=1 V
Min
pF
Typ
1.1
1.1
pF
Max
pF
Turn-off Time
toff
IF=5 mA
Min
ms
IL=50 mA
Typ
2.0
1.0*
ms
Max
3.0
3.0*
ms
Turn-on Time
ton
IF=5 mA
Min
ms
IL=50 mA
Typ
1.0
1.2*
ms
Max
3.0
3.0*
ms
LH1521, LH1523
6G41.53SSR hiVolt copy Page 42 Monday, June 2, 1997 11:25 AM


Similar Part No. - LH1502

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1502 VISHAY-LH1502 Datasheet
368Kb / 3P
   Dual 1 Form A/B, C Solid State Relay
Revision 17-August-01
logo
List of Unclassifed Man...
LH1502 ETC-LH1502 Datasheet
164Kb / 2P
   HIGH VOLTAGE, PHOTO MOS RELAY
LH1502A ETC-LH1502A Datasheet
164Kb / 2P
   HIGH VOLTAGE, PHOTO MOS RELAY
logo
Vishay Siliconix
LH1502BA VISHAY-LH1502BA Datasheet
215Kb / 7P
   Dual 1 Form A/B, C Solid-State Relay
Rev. 1.7, 13-Oct-2020
LH1502BAC VISHAY-LH1502BAC Datasheet
368Kb / 3P
   Dual 1 Form A/B, C Solid State Relay
Revision 17-August-01
More results

Similar Description - LH1502

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LH1501 SIEMENS-LH1501 Datasheet
69Kb / 5P
   1 Form B
logo
Vishay Siliconix
LH1521BAC VISHAY-LH1521BAC Datasheet
239Kb / 6P
   Dual 1 Form B Solid State Relay
Rev. 1.2, 01-Dec-05
logo
Solid State Optronic
AD4C250 SSOUSA-AD4C250 Datasheet
166Kb / 4P
   Dual 1 Form B Solid State Relay
logo
Vishay Siliconix
LH1523BB VISHAY-LH1523BB_11 Datasheet
125Kb / 4P
   Dual 1 Form B Solid State Relay
Rev. 1.6, 07-Jul-11
logo
Solid State Optronic
AD4C212 SSOUSA-AD4C212 Datasheet
208Kb / 5P
   Dual 1 Form B Solid State Relay
AD4C332 SSOUSA-AD4C332 Datasheet
208Kb / 5P
   Dual 1 Form B Solid State Relay
logo
Vishay Siliconix
LH1521BACTR VISHAY-LH1521BACTR_11 Datasheet
107Kb / 4P
   Dual 1 Form B Solid-State Relay
Rev. 1.6, 03-Aug-11
LH1523BB VISHAY-LH1523BB Datasheet
235Kb / 6P
   Dual 1 Form B Solid State Relay
Rev. 1.3, 01-Dec-05
logo
Solid State Optronic
AD4C112 SSOUSA-AD4C112 Datasheet
207Kb / 5P
   Dual 1 Form B Solid State Relay
AD4C213 SSOUSA-AD4C213_15 Datasheet
358Kb / 9P
   1 Form A / 1 Form B Integrated in 1 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com