Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM9817AA Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ELM9817AA
Description  VOLTAGE REGULATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ELM9817AA Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ELM9817AA Datasheet HTML 1Page - List of Unclassifed Manufacturers ELM9817AA Datasheet HTML 2Page - List of Unclassifed Manufacturers ELM9817AA Datasheet HTML 3Page - List of Unclassifed Manufacturers ELM9817AA Datasheet HTML 4Page - List of Unclassifed Manufacturers ELM9817AA Datasheet HTML 5Page - List of Unclassifed Manufacturers ELM9817AA Datasheet HTML 6Page - List of Unclassifed Manufacturers ELM9817AA Datasheet HTML 7Page - List of Unclassifed Manufacturers ELM9817AA Datasheet HTML 8Page - List of Unclassifed Manufacturers ELM9817AA Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
207
GENERAL DESCRIPTION
ELM98xxxA Series is a CMOS Voltage Regulator. It consists of reference voltage, error amplifier, short-
protected control transistor, output voltage setting resistor, and so on. Output voltage is fixed internally
with high accuracy.
Two package types are available, SOT-89 and SOT-23.
FEATURES
High accuracy
: ± 2.0%
Load stability
: TYP. 10mV (1mA ≦ IOUT ≦ 50mA)
Input stability
: TYP. 0.1%/V at IOUT=50mA
Output voltage temperature coefficient
: ± 100ppm/℃
Very low power operation
: TYP. 4.0 μ A (ELM9830xA)
Very small package
: SOT-89, SOT-23
APPLICATION
Battery-operated devices
Palmtops
Cameras and Video recorders
Reference voltage sources
Pin No.
Pin Name
1
VSS
2
VIN
3
VOUT
ELM98xxxA
ELM98xxxA
ELM98xxxA
ELM98xxxA
ELM98xxxA VOLTAGE REGULATOR
Pin No.
Pin Name
1
VSS
2
VOUT
3
VIN
PIN CONFIGURATION
1
23
( TOP VIEW )
SOT-89
1
2
3
( TOP VIEW )
SOT-23


Similar Part No. - ELM9817AA

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM98 ELM-ELM98 Datasheet
1Mb / 12P
   CMOS Voltage regulator
logo
ELM Technology Corporat...
ELM98 ELM-TECH-ELM98 Datasheet
1Mb / 12P
   CMOS Voltage regulator
ELM98-SERIES ELM-TECH-ELM98-SERIES Datasheet
1Mb / 12P
   CMOS Voltage regulator
ELM9827AB-N ELM-TECH-ELM9827AB-N Datasheet
124Kb / 12P
   CMOS Voltage regulator
ELM9827AB-S ELM-TECH-ELM9827AB-S Datasheet
124Kb / 12P
   CMOS Voltage regulator
More results

Similar Description - ELM9817AA

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
MB3756 FUJI-MB3756 Datasheet
228Kb / 7P
   VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
R1MX55 ETL-R1MX55 Datasheet
311Kb / 10P
   VOLTAGE REGULATOR
logo
Texas Instruments
LM723JAN TI1-LM723JAN_13 Datasheet
821Kb / 21P
[Old version datasheet]   Voltage Regulator
LM723 TI1-LM723_16 Datasheet
850Kb / 21P
[Old version datasheet]   Voltage Regulator
logo
Unisonic Technologies
R070LD10 UTC-R070LD10_V01 Datasheet
352Kb / 10P
   VOLTAGE REGULATOR
logo
RICOH electronics devic...
RX5RL20A RICOH-RX5RL20A Datasheet
144Kb / 18P
   VOLTAGE REGULATOR
logo
Infineon Technologies A...
IFX1117 INFINEON-IFX1117_09 Datasheet
290Kb / 15P
   Voltage Regulator
Rev. 1.21, 2009-09-04
logo
Holtek Semiconductor In...
HT10XX HOLTEK-HT10XX Datasheet
607Kb / 14P
   Voltage Regulator
logo
Unisonic Technologies
R070LD10 UTC-R070LD10 Datasheet
387Kb / 10P
   VOLTAGE REGULATOR
logo
Solid States Devices, I...
SVR003 SSDI-SVR003 Datasheet
103Kb / 3P
   VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
R070LD10 ETL-R070LD10 Datasheet
387Kb / 10P
   VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com