Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS8856-19PF Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # FS8856-19PF
Description  550mA LDO Linear Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FS8856-19PF Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button FS8856-19PF Datasheet HTML 2Page - List of Unclassifed Manufacturers FS8856-19PF Datasheet HTML 3Page - List of Unclassifed Manufacturers FS8856-19PF Datasheet HTML 4Page - List of Unclassifed Manufacturers FS8856-19PF Datasheet HTML 5Page - List of Unclassifed Manufacturers FS8856-19PF Datasheet HTML 6Page - List of Unclassifed Manufacturers FS8856-19PF Datasheet HTML 7Page - List of Unclassifed Manufacturers FS8856-19PF Datasheet HTML 8Page - List of Unclassifed Manufacturers FS8856-19PF Datasheet HTML 9Page - List of Unclassifed Manufacturers FS8856-19PF Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
FS8856
550mA LDO Linear Regulator
Fortune Semiconductor Co.
TEL : +886-2-2809-4742
6/13
TD-0405008
Rev. 1.3
http://www.fsc.com.tw
FAX: +886-2-2809-4874
T
Tyyp
piiccaall O
Op
peerraattiin
ngg C
Ch
haarraacctteerriissttiiccss
(CIN=1.0µF, COUT=3.3µF, TA=+25℃, unless otherwise noted.)
OUTPUT VOLTAGE vs. INPUT VOLTAGE
0
0.5
1
1.5
2
2.5
3
3.5
01
2345
67
INPUT VOLTAGE (V)
DROPOUT VOLTAGE vs. LOAD CURRENT
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
0.55
0.6
LOAD CURRENT (A)
POWER SUPPLY REJECTION RATIO vs.
FREQUENCY
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0.01
0.1
1
10
100
1000
FREQUENCY (KHz)
GROUND PIN CURRENT vs. AMBIENT
TEMPERATURE
0
10
20
30
40
50
60
70
-40
-30
-20
-10
0
1020
3040
506070
80
AMBIENT TEMPERATURE (℃)
Ron vs. LOAD CURRENT
0.80
0.90
1.00
1.10
1.20
1.30
1.40
100
150
200
250
300
350
400
450
500
550
LOAD CURRENT (mA)
GND PIN CURRENT vs. LOAD CURRENT
48
50
52
54
56
58
60
62
0
1
50
100
150
200
250
300
350
400
450
500
550
LOAD CURRENT (mA)
550mA
100mA
1mA
*EX:Model FS8856-33Cx


Similar Part No. - FS8856-19PF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FS8853 ETC-FS8853 Datasheet
652Kb / 13P
   300mA LDO Linear Regulator
logo
Fortune Semiconductor C...
FS8853 FORTUNE-FS8853 Datasheet
889Kb / 15P
   300 mA LDO Linear Regulator
logo
List of Unclassifed Man...
FS8853-13CA ETC-FS8853-13CA Datasheet
652Kb / 13P
   300mA LDO Linear Regulator
FS8853-13CB ETC-FS8853-13CB Datasheet
652Kb / 13P
   300mA LDO Linear Regulator
FS8853-13CC ETC-FS8853-13CC Datasheet
652Kb / 13P
   300mA LDO Linear Regulator
More results

Similar Description - FS8856-19PF

ManufacturerPart #DatasheetDescription
logo
SemiWell Semiconductor
S1117 SEMIWELL-S1117 Datasheet
336Kb / 5P
   LDO Linear Regulator
logo
Shenzhen Huazhimei Semi...
HM75XXH HMSEMI-HM75XXH Datasheet
1Mb / 8P
   LDO linear regulator
logo
Guangdong Youtai Semico...
HT73XX-A UMW-HT73XX-A Datasheet
4Mb / 7P
   LDO Linear Regulator
HT78XX-A UMW-HT78XX-A Datasheet
2Mb / 7P
   LDO Linear Regulator
logo
Advanced Analog Technol...
AAT3200 AAT-AAT3200 Datasheet
178Kb / 16P
   OmniPower??LDO Linear Regulator
logo
SHENZHEN FUMAN ELECTRON...
FM6219 FUMAN-FM6219 Datasheet
1Mb / 4P
   200mA LDO Linear Regulator
logo
DATEL, Inc.
LVR-7815LE DATEL-LVR-7815LE Datasheet
149Kb / 1P
   LDO Linear Voltage Regulator
logo
Texas Instruments
UC282-1 TI1-UC282-1_16 Datasheet
869Kb / 16P
[Old version datasheet]   Fast LDO LINEAR REGULATOR
logo
List of Unclassifed Man...
FS8855 ETC1-FS8855 Datasheet
624Kb / 13P
   500mA LDO Linear Regulator
FS8854 ETC1-FS8854 Datasheet
597Kb / 13P
   350mA LDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com