Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SO-720-LPF-HCA Datasheet(PDF) 5 Page - Vectron International, Inc

Part # SO-720-LPF-HCA
Description  SAW Based Clock Oscillator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

SO-720-LPF-HCA Datasheet(HTML) 5 Page - Vectron International, Inc

  SO-720-LPF-HCA Datasheet HTML 1Page - Vectron International, Inc SO-720-LPF-HCA Datasheet HTML 2Page - Vectron International, Inc SO-720-LPF-HCA Datasheet HTML 3Page - Vectron International, Inc SO-720-LPF-HCA Datasheet HTML 4Page - Vectron International, Inc SO-720-LPF-HCA Datasheet HTML 5Page - Vectron International, Inc SO-720-LPF-HCA Datasheet HTML 6Page - Vectron International, Inc SO-720-LPF-HCA Datasheet HTML 7Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SO-720 SAW Clock Oscillator
Vectron International, 267 Lowell Rd, Hudson NH 03051-4916
Tel: 1-88-VECTRON-1
Website: www.vectron.com
Page 5 of 7
Rev: 21 Jun 2006
Typical Phase Noise
SO-720-LFF-GAA- 622.0800 MHz
-160
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100
1000
10000
100000
1000000
10000000
100000000
Frequency Offset (Hz)
Phase Noise at Specific Frequency
Offsets
10Hz -46 dBc/Hz
100Hz -80 dBc/Hz
1000Hz -110 dBc/Hz
10kHz -130 dBc/Hz
100kHz -134 dBc/Hz
1MHz -138 dBc/Hz
10MHz -147 dBc/Hz
20MHz -147 dBc/Hz
40MHz -148 dBc/Hz
Jitter OC48 (12kHz to 20MHz)
0.08 ps-rms or 0.56 ps-pp
Jitter OC192 (50kHz to 80MHz)
0.11 ps-rms or 0.80 pp-rms


Similar Part No. - SO-720-LPF-HCA

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
SO-720 VECTRON-SO-720 Datasheet
136Kb / 7P
   SAW Based Clock Oscillator
SO-720 VECTRON-SO-720_07 Datasheet
136Kb / 7P
   SAW Based Clock Oscillator
More results

Similar Description - SO-720-LPF-HCA

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
SO502 VECTRON-SO502 Datasheet
149Kb / 8P
   SAW Based Clock Oscillator
logo
Crystek Corporation
CCSO-914X-1000 CRYSTEKCRYSTAL-CCSO-914X-1000_15 Datasheet
264Kb / 3P
   SAW Based Clock Oscillator
logo
Vectron International, ...
SO-720 VECTRON-SO-720_07 Datasheet
136Kb / 7P
   SAW Based Clock Oscillator
logo
Crystek Corporation
CCSO-914X CRYSTEKCRYSTAL-CCSO-914X_15 Datasheet
338Kb / 4P
   SAW Based Clock Oscillator
CCSO-914X3-1000 CRYSTEKCRYSTAL-CCSO-914X3-1000_15 Datasheet
264Kb / 3P
   SAW Based Clock Oscillator
CCSO-914X-245 CRYSTEKCRYSTAL-CCSO-914X-245 Datasheet
385Kb / 3P
   SAW Based Clock Oscillator
CCSO-914Y12-1090 CRYSTEKCRYSTAL-CCSO-914Y12-1090 Datasheet
171Kb / 3P
   SAW Based Clock Oscillator
logo
Vectron International, ...
PS-702 VECTRON-PS-702 Datasheet
760Kb / 7P
   SAW Based Clock Oscillator
PS-702-ECT-KAA VECTRON-PS-702-ECT-KAA Datasheet
340Kb / 7P
   SAW Based Clock Oscillator
logo
Crystek Corporation
CCS575S CRYSTEKCRYSTAL-CCS575S Datasheet
139Kb / 2P
   SAW Clock Oscillator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com