Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM78L17F Datasheet(PDF) 3 Page - HTC Korea TAEJIN Technology Co.

Part # LM78L17F
Description  FIXED VOLTAGE REGULATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM78L17F Datasheet(HTML) 3 Page - HTC Korea TAEJIN Technology Co.

  LM78L17F Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM78L17F Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM78L17F Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM78L17F Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM78L17F Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM78L17F Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM78L17F Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM78L17F Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM78L17F Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
FIXED VOLTAGE REGULATOR
LM78L05
LM78L05 ELECTRICAL CHARACTERISTICS
(At specified virtual junction temperature, VI=10V, IO=40㎃ (unless otherwise noted)
Characteistic
Symbol
Test condition *
Min.
Typ.
Max.
Unit
Output voltage **
VOUT
25℃
4.8
5
5.2
1㎃≤IO≤40㎃
0℃ ∼ 125℃
4.75
5
5.25
V
7V≤VI≤20V
1㎃≤IO≤70㎃
4.75
5
5.25
Line regulation
Reg line
7V≤VI≤20V
25℃
32
150
8V≤VI≤20V
26
100
Load regulation
Reg load
1㎃≤IO≤100㎃
25℃
15
60
1㎃≤IO≤40㎃
8
30
Bias current
IB
25℃
3.8
6
125℃
5.5
Bias current change
△IB
9V≤VI≤20V
0℃ ∼ 125℃
1.5
1㎃≤IO≤40㎃
0.1
Output noise voltage
VN
10Hz≤f≤100kHz
25℃
42
Ripple rejection
RR
8V≤VI≤18V
f=120Hz
25℃
41
49
Dropout voltage
VD
25℃
1.7
V
Notes
*. Pulse testing techniques are used to maintain the junction temperature as close to the
ambient temperature as possible.
Thermal effects must be taken into account separately.
All characteristics are measured with a 0.33㎌ capacitor across the input and a 0.1㎌
capacitor across the output.
**. This specification applies only for DC power dissipation permitted by absolute maximum
ratings.
Mar. 2006 - Rev 06
HTC
28


Similar Part No. - LM78L17F

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM78L10 HTC-LM78L10 Datasheet
252Kb / 11P
   3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
logo
Guangdong Kexin Industr...
LM78L10 KEXIN-LM78L10 Datasheet
55Kb / 2P
   Three-Terminal Positive Voltage Regulator
logo
First Components Intern...
LM78L10 FCI-LM78L10 Datasheet
2Mb / 7P
   LM78L00Series 3-Terminal Low Current Positive Voltage Regulators
logo
HTC Korea TAEJIN Techno...
LM78L10 HTC-LM78L10 Datasheet
208Kb / 11P
   3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
LM78L10A HTC-LM78L10A Datasheet
208Kb / 11P
   3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
More results

Similar Description - LM78L17F

ManufacturerPart #DatasheetDescription
logo
AUK corp
S79XXD AUK-S79XXD Datasheet
264Kb / 8P
   Fixed Voltage Regulator
S78XXD AUK-S78XXD Datasheet
274Kb / 10P
   Fixed Voltage Regulator
S7805P AUK-S7805P Datasheet
149Kb / 3P
   Fixed Voltage Regulator
S7805PIC AUK-S7805PIC_06 Datasheet
287Kb / 11P
   Fixed Voltage Regulator
S78XXPI AUK-S78XXPI Datasheet
285Kb / 10P
   Fixed Voltage Regulator
S78XXPIC AUK-S78XXPIC Datasheet
282Kb / 10P
   Fixed Voltage Regulator
S79XXD AUK-S79XXD_1 Datasheet
294Kb / 8P
   Fixed Voltage Regulator
S7805D AUK-S7805D_06 Datasheet
287Kb / 11P
   Fixed Voltage Regulator
S78XXP AUK-S78XXP Datasheet
303Kb / 11P
   Fixed Voltage Regulator
logo
Seaward Electronics Inc...
SE78MXX SEAWARD-SE78MXX Datasheet
163Kb / 4P
   Fixed Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com