Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3842A Datasheet(PDF) 4 Page - HTC Korea TAEJIN Technology Co.

Part # LM3842A
Description  CURRENT MODE PWM CONTROLLER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM3842A Datasheet(HTML) 4 Page - HTC Korea TAEJIN Technology Co.

  LM3842A Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM3842A Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM3842A Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM3842A Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM3842A Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM3842A Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM3842A Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CURRENT MODE PWM CONTROLLER
LM3842A/3A/4A/5A
Fig.4 Current Sense Circuit
Peak current (IS) is determined by the formula:
IS(MAX)
A small RC filter may be required to suppress switch transients.
Fig.5 Oscillator Waveforms and Maximum Duty Cycle
Oscillator timing capacitor, CT, is charged by VREF through RT, and discharged by an internal
current source.
During the discharge time, the internal clock signal blanks the output to the
low state. Selection of RT and CT therefore determines both oscillator frequency and maximum
duty cycle. Charge and discharge times are determined by the formulas:
tc
0.55 RT CT
td
RT CT ∫n(
)
Frequency, then, is: f = (tc + td)
-1
For RT>5KΩ, f
HTC
4
1
3
5
IS
ERROR
AMP
2R
R
1V
CURRENT
SENSE
COMPARATOR
COMP
CURRENT
SENSE
GND
C
RS
R
~
~
1.0V
RS
~
~
0.0063 RT - 2.7
0.0063 RT - 4
~
~
1.8
RT CT
~
~
8
4
5
VREF
RT/CT
GND
LARGE RT
SMALL CT
V4
INTERNAL CLOCK
LARGE RT
SMALL CT
V4
INTERNAL CLOCK
RT
CT


Similar Part No. - LM3842A

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM3842A HTC-LM3842A Datasheet
120Kb / 6P
   CURRENT MODE PWM CONTROLLER
LM3842A HTC-LM3842A Datasheet
120Kb / 6P
   CURRENT MODE PWM CONTROLLER
LM3842A HTC-LM3842A_08 Datasheet
120Kb / 6P
   CURRENT MODE PWM CONTROLLER
More results

Similar Description - LM3842A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com