Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM39302 Datasheet(PDF) 5 Page - HTC Korea TAEJIN Technology Co.

Part # LM39302
Description  3A Low-Voltage Low-Dropout Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM39302 Datasheet(HTML) 5 Page - HTC Korea TAEJIN Technology Co.

  LM39302 Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM39302 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM39302 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM39302 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM39302 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM39302 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM39302 Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM39302 Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
3A Low-Voltage Low-Dropout Regulator
LM39300/39301/39302
Note 1. Exceeding the absolute maximum ratings may damage the device.
Note 2. The device is not guaranteed to function outside its operating rating.
Note 3. Devices are ESD sensitive. Handling precautions recommended.
Note 4. PD(max) = (TJ(max) – TA)
θJA, where θJA depends upon the printed circuit layout. See “Applications Information.”
Note 5.Vout temperature coefficient is ∆VOUT(worst case) (TJ(max) – TJ(min)) where TJ(max) is +125℃ and TJ(min) is 0℃
Note 6. VDO = VIN – VOUT when VOUT decreases to 99% of its nominal output voltage with V IN = VOUT + 1V.
Note 7. IGND is the quiescent current. IIN = I GND + IOUT.
Note 8. VEN 0.8V, VIN 8V, and VOUT = 0V
Note 9. For a 2.5V device, V IN = 2.250V (device is in dropout).
Note 10.VREF ≤ VOUT ≤ (VIN – 1V), 2.25V ≤ VIN ≤ 16V, 10mA ≤ IL ≤ 1A, TJ = TMAX.
TYPICAL PERFORMANCE CHARACTERISTICS
HTC
5


Similar Part No. - LM39302

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM39302T HTC-LM39302T Datasheet
271Kb / 8P
   3A Low-Voltage Low-Dropout Regulator
More results

Similar Description - LM39302

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC39300 MICREL-MIC39300 Datasheet
107Kb / 12P
   3A Low-Voltage Low-Dropout Regulator
logo
Microchip Technology
MIC39300 MICROCHIP-MIC39300 Datasheet
2Mb / 24P
   3A, Low Voltage Low Dropout Regulator
09/14/21
logo
Micrel Semiconductor
MIC39300 MICREL-MIC39300_09 Datasheet
322Kb / 13P
   3A, Low-Voltage Low-Dropout Regulator
logo
HTC Korea TAEJIN Techno...
LM39300 HTC-LM39300_08 Datasheet
271Kb / 8P
   3A Low-Voltage Low-Dropout Regulator
logo
Exar Corporation
SPX29300 EXAR-SPX29300 Datasheet
648Kb / 10P
   3A Low Dropout Voltage Regulator
SPX1587 EXAR-SPX1587 Datasheet
622Kb / 11P
   3A Low Dropout Voltage Regulator
SPX29300 EXAR-SPX29300_16 Datasheet
660Kb / 10P
   3A Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS1085 ADMOS-AMS1085_05 Datasheet
194Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATOR
logo
Exar Corporation
XRP29302ETBTR-L EXAR-XRP29302ETBTR-L Datasheet
2Mb / 9P
   3A Low Dropout Voltage Regulator
logo
Sipex Corporation
SPX1587 SIPEX-SPX1587 Datasheet
171Kb / 7P
   3A Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com