Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ27210DRKR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # BQ27210DRKR
Description  Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ27210DRKR Datasheet(HTML) 3 Page - Texas Instruments

  BQ27210DRKR Datasheet HTML 1Page - Texas Instruments BQ27210DRKR Datasheet HTML 2Page - Texas Instruments BQ27210DRKR Datasheet HTML 3Page - Texas Instruments BQ27210DRKR Datasheet HTML 4Page - Texas Instruments BQ27210DRKR Datasheet HTML 5Page - Texas Instruments BQ27210DRKR Datasheet HTML 6Page - Texas Instruments BQ27210DRKR Datasheet HTML 7Page - Texas Instruments BQ27210DRKR Datasheet HTML 8Page - Texas Instruments BQ27210DRKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
www.ti.com
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
bq27010, bq27210
SLUS707B – APRIL 2006 – REVISED JANUARY 2007
MIN
MAX
UNIT
VCC
Supply voltage
2.6
4.5
V
TA
Operating free-air temperature
–20
70
°C
Input voltage, SRP and SRN with respect to VSS
–100
100
mV
over operating free-air temperature range and supply voltage range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
GENERAL
ICC(VCC)
Active current
52
90
ICC(SLP)
Sleep current
VBAT = VCC
1.0
2.5
µA
ICC(SHP)
Ship current (bq27010 only)
0.9
2.0
ICC(POR)
Hibernate current
0 < VCC < 1.5 V
0.6
1.5
RBI pin only, VCC <
RBI current
< 1
20
nA
VCC(POR)
V(POR)
POR threshold
2.0
2.6
V
Input impedance
BAT, SRN, SRP
10
M
Pull-down current
HDQ, SCL, SDA
2.7
4.5
µA
HDQ, SCL, SDA and GPIO
VCC < 4.2 V
1.5
VIH
High-level input voltage
VCC > 4.2 V
1.7
VIL
Low-level input voltage
0.7
V
Low-level output voltage (GPIO)
IOL = 1 mA
0.4
VOL
Low-level output voltage (HDQ, SCL, SDA)
IOL = 2 mA
0.4
VOLTAGE AND TEMPERATURE MEASUREMENT
Measurement range
VCC = V(BAT)
2.6
4.5
V
Reported voltage resolution
2.7
mV
Reported accuacy
-25
25
Voltage update time
2.56
s
Reported temperature resolution
0.25
°K
Reported temperature accuracy
-3
3
Temperature update time
2.56
s
TIME, CURRENT AND CAPACITY (3.0 V
≤ V
CC≤ 4.2 V, 0°C ≤ TA≤ 50°C)
fOSC
Internal oscillator frequency
-2.2%
1.5%
Current gain variability
-0.5%
0.5%
Coulometric gain variability
-1.7%
0.5%
Coulomb counter input offset(1)
-15
0
15
µV
VSRP-VSRN differential input
–100
100
mV
EEPROM PROGRAMMING ( VCC≥ 3.0 V, -20°C ≤ TA≤ 35°C)(2)
Programming voltage rise time
0.5
1.5
ms
Programming voltage high time
10
100
ms
Programming voltage fall time
0.5
1.5
ms
Programming voltage
Applied to PGM pin
20
22
V
EEPROM programming current
VPROGRAM = 21 V
15
mA
(1)
Excludes contributions to the offset due to PCB layout or other factors external to the bq27010/bq27210.
(2)
Maximum number of programming cycles on the EEPROM is 10 and data retention time is 10 years at TA = 85°C.
3
Submit Documentation Feedback


Similar Part No. - BQ27210DRKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27210DRKR TI1-BQ27210DRKR Datasheet
977Kb / 35P
[Old version datasheet]   Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS
BQ27210DRKR TI1-BQ27210DRKR Datasheet
1Mb / 35P
[Old version datasheet]   Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
BQ27210DRKRG4 TI1-BQ27210DRKRG4 Datasheet
977Kb / 35P
[Old version datasheet]   Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS
BQ27210DRKRG4 TI1-BQ27210DRKRG4 Datasheet
1Mb / 35P
[Old version datasheet]   Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
More results

Similar Description - BQ27210DRKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27010 TI1-BQ27010_17 Datasheet
1Mb / 35P
[Old version datasheet]   Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
BQ27000 TI-BQ27000_06 Datasheet
557Kb / 31P
[Old version datasheet]   SINGLE CELL Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
BQ27X00-TESTER TI1-BQ27X00-TESTER Datasheet
807Kb / 33P
[Old version datasheet]   SINGLE CELL Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
BQ27000 TI-BQ27000_07 Datasheet
695Kb / 33P
[Old version datasheet]   SINGLE CELL Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
BQ27000 TI-BQ27000 Datasheet
366Kb / 29P
[Old version datasheet]   SINGLE CELL Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
BQ27210DRKRG4 TI1-BQ27210DRKRG4 Datasheet
977Kb / 35P
[Old version datasheet]   Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS
BQ27010 TI1-BQ27010_13 Datasheet
1Mb / 35P
[Old version datasheet]   Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS
BQ27010 TI-BQ27010 Datasheet
117Kb / 7P
[Old version datasheet]   SINGLE-CELL LHON AND LI-POL BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS
BQ26500 TI-BQ26500 Datasheet
336Kb / 27P
[Old version datasheet]   SINGLE-CELL LI-ION AND BATTERY GAS GAUGE IC FOR HANDHELD APPLICATIONS
logo
Silicon Standard Corp.
SS4002AG SSC-SS4002AG Datasheet
967Kb / 23P
   Smart Li-Ion Battery Gas Gauge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com