Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

27210 Datasheet(PDF) 4 Page - Texas Instruments

Part # 27210
Description  Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

27210 Datasheet(HTML) 4 Page - Texas Instruments

  27210 Datasheet HTML 1Page - Texas Instruments 27210 Datasheet HTML 2Page - Texas Instruments 27210 Datasheet HTML 3Page - Texas Instruments 27210 Datasheet HTML 4Page - Texas Instruments 27210 Datasheet HTML 5Page - Texas Instruments 27210 Datasheet HTML 6Page - Texas Instruments 27210 Datasheet HTML 7Page - Texas Instruments 27210 Datasheet HTML 8Page - Texas Instruments 27210 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
www.ti.com
bq27010, bq27210
SLUS707B – APRIL 2006 – REVISED JANUARY 2007
ELECTRICAL CHARACTERISTICS (continued)
over operating free-air temperature range and supply voltage range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STANDARD HDQ SERIAL COMMUNICATION TIMING (bq27010 only)
t(B)
Break timing
190
t(BR)
Break recovery
40
t(CYCH)
Host bit window
190
t(HW1)
Host sends 1
0.5
50
t(HW0)
Host sends 0
86
145
µs
t(RSPS)
bqJUNIOR to host response
190
320
t(CYCD)
bqJUNIOR bit window
190
250
t(DW1)
bqJUNIOR sends 1
32
50
t(DW0)
bqJUNIOR sends 0
80
145
STANDARD I2C SERIAL COMMUNICATION TIMING (bq27210 only - Product Preview Data)
tr
SCL/SDA rise time
1
µs
tf
SCL/SDA fall time
300
ns
tw(H)
SCL pulse width (high)
4
tw(L)
SCL pulse width (low)
4.7
µs
tsu(STA)
Setup for repeated start
4.7
td(STA)
Start to first falling edge of SCL
4
tsu(DAT)
Data setup time
250
ns
th(DAT)
Data hold time
300
tsu(STOP)
Setup time for stop
4
µs
t(BUF)
Bus free time between stop and start
4.7
f(SCL)
Clock frequency
100
kHz
t(BUSERR)
Bus error timeout
17.3
21.2
s
4
Submit Documentation Feedback


Similar Part No. - 27210

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
27210 ETC2-27210 Datasheet
152Kb / 2P
   Precision ESD Safe Conductive Drivers
logo
PHOENIX CONTACT
27210121 PHOENIX-27210121 Datasheet
39Kb / 1P
   Switching module - EMG 30-S2/16A - 2944533
2721031 PHOENIX-2721031 Datasheet
82Kb / 5P
   These 8-channel output modules are an inexpensive alternative in applications with many analog actuators.
27210900 PHOENIX-27210900 Datasheet
140Kb / 11P
   DC/DC converters - QUINT-PS/24DC/24DC/10
09/12/2020
27210900 PHOENIX-27210900 Datasheet
85Kb / 6P
   Differential current monitoring - EV-RCM-C1-AC30-DC6
More results

Similar Description - 27210

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27010 TI1-BQ27010_17 Datasheet
1Mb / 35P
[Old version datasheet]   Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
BQ27000 TI-BQ27000_06 Datasheet
557Kb / 31P
[Old version datasheet]   SINGLE CELL Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
BQ27X00-TESTER TI1-BQ27X00-TESTER Datasheet
807Kb / 33P
[Old version datasheet]   SINGLE CELL Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
BQ27000 TI-BQ27000_07 Datasheet
695Kb / 33P
[Old version datasheet]   SINGLE CELL Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
BQ27000 TI-BQ27000 Datasheet
366Kb / 29P
[Old version datasheet]   SINGLE CELL Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
BQ27210DRKRG4 TI1-BQ27210DRKRG4 Datasheet
977Kb / 35P
[Old version datasheet]   Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS
BQ27010 TI1-BQ27010_13 Datasheet
1Mb / 35P
[Old version datasheet]   Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS
BQ27010 TI-BQ27010 Datasheet
117Kb / 7P
[Old version datasheet]   SINGLE-CELL LHON AND LI-POL BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS
BQ26500 TI-BQ26500 Datasheet
336Kb / 27P
[Old version datasheet]   SINGLE-CELL LI-ION AND BATTERY GAS GAUGE IC FOR HANDHELD APPLICATIONS
logo
Silicon Standard Corp.
SS4002AG SSC-SS4002AG Datasheet
967Kb / 23P
   Smart Li-Ion Battery Gas Gauge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com