Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33690 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MC33690
Description  Standalone Tag Reader Circuit
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33690 Datasheet(HTML) 3 Page - Motorola, Inc

  MC33690 Datasheet HTML 1Page - Motorola, Inc MC33690 Datasheet HTML 2Page - Motorola, Inc MC33690 Datasheet HTML 3Page - Motorola, Inc MC33690 Datasheet HTML 4Page - Motorola, Inc MC33690 Datasheet HTML 5Page - Motorola, Inc MC33690 Datasheet HTML 6Page - Motorola, Inc MC33690 Datasheet HTML 7Page - Motorola, Inc MC33690 Datasheet HTML 8Page - Motorola, Inc MC33690 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
MC33690
MOTOROLA SEMICONDUCTORS PRODUCTS
3
revision 4.8, 5 February 2002
© Motorola, Inc., 2002.
MAXIMUM RATINGS
Note 1 :
Human Body model, AEC-Q100-002 Rev. C.
Machine Model, AEC-Q100-003 Rev. E.
THERMAL CHARACTERISTIC
Rating
Symbol
Value
Unit
Supply voltage
VSUP
VSS-0.3 to +40
V
Supply voltage without using the voltage regulator
(VSUP = VDD)
VDD
VSS-0.3 to +7
V
Voltage on SOURCE
VSS-0.3 to +40
V
Current into/from GATE
0
mA
Voltage on GATE
VSS-0.3
V
Voltage on pins :
MODE1/2, CEXT, DOUT, LVR, XTAL1/2, Rx, Tx
VSS-0.3 to VDD +0.3
V
Voltage on RD
±10
V
Voltage on K and AM
VSS-3 to 40
V
Current on TD1 & TD2
(Drivers on & off)
±300
mA
Voltage on AGND
VSS±0.3
V
ESD voltage capability (HBM, see note 1)
±2000
V
ESD voltage capability (MM, see note 1)
±200
V
Solder heat resistance test (10s)
260
°C
Junction temperature
TJ
170
°C
Storage temperature
Ts
-65 to +150
°C
Characteristic
Symbol
Value
Unit
Junction to ambiant thermal resistance (SOIC20)
Rth
80
°C/W
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC33690

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33690 FREESCALE-MC33690 Datasheet
427Kb / 24P
   Standalone Tag Reader Circuit
MC33690 FREESCALE-MC33690 Datasheet
379Kb / 26P
   MC33690 Standalone Tag
logo
NXP Semiconductors
MC33690 NXP-MC33690 Datasheet
470Kb / 26P
   MC33690 Standalone Tag Reader Circuit
Rev. 5, 02/2007
logo
Freescale Semiconductor...
MC33690DW FREESCALE-MC33690DW Datasheet
427Kb / 24P
   Standalone Tag Reader Circuit
logo
NXP Semiconductors
MC33690DW NXP-MC33690DW Datasheet
471Kb / 26P
   MC33690 Standalone Tag Reader Circuit
Rev. 5, 02/2007
More results

Similar Description - MC33690

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33690 FREESCALE-MC33690 Datasheet
427Kb / 24P
   Standalone Tag Reader Circuit
logo
NXP Semiconductors
SC33690DS NXP-SC33690DS Datasheet
471Kb / 26P
   MC33690 Standalone Tag Reader Circuit
Rev. 5, 02/2007
MC33690 NXP-MC33690 Datasheet
470Kb / 26P
   MC33690 Standalone Tag Reader Circuit
Rev. 5, 02/2007
logo
Freescale Semiconductor...
MC33690 FREESCALE-MC33690_07 Datasheet
379Kb / 26P
   MC33690 Standalone Tag
logo
SparkFun Electronics
SEN-14066 SPARKFUN-SEN-14066 Datasheet
1Mb / 26P
   Simultaneous RFID Tag Reader Hookup Guide
2/27/2017
logo
Schneider Electric
XGSZCNFAC SCHNEIDER-XGSZCNFAC Datasheet
95Kb / 1P
   SET OF BADGES FOR SETUP OF THE STANDALONE READER
logo
Microchip Technology
TC2030-MCP MICROCHIP-TC2030-MCP Datasheet
408Kb / 1P
   Tag-Connect In-Circuit Cable Legged Version
2010
logo
rfsolutions.ltd
RWD_QT RFSOLUTIONS-RWD_QT Datasheet
247Kb / 19P
   The MicroRWD ?쏲T??(Quad-Tag) version is a complete 125kHz reader solution for Hitag 1,
logo
Dallas Semiconductor
DS1201 DALLAS-DS1201 Datasheet
171Kb / 7P
   Electronic Tag
logo
Glenair, Inc.
MS27741-2 GLENAIR-MS27741-2 Datasheet
75Kb / 1P
   TAG Ring
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com