Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF6S27015NR1 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MRF6S27015NR1
Description  RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF6S27015NR1 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MRF6S27015NR1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF6S27015NR1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF6S27015NR1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF6S27015NR1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF6S27015NR1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF6S27015NR1 Datasheet HTML 9Page - Freescale Semiconductor, Inc MRF6S27015NR1 Datasheet HTML 10Page - Freescale Semiconductor, Inc MRF6S27015NR1 Datasheet HTML 11Page - Freescale Semiconductor, Inc MRF6S27015NR1 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
RF Device Data
Freescale Semiconductor
MRF6S27015NR1 MRF6S27015GNR1
W-CDMA TEST SIGNAL
10
0.0001
100
0
PEAK− TO− AVERAGE (dB)
Figure 15. CCDF W-CDMA 3GPP, Test Model 1,
64 DPCH, 67% Clipping, Single-Carrier Test Signal
10
1
0.1
0.01
0.001
24
6
8
W− CDMA. ACPR Measured in 3.84 MHz Channel
Bandwidth @
±5 MHz Offset. IM3 Measured in
3.84 MHz Bandwidth @
±10 MHz Offset. PAR =
8.5 dB @ 0.01% Probability on CCDF
−60
−110
−10
−20
−30
−40
−50
−70
−80
−90
− 100
3.84 MHz
Channel BW
7.2
1.8
5.4
3.6
0
− 1.8
− 3.6
− 5.4
−9
9
f, FREQUENCY (MHz)
Figure 16. Single-Carrier W-CDMA Spectrum
− 7.2
− ACPR in 3.84 MHz
Integrated BW
− ACPR in 3.84 MHz
Integrated BW


Similar Part No. - MRF6S27015NR1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6S27015NR1 FREESCALE-MRF6S27015NR1 Datasheet
548Kb / 17P
   RF Power Field Effect Transistors
MRF6S27015NR1 FREESCALE-MRF6S27015NR1 Datasheet
634Kb / 19P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S27015NR1 FREESCALE-MRF6S27015NR1_07 Datasheet
548Kb / 17P
   RF Power Field Effect Transistors
MRF6S27015NR1 FREESCALE-MRF6S27015NR1_08 Datasheet
634Kb / 19P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results

Similar Description - MRF6S27015NR1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6S19140HR3 FREESCALE-MRF6S19140HR3_07 Datasheet
404Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S23140HR3 FREESCALE-MRF6S23140HR3 Datasheet
434Kb / 12P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V2300NR1 FREESCALE-MRF6V2300NR1 Datasheet
522Kb / 14P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V4300NBR5 FREESCALE-MRF6V4300NBR5 Datasheet
822Kb / 15P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRFE6S8046NR1 FREESCALE-MRFE6S8046NR1 Datasheet
445Kb / 17P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF7S15100HR3 FREESCALE-MRF7S15100HR3_09 Datasheet
240Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S18100NR1 FREESCALE-MRF6S18100NR1_08 Datasheet
769Kb / 21P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V14300HR3 FREESCALE-MRF6V14300HR3_10 Datasheet
643Kb / 10P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRF1550NT1 FREESCALE-MRF1550NT1 Datasheet
288Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF1535NT1 FREESCALE-MRF1535NT1_08 Datasheet
662Kb / 19P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF9045LR1 FREESCALE-MRF9045LR1_08 Datasheet
397Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com