Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIP5668 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # SIP5668
Description  14-Line SCSI Bus Terminators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP5668 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button SIP5668 Datasheet HTML 3Page - Vishay Siliconix SIP5668 Datasheet HTML 4Page - Vishay Siliconix SIP5668 Datasheet HTML 5Page - Vishay Siliconix SIP5668 Datasheet HTML 6Page - Vishay Siliconix SIP5668 Datasheet HTML 7Page - Vishay Siliconix SIP5668 Datasheet HTML 8Page - Vishay Siliconix SIP5668 Datasheet HTML 9Page - Vishay Siliconix SIP5668 Datasheet HTML 10Page - Vishay Siliconix SIP5668 Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
SiP5668
Vishay Siliconix
New Product
Document Number: 73099
S-41843—Rev. A, 11-Oct-04
www.vishay.com
9
SE TYPICAL CHARACTERISTICS
2.5
2.6
2.7
2.8
2.9
3.0
0
1020
3040
506070
2.5
2.6
2.7
2.8
2.9
3.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
100
102
104
106
108
110
112
114
116
0
1020
3040
506070
−25.4
−24.9
−24.4
−23.9
−23.4
−22.9
−22.4
−21.9
−21.4
−20.9
0
1020
3040
506070
−25.4
−24.9
−24.4
−23.9
−23.4
−22.9
−22.4
−21.9
−21.4
−20.9
2.5
3.0
3.5
4.0
4.5
5.0
5.5
100
102
104
106
108
110
112
114
116
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Output Current @ 0.2 V vs. TERMPWR
Impedance vs. TERMPWR
TERMPWR (V)
Bias vs. TERMPWR
Bias vs. Temperature
Temperature (_C)
Temperature (_C)
Temperature (_C)
TERMPWR (V)
TERMPWR (V)
Impedance vs. Temperature
Output Current @ 0.2 V vs. Temperature
70_C
25_C
0_C
2.7 V
3.5 V
5.25 V
TERMPWR
70_C
25_C
0_C
2.7 V
3.5 V
5.25 V
TERMPWR
70_C
25_C
0_C
2.7 V
3.5 V
5.25 V
TERMPWR


Similar Part No. - SIP5668

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP5630 VISHAY-SIP5630 Datasheet
86Kb / 10P
   9-Line SCSI Bus Terminators
Rev. A, 05-Ju1-04
SIP5630CG-T1-E3 VISHAY-SIP5630CG-T1-E3 Datasheet
86Kb / 10P
   9-Line SCSI Bus Terminators
Rev. A, 05-Ju1-04
SIP5678 VISHAY-SIP5678 Datasheet
117Kb / 11P
   15-Line SCSI Bus Terminators
Rev. A, 11-Oct-04
SIP5678CS-TR-E3 VISHAY-SIP5678CS-TR-E3 Datasheet
117Kb / 11P
   15-Line SCSI Bus Terminators
Rev. A, 11-Oct-04
SIP56XX VISHAY-SIP56XX Datasheet
173Kb / 2P
   Auto selection of S/E or LVD SCSI termination
More results

Similar Description - SIP5668

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP5678 VISHAY-SIP5678 Datasheet
117Kb / 11P
   15-Line SCSI Bus Terminators
Rev. A, 11-Oct-04
73007 VISHAY-73007 Datasheet
86Kb / 10P
   9-Line SCSI Bus Terminators
Rev. A, 05-Ju1-04
logo
Texas Instruments
UCC5628 TI-UCC5628 Datasheet
68Kb / 5P
[Old version datasheet]   Multimode SCSI 14 Line Terminator
UCC5629 TI-UCC5629 Datasheet
54Kb / 5P
[Old version datasheet]   Multimode SCSI 14 Line Terminator
UCC5629 TI1-UCC5629_08 Datasheet
403Kb / 12P
[Old version datasheet]   MULTIMODE SCSI 14 LINE TERMINATOR
UCC5628 TI1-UCC5628_08 Datasheet
393Kb / 11P
[Old version datasheet]   MULTIMODE SCSI 14 LINE TERMINATOR
logo
Maxim Integrated Produc...
DS2127 MAXIM-DS2127_V01 Datasheet
161Kb / 6P
   Ultra3 LVD/SE SCSI 14-Line Terminator
Rev 2; 1/06
DS2127 MAXIM-DS2127 Datasheet
114Kb / 6P
   Ultra3 LVD/SE SCSI 14-Line Terminator
Rev 1; 3/04
logo
Texas Instruments
SN75C091A TI1-SN75C091A Datasheet
591Kb / 106P
[Old version datasheet]   SCSI Bus Controller
logo
List of Unclassifed Man...
AIC-33C94 ETC1-AIC-33C94 Datasheet
107Kb / 2P
   Enhanced SCSI Bus Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com