Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2815-4-V-F3-A Datasheet(PDF) 5 Page - California Eastern Labs

Part # PS2815-4-V-F3-A
Description  LOW (AC) INPUT CURRENT, HIGH CTR 4, 16-PIN SSOP PHOTOCOUPLER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS2815-4-V-F3-A Datasheet(HTML) 5 Page - California Eastern Labs

  PS2815-4-V-F3-A Datasheet HTML 1Page - California Eastern Labs PS2815-4-V-F3-A Datasheet HTML 2Page - California Eastern Labs PS2815-4-V-F3-A Datasheet HTML 3Page - California Eastern Labs PS2815-4-V-F3-A Datasheet HTML 4Page - California Eastern Labs PS2815-4-V-F3-A Datasheet HTML 5Page - California Eastern Labs PS2815-4-V-F3-A Datasheet HTML 6Page - California Eastern Labs PS2815-4-V-F3-A Datasheet HTML 7Page - California Eastern Labs PS2815-4-V-F3-A Datasheet HTML 8Page - California Eastern Labs PS2815-4-V-F3-A Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
PS2815-1,PS2815-4
ELECTRICAL CHARACTERISTICS (TA = 25
°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Diode
Forward Voltage
VF
IF =
±5 mA
1.15
1.4
V
Terminal Capacitance
Ct
V = 0 V, f = 1 MHz
30
pF
Transistor
Collector to Emitter Dark
Current
ICEO
IF = 0 mA, VCE = 40 V
100
nA
Coupled
Current Transfer Ratio
(IC/IF)
CTR
IF =
±1 mA, VCE = 5 V
100
200
400
%
Collector Saturation Voltage
VCE (sat)
IF =
±1 mA, IC = 0.2 mA
0.3
V
Isolation Resistance
RI-O
VI-O = 1 kVDC
10
11
Isolation Capacitance
CI-O
V = 0 V, f = 1 MHz
0.4
pF
Rise Time
*1
tr
VCC = 5 V, IC = 2 mA, RL = 100
4
µs
Fall Time
*1
tf
5
*1 Test circuit for switching time
VCC
VOUT
IF
RL = 100
50
Pulse Input
In monitor
PW = 100 s
Duty cycle = 1/10
µ
Data Sheet PN10256EJ02V0DS
5


Similar Part No. - PS2815-4-V-F3-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2815-4-V-F3 RENESAS-PS2815-4-V-F3 Datasheet
269Kb / 16P
   LOW (AC) INPUT CURRENT, HIGH CTR 4, 16-PIN SSOP PHOTOCOUPLER
PS2815-4-V-F3 RENESAS-PS2815-4-V-F3 Datasheet
254Kb / 16P
   LOW (AC) INPUT CURRENT, HIGH CTR 4, 16-PIN SSOP PHOTOCOUPLER
More results

Similar Description - PS2815-4-V-F3-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2815-1 RENESAS-PS2815-1_15 Datasheet
254Kb / 16P
   LOW (AC) INPUT CURRENT, HIGH CTR 4, 16-PIN SSOP PHOTOCOUPLER
PS2815-1 RENESAS-PS2815-1 Datasheet
269Kb / 16P
   LOW (AC) INPUT CURRENT, HIGH CTR 4, 16-PIN SSOP PHOTOCOUPLER
PS2811-1 RENESAS-PS2811-1 Datasheet
268Kb / 16P
   LOW INPUT CURRENT, HIGH CTR 4, 16-PIN SSOP PHOTOCOUPLER
logo
California Eastern Labs
PS2811-1 CEL-PS2811-1 Datasheet
429Kb / 12P
   LOW INPUT CURRENT, HIGH CTR 4, 16-PIN SSOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2811-1 RENESAS-PS2811-1_15 Datasheet
282Kb / 16P
   LOW INPUT CURRENT, HIGH CTR 4, 16-PIN SSOP PHOTOCOUPLER
logo
NEC
PS2815-1 NEC-PS2815-1 Datasheet
106Kb / 12P
   HIGH CTR, AC INPUT 4, 16-PIN SOP PHOTOCOUPLER
logo
COSMO Electronics Corp...
KPS28010W COSMO-KPS28010W Datasheet
169Kb / 6P
   4 Pin SSOP Low Input Current Photocoupler
KPS28010T COSMO-KPS28010T Datasheet
169Kb / 6P
   4 Pin SSOP Low Input Current Photocoupler
KPS28010Z COSMO-KPS28010Z Datasheet
169Kb / 6P
   4 Pin SSOP Low Input Current Photocoupler
logo
California Eastern Labs
PS2715-1 CEL-PS2715-1 Datasheet
349Kb / 10P
   HIGH CTR, AC INPUT 4-PIN SOP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com