Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM9848BA Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # ELM9848BA
Description  VOLTAGE REGULATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ELM9848BA Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  ELM9848BA Datasheet HTML 1Page - List of Unclassifed Manufacturers ELM9848BA Datasheet HTML 2Page - List of Unclassifed Manufacturers ELM9848BA Datasheet HTML 3Page - List of Unclassifed Manufacturers ELM9848BA Datasheet HTML 4Page - List of Unclassifed Manufacturers ELM9848BA Datasheet HTML 5Page - List of Unclassifed Manufacturers ELM9848BA Datasheet HTML 6Page - List of Unclassifed Manufacturers ELM9848BA Datasheet HTML 7Page - List of Unclassifed Manufacturers ELM9848BA Datasheet HTML 8Page - List of Unclassifed Manufacturers ELM9848BA Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
211
VOLTAGE REGULATOR ELM98xxxA
ELM9833xA
ELM9833xA
ELM9833xA
ELM9833xA
(Top=25℃)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Output Voltage
VOUT
VIN=5.3V, IOUT=1mA
3.234 3.300 3.366
V
Output Current
IOUT
VIN=3.9V
55
mA
△VOUT VIN=5.3V
△IOUT
1mA≦IOUT≦50mA
Input/Output Voltage Differential
Vdif
IOUT=10mA
80
110
mV
Current Consumption
ISS
VIN=5.3V, No-load
4.5
8.0
μA
△VOUT 4.3V≦VIN≦7.3V
△VIN
IOUT=50mA
Input Voltage
VIN
10
V
Output Voltage Temperature
△VOUT VIN=5.3V, IOUT=1mA
Characteristics
△Top
-30℃≦Top≦+80℃
ppm/℃
mV
10
20
0.25
%/V
Load Stability
Input Stability
±100
0.1
ELM9850xA
ELM9850xA
ELM9850xA
ELM9850xA
(Top=25℃)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Output Voltage
VOUT
VIN=7.0V, IOUT=1mA
4.900 5.000 5.100
V
Output Current
IOUT
VIN=5.6V
70
mA
△VOUT VIN=7.0V
△IOUT
1mA≦IOUT≦50mA
Input/Output Voltage Differential
Vdif
IOUT=10mA
55
85
mV
Current Consumption
ISS
VIN=7.0V, No-load
5.0
9.0
μA
△VOUT 6.0V≦VIN≦9.0V
△VIN
IOUT=50mA
Input Voltage
VIN
10
V
Output Voltage Temperature
△VOUT VIN=7.0V, IOUT=1mA
Characteristics
△Top
-30℃≦Top≦+80℃
ppm/℃
mV
10
20
0.25
%/V
Load Stability
Input Stability
±100
0.1
ELM9830xA
ELM9830xA
ELM9830xA
ELM9830xA
(Top=25℃)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Output Voltage
VOUT
VIN=5.0V, IOUT=1mA
2.940 3.000 3.060
V
Output Current
IOUT
VIN=3.6V
50
mA
△VOUT VIN=5.0V
△IOUT
1mA≦IOUT≦50mA
Input/Output Voltage Differential
Vdif
IOUT=10mA
85
115
mV
Current Consumption
ISS
VIN=5.0V, No-load
4.0
7.0
μA
△VOUT 4.0V≦VIN≦7.0V
△VIN
IOUT=50mA
Input Voltage
VIN
10
V
Output Voltage Temperature
△VOUT VIN=5.0V, IOUT=1mA
Characteristics
△Top
-30℃≦Top≦+80℃
ppm/℃
mV
10
20
0.25
%/V
Load Stability
Input Stability
±100
0.1


Similar Part No. - ELM9848BA

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM98 ELM-ELM98 Datasheet
1Mb / 12P
   CMOS Voltage regulator
logo
ELM Technology Corporat...
ELM98 ELM-TECH-ELM98 Datasheet
1Mb / 12P
   CMOS Voltage regulator
ELM98-SERIES ELM-TECH-ELM98-SERIES Datasheet
1Mb / 12P
   CMOS Voltage regulator
ELM9827AB-N ELM-TECH-ELM9827AB-N Datasheet
124Kb / 12P
   CMOS Voltage regulator
ELM9827AB-S ELM-TECH-ELM9827AB-S Datasheet
124Kb / 12P
   CMOS Voltage regulator
More results

Similar Description - ELM9848BA

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
MB3756 FUJI-MB3756 Datasheet
228Kb / 7P
   VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
R1MX55 ETL-R1MX55 Datasheet
311Kb / 10P
   VOLTAGE REGULATOR
logo
Texas Instruments
LM723JAN TI1-LM723JAN_13 Datasheet
821Kb / 21P
[Old version datasheet]   Voltage Regulator
LM723 TI1-LM723_16 Datasheet
850Kb / 21P
[Old version datasheet]   Voltage Regulator
logo
Unisonic Technologies
R070LD10 UTC-R070LD10_V01 Datasheet
352Kb / 10P
   VOLTAGE REGULATOR
logo
RICOH electronics devic...
RX5RL20A RICOH-RX5RL20A Datasheet
144Kb / 18P
   VOLTAGE REGULATOR
logo
Infineon Technologies A...
IFX1117 INFINEON-IFX1117_09 Datasheet
290Kb / 15P
   Voltage Regulator
Rev. 1.21, 2009-09-04
logo
Holtek Semiconductor In...
HT10XX HOLTEK-HT10XX Datasheet
607Kb / 14P
   Voltage Regulator
logo
Unisonic Technologies
R070LD10 UTC-R070LD10 Datasheet
387Kb / 10P
   VOLTAGE REGULATOR
logo
Solid States Devices, I...
SVR003 SSDI-SVR003 Datasheet
103Kb / 3P
   VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
R070LD10 ETL-R070LD10 Datasheet
387Kb / 10P
   VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com