Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM7230-3.3TB5T Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # GM7230-3.3TB5T
Description  3A STEP-DOWN VOLTAGE REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GM7230-3.3TB5T Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  GM7230-3.3TB5T Datasheet HTML 1Page - List of Unclassifed Manufacturers GM7230-3.3TB5T Datasheet HTML 2Page - List of Unclassifed Manufacturers GM7230-3.3TB5T Datasheet HTML 3Page - List of Unclassifed Manufacturers GM7230-3.3TB5T Datasheet HTML 4Page - List of Unclassifed Manufacturers GM7230-3.3TB5T Datasheet HTML 5Page - List of Unclassifed Manufacturers GM7230-3.3TB5T Datasheet HTML 6Page - List of Unclassifed Manufacturers GM7230-3.3TB5T Datasheet HTML 7Page - List of Unclassifed Manufacturers GM7230-3.3TB5T Datasheet HTML 8Page - List of Unclassifed Manufacturers GM7230-3.3TB5T Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ABSOLUTE MAXIMUM RATINGS
V
Output Voltage to Ground (Steady State)
Power Dissipation
Storage Temperature Range
Maximum Junction Temperature
Minimum ESD Rating (C=100pF, R=1.5kW)
Lead Temperature (Soldering, 10 sec.)
kV
°C
°C
°C
Maximum Supply Voltage
Rating
Value
Unit
ON/OFF Pin Input Voltage
45
Internally Limited
-65 to + 150
+150
2
+260
-1.0
V
V
-
BLOCK DIAGRAM
1.235V
Reference
Current
Source
Bias
-0.3
V
+25
GM7230
3
Operating Temperature Range
°C
-40
TJ 125
2.5V
Regulator
Start Up
150kHz
OSC
Latch
Driver
Thermal
Limit
2.5V
ON/ OFF
VIN
OUTPUT
GND
FEEDBACK
R2
R1=
2.5K
Active
Capacitor
AMP
COMP
OP AMP
+
-
+
-
-
+
FREQ
SHIFT
COMP
COMP
-
+
+
-
+
+
220
mV
220
mV
3A
Switch
3.3V,R2=4.2K
5V,R2=7.6K
12V,R2=21.8K
ADJ,R2=0W
R1=OPEN
GM
Current
Limit
Reset
OPERATING CONDITIONS
°C
Temperature Range
Rating
Value
Unit
Supply Voltage
V
4.5 to 40
45
T
+125
J


Similar Part No. - GM7230-3.3TB5T

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM7230-3.3TB5T GAMMA-GM7230-3.3TB5T Datasheet
204Kb / 13P
   3A STEP-DOWN VOLTAGE REGULATOR
GM7230-3.3TB5T GAMMA-GM7230-3.3TB5T Datasheet
538Kb / 11P
   150KHz, 3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7230-3.3TB5TG GAMMA-GM7230-3.3TB5TG Datasheet
538Kb / 11P
   150KHz, 3A STEP DOWN VOLTAGE SWITCHING REGULATORS
More results

Similar Description - GM7230-3.3TB5T

ManufacturerPart #DatasheetDescription
logo
ARTSCHIP ELECTRONICS CO...
LM2596 ARTSCHIP-LM2596 Datasheet
741Kb / 29P
   3A Step-Down Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM2576BM TGS-LM2576BM Datasheet
1Mb / 9P
   3A Step-Down Voltage Regulator
logo
Champion Microelectroni...
CM2596S CHAMP-CM2596S_06 Datasheet
434Kb / 13P
   3A STEP DOWN VOLTAGE REGULATOR
logo
List of Unclassifed Man...
CM2596 ETC-CM2596 Datasheet
482Kb / 12P
   3A STEP DOWN VOLTAGE REGULATOR
logo
Gamma Microelectronics ...
GM7230 GAMMA-GM7230 Datasheet
204Kb / 13P
   3A STEP-DOWN VOLTAGE REGULATOR
logo
Guangdong Youtai Semico...
LM2596 UMW-LM2596 Datasheet
3Mb / 17P
   3A Step-Down Voltage Regulator
logo
ADDtek Corp
AMC2576 ADDTEK-AMC2576 Datasheet
176Kb / 14P
   3A STEP DOWN VOLTAGE REGULATOR
DECEMBER 2006
logo
Champion Microelectroni...
CM2576 CHAMP-CM2576 Datasheet
313Kb / 12P
   3A STEP DOWN VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS2576 TSC-TS2576 Datasheet
141Kb / 7P
   3A Step Down Switching Voltage Regulator
logo
Unisonic Technologies
P2576_1109 UTC-P2576_1109 Datasheet
293Kb / 8P
   3A STEP-DOWN VOLTAGE SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com