Selected language     English  ▼


LM317 Datasheet(PDF) 5 Page - Vishay Siliconix

Part No. LM317
Description  3-Terminal Adjustable Output Positive Voltage Regulators
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

   
 5 page
background image
20
40
60
80
100
510
15
20
25
30
35
40
Fig. 11 – Ripple Rejection
vs. Output Voltage
Vo -- Output Voltage (V)
010
20
30
40
t -- Time (
µs)
0
0.5
1.0
0
0.5
1.0
1.5
--1.5
--1.0
--0.5
0
0
VI -- Vo = 5V
IL = 500mA
f = 120HZ
TJ = 25°C
CAdj = 10
µF
Without CAdj
20
40
60
80
100
100
1K
100K
10K
1M
Fig. 13 – Ripple Rejection
vs. Frequency
f -- Frequency (Hz)
0
10
IL = 500mA
VI = 15V
Vo = 10V
TJ = 25°C
CAdj = 10
µF
Without CAdj
20
40
60
80
100
120
140
0.01
0.1
10
1
Fig. 12 – Ripple Rejection
vs. Output Current
Io -- Output Current (A)
0
VI = 15V
Vo = 10V
f = 120HZ
TJ = 25°C
CAdj = 10
µF
Without CAdj
10
--3
10
--2
10
--1
10
0
10
1
100
1K
100K
10K
1M
Fig. 14 – Output Impedance
f -- Frequency (Hz)
10
VI = 15V
Vo = 10V
IL = 500mA
TJ = 25°C
Vo = 10V
IL = 50mA
TJ = 25°C
Without CAdj
CAdj = 10
µF
CL = 1
µF CAdj = 10µF
CL = 0
Without CAdj
VI
010
20
30
40
t -- Time (
µs)
0
0.5
1.0
1.5
0
1
2
3
--3
--2
--1
VI = 15V
Vo = 10V
INL = 50mA
TJ = 25°C
CL = 1
µF CAdj = 10µF
CL = 0 Without CAdj
IL
Fig. 16 – Load Transient Response
Fig. 15 – Line Transient Response
Ratings and
Characteristic Curves (TA = 25°C unless otherwise noted)
LM317
Vishay
formerly General Semiconductor
Document Number 74809
www.vishay.com
30-Oct-02
5




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LD1117LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreSTMicroelectronics
KA278RXXC2A Output Low Dropout Voltage Regulators 1 2 3 4 5 MoreFairchild Semiconductor
NCP15211.5 MHz 600 mA High−Efficiency Low Quiescent Current Adjustable Output Voltage Step−Down Converter 1 2 3 4 5 MoreON Semiconductor
NCP15223.0 MHz 600 mA High−Efficiency Low Quiescent Current Adjustable Output Voltage Step−Down Converter 1 2 3 4 5 MoreON Semiconductor
NCP90011.5 MHz 600 mA High−Efficiency Low Quiescent Current Adjustable Output Voltage Step−Down Converter 1 2 3 4 5 MoreON Semiconductor
AN65314-pin variable positive output voltage regulator 1 2 3 4 5 Panasonic Semiconductor
LM317LADJUSTABLE VOLTAGE REGULATOR POSITIVE 1 2 3 HTC Korea TAEJIN Technology Co.
AMC431PRECISION ADJUSTABLE SHUNT VOLTAGE REFERENCE 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TPS75515FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS 1 2 3 4 5 MoreTexas Instruments

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl