Selected language     English  ▼


LM317 Datasheet(PDF) 2 Page - Vishay Siliconix

Part No. LM317
Description  3-Terminal Adjustable Output Positive Voltage Regulators
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

   
 2 page
background image
www.vishay.com
Document Number 74809
2
30-Oct-02
Electrical Characteristics – LM317
Vi -Vo =5V, Io = 0.5A, TJ = Tlow to Thigh (see Note 1), Imax and Pmax per Note 2, unless otherwise noted.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Line Regulation (Fig. 1)(3)
REGline
TA = 25°C
0.01
0.04
%Vo/V
3.0V
≤ VI – Vo ≤ 40V
TJ = 0°C thru 125°C
0.02
0.07
Load Regulation (Fig. 2)(3)
REGload
Vo
≤ 5.0
5
25
mV
TJ = 25°C, 10mA
≤ Io ≤ 1.5A
Vo
≥ 5.0
0.1
0.5
%Vo
Load Regulation (Fig. 2)(3)
REGload
Vo
≤ 5.0
20
70
mV
10mA
≤ Io ≤ 1.5A
Vo
≥ 5.0
0.3
1.5
%Vo
Thermal Regulation
REGtherm
TJ = 25°C, 20ms Pulse
0.03
0.07
%Vo/W
Adjustment Pin Current (Fig. 3)
IAdj
50
100
µA
Adjustment Pin Current Change
∆IAdj
10mA
≤ IL ≤ 1.5A
0.2
5
µA
2.5V
≤ VI – Vo ≤ 40V
Reference Voltage (Fig. 3)(4)
Vref
10mA
≤ Io ≤ 1.5A
1.225
1.25
1.275
V
3V
≤ VI – Vo ≤ 40V
Temperature Stability (Fig. 3)
TS
Tlow
≤ TJ ≤ Thigh
–1–
%Vo
Min. Load Current to Maintain Regulation (Fig. 3)
ILmin
VI – Vo = 40V
3.5
10
mA
Maximum Output Current (Fig. 3)
Imax
VI – Vo
≤ 15V
1.5
2.2
A
VI – Vo = 40V, TJ = 25°C
0.15
0.4
RMS Noise, % of Vo
N
TJ = 25°C, 10HZ
≤ f ≤ 10KHZ
0.003
%Vo
Ripple Rejection (Fig. 4)
RR
Vo = 10V, f = 120HZ
(5)
—65
dB
CAdj = 10
µF66
80
Long-Term Stability (after 1000 hr) Fig. 3
S
TJ = 125°C
(6)
, TJ = 25°C for
0.3
1.0
%
Endpoint Measurements
Thermal Resistance Junction to Case
R
θJC
Tlow
≤ TJ ≤ Thigh
5.0
°C/W
Notes:
(1) Tlow = 0°C Thigh = 125°C
(2) Imax = 1.5A Pmax is internally limited
(3) Load and line regulation are specified at constant junction temperature. Changes in Vo due to heating effects must be taken into account separately.
Pulse testing with low duty cycle is used.
(4) Selected devices with tightened tolerance reference voltage available.
(5) CAdj, when used, is connected between the addjustment pin and ground.
(6) Since Long-Term Stability cannot be measured on each device before shipment, this specification is an engineering estimate of average stability from lot to lot.
LM317
Vishay
formerly General Semiconductor




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LD1117LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreSTMicroelectronics
KA278RXXC2A Output Low Dropout Voltage Regulators 1 2 3 4 5 MoreFairchild Semiconductor
NCP15211.5 MHz 600 mA High−Efficiency Low Quiescent Current Adjustable Output Voltage Step−Down Converter 1 2 3 4 5 MoreON Semiconductor
NCP15223.0 MHz 600 mA High−Efficiency Low Quiescent Current Adjustable Output Voltage Step−Down Converter 1 2 3 4 5 MoreON Semiconductor
NCP90011.5 MHz 600 mA High−Efficiency Low Quiescent Current Adjustable Output Voltage Step−Down Converter 1 2 3 4 5 MoreON Semiconductor
AN65314-pin variable positive output voltage regulator 1 2 3 4 5 Panasonic Semiconductor
LM317LADJUSTABLE VOLTAGE REGULATOR POSITIVE 1 2 3 HTC Korea TAEJIN Technology Co.
AMC431PRECISION ADJUSTABLE SHUNT VOLTAGE REFERENCE 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TPS75515FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS 1 2 3 4 5 MoreTexas Instruments

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl