Selected language     English  ▼


LM317 Datasheet(PDF) 4 Page - Vishay Siliconix

Part No. LM317
Description  3-Terminal Adjustable Output Positive Voltage Regulators
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

   
 4 page
background image
www.vishay.com
Document Number 74809
4
30-Oct-02
0
0.2
0.4
0.6
--75
--50 --25
0
25
50
75
100
125 150
175
Fig. 5 – Load Regulation
--1.0
--0.8
--0.6
--0.4
--0.2
0
1
2
3
010
20
30
40
Fig. 6 – Current Limit
4
--75
--50 --25
0
25
50
75
100
125 150
175
Fig. 7 – Adjustment Pin Current
35
40
45
50
55
60
65
70
75
--75
--50 --25
0
25
50
75
100
125 150
175
Fig. 9 – Temperature Stability
1.220
1.230
1.240
1.250
1.260
--75
--50 --25
0
25
50
75
100
125 150
175
Fig. 8 – Dropout Voltage
1.0
1.5
2.0
2.5
3.0
IL = 1.5A
IL = 1.0A
IL = 500mA
IL = 200mA
IL = 20mA
∆Vo = 100mV
0
0.2
0.4
0.6
--75
--50 --25
0
25
50
75
100
125 150
175
--1.0
--0.8
--0.6
--0.4
--0.2
VI = 15V
Vo = 10V
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
4.0
4.5
010
20
30
40
50
Fig. 10 – Minimum Operating Current
TJ = --55
°C
TJ = 25
°C
5.0
TJ = 150
°C
IL = 0.5A
IL = 1.5A
TJ = 25
°C
TJ = 150
°C
TJ = --55
°C
Ratings and
Characteristic Curves (TA = 25°C unless otherwise noted)
LM317
Vishay
formerly General Semiconductor




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LD1117LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreSTMicroelectronics
KA278RXXC2A Output Low Dropout Voltage Regulators 1 2 3 4 5 MoreFairchild Semiconductor
NCP15211.5 MHz 600 mA High−Efficiency Low Quiescent Current Adjustable Output Voltage Step−Down Converter 1 2 3 4 5 MoreON Semiconductor
NCP15223.0 MHz 600 mA High−Efficiency Low Quiescent Current Adjustable Output Voltage Step−Down Converter 1 2 3 4 5 MoreON Semiconductor
NCP90011.5 MHz 600 mA High−Efficiency Low Quiescent Current Adjustable Output Voltage Step−Down Converter 1 2 3 4 5 MoreON Semiconductor
AN65314-pin variable positive output voltage regulator 1 2 3 4 5 Panasonic Semiconductor
LM317LADJUSTABLE VOLTAGE REGULATOR POSITIVE 1 2 3 HTC Korea TAEJIN Technology Co.
AMC431PRECISION ADJUSTABLE SHUNT VOLTAGE REFERENCE 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TPS75515FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS 1 2 3 4 5 MoreTexas Instruments

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl