Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M30620FCNGP Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # M30620FCNGP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Download  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30620FCNGP Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  M30620FCNGP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M30620FCNGP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M30620FCNGP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M30620FCNGP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M30620FCNGP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M30620FCNGP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M30620FCNGP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M30620FCNGP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M30620FCNGP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 246 page
background image
Description
3
Mitsubishi microcomputers
M16C / 62N Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
1 2
3
4
5
6
7
8 9 1011 12 1314 15 16 17 18 19 20 21 22 23 24 25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
P10/D8
P11/D9
P12/D10
VREF
AVSS
P42/A18
P43/A19
P56/ALE
P55/HOLD
P54/HLDA
P53/BCLK
P52/RD
P57/RDY/CLKOUT
P45/CS1
P46/CS2
P47/CS3
AVcc
P63/TXD0
P65/CLK1
P66/RxD1
P67/TXD1
P61/CLK0
P62/RxD0
P100/AN0
P101/AN1
P102/AN2
P103/AN3
P95/ANEX0/CLK4
P96/ANEX1/SOUT4
P60/CTS0/RTS0
P64/CTS1/RTS1/CLKS1
P97/ADTRG/SIN4
P44/CS0
P50/WRL/WR
P51/WRH/BHE
P72/CLK2/TA1OUT/V
P71/RxD2/SCL/TA0IN/TB5IN (Note)
P70/TXD2/SDA/TA0OUT (Note)
P107/AN7/KI3
P106/AN6/KI2
P105/AN5/KI1
P104/AN4/KI0
Note: P70 and P71 are N channel open-drain output pin.
P07/AN07/D7
P06/AN06/D6
P05/AN05/D5
P04/AN04/D4
P03/AN03/D3
P02/AN02/D2
P01/AN01/D1
P00/AN00/D0
Figure 1.1.2. Pin configuration (top view)
Package: 100P6Q-A
PIN CONFIGURATION (top view)
M16C/62N Group


Similar Part No. - M30620FCNGP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M30620FCAFP MITSUBISHI-M30620FCAFP Datasheet
3Mb / 274P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30620FCAFP MITSUBISHI-M30620FCAFP Datasheet
3Mb / 274P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
M30620FCAFP RENESAS-M30620FCAFP Datasheet
8Mb / 615P
   16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
logo
Mitsubishi Electric Sem...
M30620FCAGP MITSUBISHI-M30620FCAGP Datasheet
3Mb / 274P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30620FCAGP MITSUBISHI-M30620FCAGP Datasheet
3Mb / 274P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results

Similar Description - M30620FCNGP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP922000 SONY-CXP922000 Datasheet
146Kb / 6P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M30621FCMGP MITSUBISHI-M30621FCMGP Datasheet
594Kb / 24P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Sony Corporation
CXP913040 SONY-CXP913040 Datasheet
307Kb / 26P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M32C MITSUBISHI-M32C Datasheet
5Mb / 441P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30620MCM MITSUBISHI-M30620MCM Datasheet
414Kb / 33P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37735MHB MITSUBISHI-M37735MHB Datasheet
1Mb / 90P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37733M4LXXXHP MITSUBISHI-M37733M4LXXXHP Datasheet
469Kb / 31P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
16C26 RENESAS-16C26 Datasheet
238Kb / 39P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M306V8FJFP RENESAS-M306V8FJFP Datasheet
3Mb / 365P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C30 RENESAS-M16C30_02 Datasheet
2Mb / 178P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62 RENESAS-M16C62 Datasheet
3Mb / 231P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com