Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA131UA Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA131UA
Description  General-Purpose FET-INPUT OPERATIONAL AMPLIFIERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA131UA Datasheet(HTML) 3 Page - Texas Instruments

  OPA131UA Datasheet HTML 1Page - Texas Instruments OPA131UA Datasheet HTML 2Page - Texas Instruments OPA131UA Datasheet HTML 3Page - Texas Instruments OPA131UA Datasheet HTML 4Page - Texas Instruments OPA131UA Datasheet HTML 5Page - Texas Instruments OPA131UA Datasheet HTML 6Page - Texas Instruments OPA131UA Datasheet HTML 7Page - Texas Instruments OPA131UA Datasheet HTML 8Page - Texas Instruments OPA131UA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
OPA131, 2131, 4131
3
SBOS040A
www.ti.com
ELECTRICAL CHARACTERISTICS
At TA = +25°C, VS = ±15V, and RL = 2kΩ, unless otherwise noted.
OPA131UA
OPA2131UA
OPA4131PA, UA, NA
OPA131UJ
OPA2131UJ
OPA4131PJ, NJ
PARAMETER
CONDITION
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
OFFSET VOLTAGE
Input Offset Voltage
±0.2
±1
±1.5
mV
OPA131U model only
±0.2
0.75
mV
vs Temperature(1)
Operating Temperature Range
±2
±10
✻✻
µV/°C
vs Power Supply
VS = ±4.5V to ±18V
50
200
✻✻
µV/V
OPA131U model only
50
100
µV/V
INPUT BIAS CURRENT(2)
Input Bias Current
VCM = 0V
+5
±50
✻✻
pA
vs Temperature
See Typical Characteristic
Input Offset Current
VCM = 0V
±1
±50
✻✻
pA
NOISE
Input Voltage Noise
Noise Density, f = 10Hz
21
nV/
√Hz
f = 100Hz
16
nV/
√Hz
f = 1kHz
15
nV/
√Hz
f = 10kHz
15
nV/
√Hz
Current Noise Density, f = 1kHz
3
fA/
√Hz
INPUT VOLTAGE RANGE
Common-Mode Voltage Range
(V–) + 3
(V+) – 1
✻✻
V
Common-Mode Rejection
VCM = –12V to +14V
70
80
✻✻
dB
OPA131U model only
80
86
dB
INPUT IMPEDANCE
Differential
1010 || 1
Ω || pF
Common-Mode
VCM = 0V
1012 || 3
Ω || pF
OPEN-LOOP GAIN
Open-Loop Voltage Gain
VO = –12V to +12V
94
110
✻✻
dB
OPA131U model only
100
110
dB
FREQUENCY RESPONSE
Gain-Bandwidth Product
4
MHz
Slew Rate
10
V/
µs
Settling Time 0.1%
G = –1, 10V Step, CL = 100pF
1.5
µs
0.01%
G = –1, 10V Step, CL = 100pF
2
µs
Total Harmonic Distortion + Noise
1kHz, G = 1, VO = 3.5Vrms
0.0008
%
OUTPUT
Voltage Output, Positive
(V+) – 3 (V+) – 2.5
✻✻
V
Negative
(V–) + 3 (V–) + 2.5
✻✻
V
Short-Circuit Current
±25
mA
POWER SUPPLY
Specified Operating Voltage
±15
V
Operating Voltage Range
±4.5
±18
✻✻
V
Quiescent Current (per amplifier)
IO = 0
±1.5
±1.75
±2mA
TEMPERATURE RANGE
Operating Range
–55
+125
–55
+125
°C
Storage
–55
+125
✻✻
°C
Thermal Resistance,
θ
JA
DIP-8
100
°C/W
SO-8
150
°C/W
DIP-14
80
°C/W
SO-14, SOL-16
110
°C/W
✻ Specifications same as OPA131UA.
NOTES: (1) Ensured by wafer test. (2) High-speed test at TJ = 25°C.


Similar Part No. - OPA131UA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA131UA BURR-BROWN-OPA131UA Datasheet
318Kb / 7P
   General Purpose FET-INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA131UA TI-OPA131UA Datasheet
1Mb / 20P
[Old version datasheet]   General-Purpose FET-INPUT OPERATIONAL AMPLIFIERS
OPA131UA TI1-OPA131UA Datasheet
1Mb / 21P
[Old version datasheet]   General-Purpose FET-INPUT OPERATIONAL AMPLIFIERS
OPA131UA/2K5 TI1-OPA131UA/2K5 Datasheet
1Mb / 21P
[Old version datasheet]   General-Purpose FET-INPUT OPERATIONAL AMPLIFIERS
OPA131UA2K5 TI-OPA131UA2K5 Datasheet
1Mb / 20P
[Old version datasheet]   General-Purpose FET-INPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA131UA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA131 TI1-OPA131_16 Datasheet
1Mb / 21P
[Old version datasheet]   General-Purpose FET-INPUT OPERATIONAL AMPLIFIERS
OPA4131NAG4 TI-OPA4131NAG4 Datasheet
1Mb / 20P
[Old version datasheet]   General-Purpose FET-INPUT OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA131 BURR-BROWN-OPA131 Datasheet
318Kb / 7P
   General Purpose FET-INPUT OPERATIONAL AMPLIFIERS
logo
Diodes Incorporated
TL082 DIODES-TL082 Datasheet
228Kb / 11P
   GENERAL PURPOSE JFET INPUT OPERATIONAL AMPLIFIERS
TL082 Rev. 1
logo
STMicroelectronics
TL084 STMICROELECTRONICS-TL084_01 Datasheet
313Kb / 12P
   GENERAL PURPOSE J-FET QUAD OPERATIONAL AMPLIFIERS
TL082 STMICROELECTRONICS-TL082_07 Datasheet
322Kb / 17P
   GENERAL PURPOSE J-FET DUAL OPERATIONAL AMPLIFIERS
TL082 STMICROELECTRONICS-TL082 Datasheet
108Kb / 11P
   GENERAL PURPOSE J-FET DUAL OPERATIONAL AMPLIFIERS
MC33004 STMICROELECTRONICS-MC33004 Datasheet
596Kb / 10P
   GENERAL PURPOSE QUAD J FET OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA1662 TI-OPA1662_15 Datasheet
1Mb / 32P
[Old version datasheet]   Low Noise and Distortion, General-Purpose, FET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1652 TI-OPA1652_15 Datasheet
1Mb / 29P
[Old version datasheet]   Low Noise and Distortion, General-Purpose, FET-Input AUDIO OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com