Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA544TG3 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA544TG3
Description  High-Voltage, High-Current OPERATIONAL AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA544TG3 Datasheet(HTML) 2 Page - Texas Instruments

  OPA544TG3 Datasheet HTML 1Page - Texas Instruments OPA544TG3 Datasheet HTML 2Page - Texas Instruments OPA544TG3 Datasheet HTML 3Page - Texas Instruments OPA544TG3 Datasheet HTML 4Page - Texas Instruments OPA544TG3 Datasheet HTML 5Page - Texas Instruments OPA544TG3 Datasheet HTML 6Page - Texas Instruments OPA544TG3 Datasheet HTML 7Page - Texas Instruments OPA544TG3 Datasheet HTML 8Page - Texas Instruments OPA544TG3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
®
2
OPA544
SPECIFICATIONS
At TCASE = +25°C, VS = ±35V, unless otherwise noted.
OPA544T
OPA544T-1
OPA544F
PARAMETER
CONDITION
MIN
TYP
MAX
UNITS
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
OFFSET VOLTAGE
Input Offset Voltage
±1
±5mV
vs Temperature
Specified Temperature Range
±10
µV/°C
vs Power Supply
VS = ±10V to ±35V
±10
±100
µV/V
INPUT BIAS CURRENT(1)
Input Bias Current
VCM = 0V
±15
±100
pA
vs Temperature
See Typical Curve
Input Offset Current
VCM = 0V
±10
±100
pA
NOISE
Input Voltage Noise
Noise Density, f = 1kHz
36
nV/
√Hz
Current Noise Density, f = 1kHz
3
fA/
√Hz
INPUT VOLTAGE RANGE
Common-Mode Input Range, Positive
Linear Operation
(V+) –6
(V+) –4
V
Negative
Linear Operation
(V–) +6
(V–) +4
V
Common-Mode Rejection
VCM = ±VS –6V
90
106
dB
INPUT IMPEDANCE
Differential
1012 || 8
Ω || pF
Common-Mode
1012 || 10
Ω || pF
OPEN-LOOP GAIN
Open-Loop Voltage Gain
VO = ±30V, RL = 1kΩ
90
103
dB
FREQUENCY RESPONSE
Gain Bandwidth Product
RL = 15Ω
1.4
MHz
Slew Rate
60Vp-p, RL = 15Ω
58
V/
µs
Full-Power Bandwidth
See Typical Curve
Settling Time
0.1%
G = –10, 60V Step
25
µs
Total Harmonic Distortion
See Typical Curve
OUTPUT
Voltage Output, Positive
IO = 2A
(V+) –5
(V+) –4.4
V
Negative
IO = 2A
(V–) +5
(V–) +3.8
V
Positive
IO = 0.5A
(V+) –4.2
(V+) –3.8
V
Negative
IO = 0.5A
(V–) +4
(V–) +3.1
V
Current Output
See SOA Curves
Short-Circuit Current
4A
POWER SUPPLY
Specified Operating Voltage
±35
V
Operating Voltage Range
±10
±35
V
Quiescent Current
IO = 0
±12
±15
mA
TEMPERATURE RANGE
Operating
–40
+85
°C
Storage
–40
+125
°C
Thermal Resistance,
θ
JC
f > 50Hz
2.7
°C/W
Thermal Resistance,
θ
JC
DC
3
°C/W
Thermal Resistance,
θ
JA
No Heat Sink
65
°C/W
NOTES: (1) High-speed test at TJ = 25°C.


Similar Part No. - OPA544TG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA544TG3 TI1-OPA544TG3 Datasheet
180Kb / 11P
[Old version datasheet]   High-Voltage, High-Current High-Voltage, High-Current
More results

Similar Description - OPA544TG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA548FKTWT TI-OPA548FKTWT Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIER
OPA549 TI-OPA549_12 Datasheet
444Kb / 18P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA547 BURR-BROWN-OPA547 Datasheet
175Kb / 13P
   High-Voltage, High-Current OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA548 TI1-OPA548 Datasheet
2Mb / 39P
[Old version datasheet]   High-Voltage, High-Current Operational Amplifier
logo
Burr-Brown (TI)
OPA547 BURR-BROWN-OPA547_02 Datasheet
319Kb / 16P
   High-Voltage, High-Current OPERATIONAL AMPLIFIER
logo
Anaren Microwave
MSK181 ANAREN-MSK181 Datasheet
260Kb / 8P
   HIGH VOLTAGE/HIGH CURRENT OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA549 BURR-BROWN-OPA549 Datasheet
140Kb / 14P
   High-Voltage, High-Current OPERATIONAL AMPLIFIER
logo
M.S. Kennedy Corporatio...
MSK181 MSK-MSK181 Datasheet
518Kb / 6P
   HIGH VOLTAGE/HIGH CURRENT OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA547 BURR-BROWN-OPA547_06 Datasheet
742Kb / 18P
   High-Voltage, High-Current OPERATIONAL AMPLIFIER
3583 BURR-BROWN-3583 Datasheet
113Kb / 6P
   High Voltage, High Current OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com