Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RPM6936 Datasheet(PDF) 3 Page - Rohm

Part # RPM6936
Description  Remote control photosensitive IC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RPM6936 Datasheet(HTML) 3 Page - Rohm

  RPM6936 Datasheet HTML 1Page - Rohm RPM6936 Datasheet HTML 2Page - Rohm RPM6936 Datasheet HTML 3Page - Rohm RPM6936 Datasheet HTML 4Page - Rohm RPM6936 Datasheet HTML 5Page - Rohm RPM6936 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
556
Communication ICs
RPM6900 Series
FMeasurement conditions
(1) Transmit signal
(2) Standard transmitter
λ peak=940nm
∆ λ=40nm
When standard transmitter output the signal at Fig.1
standard photodiode output become io = 5
µ AP-P under
the measurement condition Fig2, Fig.3.
RPM-301B: standard photodiode has short current ISC
= 27
µ A at E = 10001x
(using CIE standard light source A)
(3) Measurement arrival distance, Horizontal & vertical
half angle
Arrival distance L:
Arrival distance at
θ = 0_ Fig.4
Horizontal & vertical half angle
θ:
The angle which arrival distance became 50% of L.
(4) High level, low level output voltage


Similar Part No. - RPM6936

ManufacturerPart #DatasheetDescription
logo
Rohm
RPM6936 ROHM-RPM6936 Datasheet
108Kb / 8P
   IR Receiver Module
RPM6936-V4 ROHM-RPM6936-V4 Datasheet
108Kb / 8P
   IR Receiver Module
More results

Similar Description - RPM6936

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC2128A SILAN-SC2128A Datasheet
221Kb / 15P
   REMOTE FAN CONTROL IC
logo
Princeton Technology Co...
PT2607 PTC-PT2607 Datasheet
73Kb / 3P
   Remote Control Encoder IC
logo
Unisonic Technologies
RBA8206 UTC-RBA8206_15 Datasheet
171Kb / 7P
   REMOTE FAN CONTROL IC
logo
Princeton Technology Co...
PT2264 PTC-PT2264 Datasheet
260Kb / 18P
   Remote Control Encoder IC
PT2607 PTC-PT2607_10 Datasheet
652Kb / 28P
   Remote Control Encoder IC
PT2249A PTC-PT2249A_07 Datasheet
488Kb / 23P
   Remote Control Receiver IC
PT2270 PTC-PT2270_06 Datasheet
549Kb / 18P
   Remote Control Decoder IC
logo
Unisonic Technologies
RBA8206 UTC-RBA8206 Datasheet
171Kb / 7P
   REMOTE FAN CONTROL IC
logo
Panasonic Semiconductor
AN5026K PANASONIC-AN5026K Datasheet
162Kb / 2P
   REMOTE CONTROL RECEIVING IC
logo
Princeton Technology Co...
PT2294 PTC-PT2294 Datasheet
326Kb / 19P
   Remote Control Decoder IC
April, 2006
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com