Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RPM6938 Datasheet(PDF) 4 Page - Rohm

Part # RPM6938
Description  Remote control photosensitive IC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RPM6938 Datasheet(HTML) 4 Page - Rohm

  RPM6938 Datasheet HTML 1Page - Rohm RPM6938 Datasheet HTML 2Page - Rohm RPM6938 Datasheet HTML 3Page - Rohm RPM6938 Datasheet HTML 4Page - Rohm RPM6938 Datasheet HTML 5Page - Rohm RPM6938 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
557
Communication ICs
RPM6900 Series
FMeasurement circuit
FRecommended application
S Please place filter (resistors and capacitors) as close to the receiver as possible.
S In order to stable operation, using serial resistor (47Ω) on power supply line and capacitor (more than 47µF) between
power supply and GND is recommended.
(This reduce influence by switching power supply ripple and ripple which caused by the change of micro controller load
and other circuits load.)
Without the above circuit, Arrival distance might be less due to noise pulse on output wave.
(In case even with the above mentioned value, please change bigger capacitance.)
FOperation notes
(1) All characteristics of the receiver in this specification
are specified by supplying burst wave form with ROHM
standard transmitter (Fig.2).
If in case of other burst wave form will be used, please
check these spec. Carefully under the evaluations.
(2) When the receiver will be used as the wire-less re-
mote controller, please use the signal method the signal
format which refer to “Measures to prevent miss-func-
tioning of IR remote-controlled electric home ap-
pliances”.
(Published July 1987 by Association of Electric Home
Appliances)
However, please use the standard pulse width (T) of
greater than 0.4ms and less than 0.6ms (0.4ms < T <
0.6ms)
If using other signal method, signal format, (ex: signal for-
mat which not including the leader signal) the receiver
might have chances to miss-function.


Similar Part No. - RPM6938

ManufacturerPart #DatasheetDescription
logo
Rohm
RPM6938 ROHM-RPM6938 Datasheet
108Kb / 8P
   IR Receiver Module
RPM6938-V4 ROHM-RPM6938-V4 Datasheet
108Kb / 8P
   IR Receiver Module
More results

Similar Description - RPM6938

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC2128A SILAN-SC2128A Datasheet
221Kb / 15P
   REMOTE FAN CONTROL IC
logo
Princeton Technology Co...
PT2607 PTC-PT2607 Datasheet
73Kb / 3P
   Remote Control Encoder IC
logo
Unisonic Technologies
RBA8206 UTC-RBA8206_15 Datasheet
171Kb / 7P
   REMOTE FAN CONTROL IC
logo
Princeton Technology Co...
PT2264 PTC-PT2264 Datasheet
260Kb / 18P
   Remote Control Encoder IC
PT2607 PTC-PT2607_10 Datasheet
652Kb / 28P
   Remote Control Encoder IC
PT2249A PTC-PT2249A_07 Datasheet
488Kb / 23P
   Remote Control Receiver IC
PT2270 PTC-PT2270_06 Datasheet
549Kb / 18P
   Remote Control Decoder IC
logo
Unisonic Technologies
RBA8206 UTC-RBA8206 Datasheet
171Kb / 7P
   REMOTE FAN CONTROL IC
logo
Panasonic Semiconductor
AN5026K PANASONIC-AN5026K Datasheet
162Kb / 2P
   REMOTE CONTROL RECEIVING IC
logo
Princeton Technology Co...
PT2294 PTC-PT2294 Datasheet
326Kb / 19P
   Remote Control Decoder IC
April, 2006
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com