Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG6849-100D Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SG6849-100D
Description  Low-Power Green-Mode PWM Flyback Power Controller without Secondary Feedback
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SG6849-100D Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SG6849-100D Datasheet HTML 1Page - List of Unclassifed Manufacturers SG6849-100D Datasheet HTML 2Page - List of Unclassifed Manufacturers SG6849-100D Datasheet HTML 3Page - List of Unclassifed Manufacturers SG6849-100D Datasheet HTML 4Page - List of Unclassifed Manufacturers SG6849-100D Datasheet HTML 5Page - List of Unclassifed Manufacturers SG6849-100D Datasheet HTML 6Page - List of Unclassifed Manufacturers SG6849-100D Datasheet HTML 7Page - List of Unclassifed Manufacturers SG6849-100D Datasheet HTML 8Page - List of Unclassifed Manufacturers SG6849-100D Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Product Specification
Low-Power Green-Mode PWM Flyback Power Controller without Secondary Feedback
SG6849
© System General Corp.
- 4 -
www.sg.com.tw
Version 1.0(IRO33.0002.B3)
Dec.29, 2003
ABSOLUTE MAXIMUM RATINGS
Symbol Parameter
Value
Unit
VDD
DC Supply Voltage*
Zener Clamp
Zener Current
25
30
10
V
V
mA
VFB
FB Pin Input Voltage
-0.3 to 7
V
VSENSE
Sense Pin Input Voltage
-0.3 to 7
V
PD
Power Dissipation
300
mW
RθJA
Thermal Resistance (Junction to Air)
SOT-26
DIP-8
243.3
113.0
°C/W
RθJC
Thermal Resistance (Junction to Case)
SOT-26
DIP-8
115
67.1
°C/W
TJ
Operating Junction Temperature
150
°C
TSTG
Storage Temperature Range
-55 to +150
°C
TL
Lead Temperature (Soldering)
20 sec
SOT-26
10 sec
DIP-8
220
260
°C
ESD Capability, Human Body Model
3.0
kV
ESD Capability, Machine Model
300
V
*All voltage values, except differential voltages, are given with respect to the network ground terminal.
OPERATING CONDITIONS
Symbol
Parameter
Value
Unit
VDD
DC Supply Voltage
<
22.7
V
TA
Operating Ambient Temperature
-30 to +85
°C
ELECTRICAL CHARACTERISTICS (VDD=15V, TA=25°C)
Feedback Input Section
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
IOZ
Zero Duty-Cycle FB Input Current
1.15
1.4
mA
VFB
Open Loop Voltage
4.5
V
RFB
Input Impedance
FB Input Current = 0.1mA
2.4
kΩ
FB Input Current = 0mA
20
22.7
25
V
VDDZ
VDD Feedback Threshold Voltage*
FB Input Current = 0.8mA
18
20
22
V
*The feedback input is pulled by a transistor that is controlled by the VDD signal while VDD
V
DDZ.


Similar Part No. - SG6849-100D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG684965DY FAIRCHILD-SG684965DY Datasheet
391Kb / 16P
   Low-Power, Green-Mode PWM Flyback Power Controller without Secondary Feedback
SG684965DZ FAIRCHILD-SG684965DZ Datasheet
391Kb / 16P
   Low-Power, Green-Mode PWM Flyback Power Controller without Secondary Feedback
SG684965TZ FAIRCHILD-SG684965TZ Datasheet
391Kb / 16P
   Low-Power, Green-Mode PWM Flyback Power Controller without Secondary Feedback
More results

Similar Description - SG6849-100D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG684965TZ FAIRCHILD-SG684965TZ Datasheet
391Kb / 16P
   Low-Power, Green-Mode PWM Flyback Power Controller without Secondary Feedback
FAN400A FAIRCHILD-FAN400A Datasheet
567Kb / 15P
   Low-Power Green-Mode PWM Flyback Power Controller without Secondary Feedback
SGP400 FAIRCHILD-SGP400 Datasheet
492Kb / 15P
   Low-Power Green-Mode PWM Flyback Power Controller without Secondary Feedback
FAN400C FAIRCHILD-FAN400C Datasheet
544Kb / 14P
   Low-Power, Green-Mode, PWM Flyback Power Controller without Secondary Feedback (CC)
FAN400A FAIRCHILD-FAN400A_2 Datasheet
764Kb / 15P
   Low-Power Green-Mode PWM Flyback Power Controller
AN-400A FAIRCHILD-AN-400A Datasheet
305Kb / 8P
   Low-Power Green-Mode PWM Flyback Power Controller
FSEZ2016 FAIRCHILD-FSEZ2016 Datasheet
501Kb / 14P
   Low-Power Green-Mode EZSWITCHTM without Secondary Side Feedback Circuitry
FSEZ2016 FAIRCHILD-FSEZ2016_10 Datasheet
477Kb / 14P
   Low-Power Green-Mode EZSWITCH without Secondary Side Feedback Circuitry
logo
Excelliance MOS Corp.
EM8631 EXCELLIANCE-EM8631 Datasheet
286Kb / 11P
   Green mode PWM Flyback Controller
EM8632 EXCELLIANCE-EM8632 Datasheet
285Kb / 11P
   Green mode PWM Flyback Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com