Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W77E516F-25 Datasheet(PDF) 11 Page - Winbond

Part # W77E516F-25
Description  8-BIT MICROCONTROLLER
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W77E516F-25 Datasheet(HTML) 11 Page - Winbond

Back Button W77E516F-25 Datasheet HTML 7Page - Winbond W77E516F-25 Datasheet HTML 8Page - Winbond W77E516F-25 Datasheet HTML 9Page - Winbond W77E516F-25 Datasheet HTML 10Page - Winbond W77E516F-25 Datasheet HTML 11Page - Winbond W77E516F-25 Datasheet HTML 12Page - Winbond W77E516F-25 Datasheet HTML 13Page - Winbond W77E516F-25 Datasheet HTML 14Page - Winbond W77E516F-25 Datasheet HTML 15Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 85 page
background image
Preliminary W77E516
Publication Release Date: August 16, 2002
- 11 -
Revision A1
Special Function Registers
The W77E516 uses Special Function Registers (SFRs) to control and monitor peripherals and their
Modes.
The SFRs reside in the register locations 80-FFh and are accessed by direct addressing only. Some of
the SFRs are bit addressable. This is very useful in cases where one wishes to modify a particular bit
without changing the others. The SFRs that are bit addressable are those whose addresses end in 0 or
8. The W77E516 contains all the SFRs present in the standard 8052. However, some additional SFRs
have been added. In some cases unused bits in the original 8052 have been given new functions. The
list of SFRs is as follows. The table is condensed with eight locations per row. Empty locations indicate
that there are no registers at these addresses. When a bit or register is not implemented, it will read
high.
Table 1. Special Function Register Location Table
F8
EIP
F0
B
E8
EIE
E0
ACC
D8
WDCON
D0
PSW
C8
T2CON
T2MOD
RCAP2L
RCAP2H
TL2
TH2
NVMCON
NVMDAT
C0
SCON1
SBUF1
WSCON
PMR
STATUS
NVMSEL
TA
B8
IP
SADEN
SADEN1
B0
P3
A8
IE
SADDR
SADDR1
SFRAL
SFRAH
SFDFD
SFRCN
A0
P2
P4CSIN
P4
98
SCON0
SBUF
P42AL
P42AH
P43AL
P43AH
CHPCON
90
P1
EXIF
P4CONA
P4CONB
P40AL
P40AH
P41AL
P41AH
88
TCON
TMOD
TL0
TL1
TH0
TH1
CKCON
80
P0
SP
DPL
DPH
DPL1
DPH1
DPS
PCON
Note: The SFRs in the column with dark borders are bit-addressable.


Similar Part No. - W77E516F-25

ManufacturerPart #DatasheetDescription
logo
Winbond
W77E516A WINBOND-W77E516A Datasheet
766Kb / 90P
   8-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
logo
Nuvoton Technology Corp...
W77E516A NUVOTON-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results

Similar Description - W77E516F-25

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com