Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S1L53354 Datasheet(PDF) 5 Page - Epson Company

Part # S1L53354
Description  HIGH DENSITY GATE ARRAY
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1L53354 Datasheet(HTML) 5 Page - Epson Company

  S1L53354 Datasheet HTML 1Page - Epson Company S1L53354 Datasheet HTML 2Page - Epson Company S1L53354 Datasheet HTML 3Page - Epson Company S1L53354 Datasheet HTML 4Page - Epson Company S1L53354 Datasheet HTML 5Page - Epson Company S1L53354 Datasheet HTML 6Page - Epson Company S1L53354 Datasheet HTML 7Page - Epson Company S1L53354 Datasheet HTML 8Page - Epson Company S1L53354 Datasheet HTML 9Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
DATA SHEET
EPSON ELECTRONICS AMERICA, INC.
i150 River Oaks Pkwy iSan Jose, CA 95134 iTel: (408) 922-0200 iFax: (408) 922-0238
ASIC
S1L50000
Recommended Operating Conditions (For Dual Power Supplies):
Item
Symbol
Min
Typ
Max
Unit
Power Supply Voltage (High Voltage)
HVDD
4.75
4.50
5.00
5.00
5.25
5.50
V
Power Supply Voltage (Low Voltage)
LVDD
3.00
3.30
3.60
V
HVI
VSS
--
HVDD
Input Voltage
LVI
VSS
--
LVDD
*1
V
Ambient Temperature
Ta
0
-40
25
25
70
*2
85
*3
°C
Normal Input for Rising Edge Input
tri
--
--
50
ns
Normal Input for Falling Edge Input
tri
--
--
50
ns
Schmitt Input for Rising Edge Input
tri
--
--
5
ms
Schmitt Input for Falling Edge Input
tri
--
--
5
ms
*1: Possible to use 5.25 or 5.50V of I/O buffer in the open-drain systems and input buffer in the LIDC and LIDH systems.
*2: The ambient temperature range is recommended for Tj = 0 to 80
°C
*3: The ambient temperature range is recommended for Tj = -40 to 125
°C
Recommended Operating Conditions (For Dual Power Supplies):
Item
Symbol
Min
Typ
Max
Unit
Power Supply Voltage (High Voltage)
HVDD
3.00
3.30
3.60
V
Power Supply Voltage (Low Voltage)
LVDD
1.80
2.00
2.20
V
HVI
VSS
--
HVDD
Input Voltage
LVI
VSS
--
LVDD
V
Ambient Temperature
Ta
0
-40
25
25
70
*1
85
*2
°C
Htri
--
--
50
Normal Input for Rising Edge Input
Ltri
--
--
100
ns
Htfi
--
--
50
Normal Input for Falling Edge Input
Ltfi
--
--
100
ns
Htri
--
--
5
Schmitt Input for Rising Edge Input
Ltri
--
--
10
ms
Htfi
--
--
5
Schmitt Input for Falling Edge Input
Ltfi
--
--
10
ms
*1: Possible to use 5.25 or 5.50V of I/O buffer in the open-drain systems and input buffer in the LIDC and LIDH systems or HIDC and
HIDH systems.
*2: The ambient temperature range is recommended for Tj = 0 to 80
°C
*3: The ambient temperature range is recommended for Tj = -40 to 125
°C


Similar Part No. - S1L53354

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1L30000 EPSON-S1L30000 Datasheet
2Mb / 131P
   GATE ARRAY
S1L35000 EPSON-S1L35000 Datasheet
1Mb / 106P
   GATE ARRAY
S1L60000 EPSON-S1L60000 Datasheet
3Mb / 230P
   GATE ARRAY
logo
Samsung semiconductor
S1L9223B01 SAMSUNG-S1L9223B01 Datasheet
971Kb / 36P
   RF AMP & SERVO SIGNAL PROCESSOR
S1L9223B01-Q0R0 SAMSUNG-S1L9223B01-Q0R0 Datasheet
971Kb / 36P
   RF AMP & SERVO SIGNAL PROCESSOR
More results

Similar Description - S1L53354

ManufacturerPart #DatasheetDescription
logo
Epson Company
SLA40000 EPSON-SLA40000 Datasheet
39Kb / 2P
   High Density Gate Array
logo
Cypress Semiconductor
CY7C346B-35NC CYPRESS-CY7C346B-35NC Datasheet
87Kb / 6P
   Multiple Array Matrix High-Density EPLDs
logo
Luminus, Inc
CHM-6-XH20 LUMINUS-CHM-6-XH20 Datasheet
1Mb / 10P
   LED High Density White COB Array
CHM-9-XH20 LUMINUS-CHM-9-XH20 Datasheet
1Mb / 10P
   LED High Density White COB Array
CHM-11-XH20 LUMINUS-CHM-11-XH20 Datasheet
1,006Kb / 10P
   LED High Density White COB Array
CHM-14-XH20 LUMINUS-CHM-14-XH20 Datasheet
1Mb / 10P
   LED High Density White COB Array
logo
Epson Company
S1L35000 EPSON-S1L35000 Datasheet
1Mb / 106P
   GATE ARRAY
S1L30000 EPSON-S1L30000 Datasheet
2Mb / 131P
   GATE ARRAY
logo
Honeywell Solid State E...
HC20000 HONEYWELL-HC20000 Datasheet
974Kb / 18P
   HIGH-PERFORMANCE CMOS GATE ARRAY
logo
List of Unclassifed Man...
SLA7000 ETC-SLA7000 Datasheet
188Kb / 4P
   CMOS HIGH SPEED GATE ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com