Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU2522AW Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BU2522AW
Description  Silicon Diffused Power Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BU2522AW Datasheet(HTML) 2 Page - NXP Semiconductors

  BU2522AW Datasheet HTML 1Page - NXP Semiconductors BU2522AW Datasheet HTML 2Page - NXP Semiconductors BU2522AW Datasheet HTML 3Page - NXP Semiconductors BU2522AW Datasheet HTML 4Page - NXP Semiconductors BU2522AW Datasheet HTML 5Page - NXP Semiconductors BU2522AW Datasheet HTML 6Page - NXP Semiconductors BU2522AW Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BU2522AW
STATIC CHARACTERISTICS
T
mb = 25 ˚C unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
I
CES
Collector cut-off current
2
V
BE = 0 V; VCE = VCESMmax
-
-
0.25
mA
I
CES
V
BE = 0 V; VCE = VCESMmax;
-
-
2.0
mA
T
j = 125 ˚C
I
EBO
Emitter cut-off current
V
EB = 7.5 V; IC = 0 A
-
-
0.25
mA
BV
EBO
Emitter-base breakdown voltage
I
B = 1 mA
7.5
13.5
-
V
V
CEOsust
Collector-emitter sustaining voltage
I
B = 0 A; IC = 100 mA;
800
-
-
V
L = 25 mH
V
CEsat
Collector-emitter saturation voltage
I
C = 6.0 A; IB = 1.2 A
-
-
5.0
V
V
BEsat
Base-emitter saturation voltage
I
C = 6.0 A; IB = 1.2 A
-
-
1.3
V
h
FE
DC current gain
I
C = 1 A; VCE = 5 V
-
10
-
h
FE
I
C = 6 A; VCE = 5 V
5
7
8
DYNAMIC CHARACTERISTICS
T
mb = 25 ˚C unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
C
c
Collector capacitance
I
E = 0 A; VCB = 10 V; f = 1 MHz
115
-
pF
Switching times (64 kHz line
I
Csat = 6.0 A; LC = 170 µH;
deflection circuit)
C
fb = 5.4 nF;
I
B(end) = 0.7 A;LB = 0.6 µH;-VBB = 2 V;
(-dI
B/dt = 3.33A/µs)
t
s
Turn-off storage time
1.7
2.0
µs
t
f
Turn-off fall time
0.12
0.25
µs
Fig.1. Test circuit for V
CEOsust.
Fig.2. Oscilloscope display for V
CEOsust.
+ 50v
100-200R
Horizontal
Vertical
Oscilloscope
1R
6V
30-60 Hz
100R
VCE / V
min
VCEOsust
IC / mA
100
200
250
0
2 Measured with half sine-wave voltage (curve tracer).
September 1997
2
Rev 1.100


Similar Part No. - BU2522AW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BU2522A PHILIPS-BU2522A Datasheet
55Kb / 7P
   Silicon Diffused Power Transistor
November 1995 Rev 1.100
logo
Savantic, Inc.
BU2522A SAVANTIC-BU2522A Datasheet
134Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
BU2522A ISC-BU2522A Datasheet
132Kb / 3P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
BU2522A SAVANTIC-BU2522A Datasheet
136Kb / 3P
   Silicon NPN Power Transistors
logo
NXP Semiconductors
BU2522AF PHILIPS-BU2522AF Datasheet
71Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.400
More results

Similar Description - BU2522AW

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
2SD1577 WINGS-2SD1577 Datasheet
138Kb / 1P
   Silicon Diffused Power Transistor
logo
NXP Semiconductors
BU2508DF PHILIPS-BU2508DF Datasheet
71Kb / 7P
   Silicon Diffused Power Transistor
July 1998-Rev 1.600
logo
Wing Shing Computer Com...
S2005A WINGS-S2005A Datasheet
95Kb / 1P
   SILICON DIFFUSED POWER TRANSISTOR
logo
NXP Semiconductors
BU2522DX PHILIPS-BU2522DX Datasheet
80Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2523DX PHILIPS-BU2523DX Datasheet
69Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2525AW PHILIPS-BU2525AW Datasheet
74Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.100
BU2525DF PHILIPS-BU2525DF Datasheet
71Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527AF PHILIPS-BU2527AF Datasheet
70Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527DF PHILIPS-BU2527DF Datasheet
81Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527DX PHILIPS-BU2527DX Datasheet
83Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2530AL PHILIPS-BU2530AL Datasheet
65Kb / 6P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com