Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1911-15 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1911-15
Description  Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1911-15 Datasheet(HTML) 1 Page - Linear Technology

  LTC1911-15 Datasheet HTML 1Page - Linear Technology LTC1911-15 Datasheet HTML 2Page - Linear Technology LTC1911-15 Datasheet HTML 3Page - Linear Technology LTC1911-15 Datasheet HTML 4Page - Linear Technology LTC1911-15 Datasheet HTML 5Page - Linear Technology LTC1911-15 Datasheet HTML 6Page - Linear Technology LTC1911-15 Datasheet HTML 7Page - Linear Technology LTC1911-15 Datasheet HTML 8Page - Linear Technology LTC1911-15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LTC1911-1.5/LTC1911-1.8
sn1911 1911is
Low Noise, High Efficiency,
Inductorless Step-Down
DC/DC Converter
August 2002
The LTC
®1911 is a switched capacitor step-down DC/DC
converter that produces a 1.5V or 1.8V regulated output
from a 2.7V to 5.5V input. The part uses switched capaci-
tor fractional conversion to achieve high efficiency over the
entire input range. No inductors are required. Internal cir-
cuitry controls the step-down conversion ratio to optimize
efficiency as the input voltage and load conditions vary.
Typical efficiency is over 25% higher than that of a linear
regulator.
A unique constant frequency architecture provides a low
noise regulated output as well as lower input noise than
conventional charge pump regulators. High frequency
operation (fOSC = 1.5MHz) simplifies output filtering to
further reduce conducted noise. To optimize efficiency,
the part enters Burst Mode
TM operation under light load
conditions.
Low operating current (180
µA with no load, 10µA in
shutdown) and low external parts count (two 1
µF flying
capacitors and two 10
µF bypass capacitors) make the
LTC1911 ideally suited for space constrained battery-
powered applications. The part is short-circuit and
overtemperature protected, and is available in an 8-pin
MSOP package.
s
Low Noise Constant Frequency Operation
s
2.7V to 5.5V Input Voltage Range
s
No Inductors
s
Typical Efficiency 25% Higher Than LDOs
s
Shutdown Disconnects Load from VIN
s
Output Voltage: 1.8V
±4% or 1.5V ±4%
s
Output Current: 250mA
s
Low Operating Current: IIN = 180µA Typ
s
Low Shutdown Current: IIN = 10µA Typ
s
Oscillator Frequency: 1.5MHz
s
Soft-Start Limits Inrush Current at Turn On
s
Short-Circuit and Overtemperature Protected
s
Available in an 8-Pin MSOP Package
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
Handheld Computers
s
Cellular Phones
s
Smart Card Readers
s
Portable Electronic Equipment
s
Handheld Medical Instruments
s
Low Power DSP Supplies
Final Electrical Specifications
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
VIN
C2+
C2
GND
8
6
7
5
1
2
3
4
SS/SHDN
VOUT
C1+
C1
LTC1911-1.8
1
µF*
1-CELL Li-Ion
OR
3-CELL NiMH
10
µF*
*CERAMIC CAPACITOR
10
µF*
1911 TA01
VOUT = 1.8V
IOUT = 250mA
1
µF*
2.7V TO 5.5V INPUT
Single Cell Li-Ion to 1.8V DC/DC Converter
Efficiency
Burst Mode is a trademark of Linear Technology Corporation.
INPUT VOLTAGE (V)
2
30
40
50
60
70
80
90
34
5
6
1911 G05
IDEAL LDO
250mA
100mA


Similar Part No. - LTC1911-15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1911-1.5 LINER-LTC1911-1.5 Datasheet
209Kb / 12P
   Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter
LTC1911-1.5 LINER-LTC1911-1.5 Datasheet
215Kb / 12P
   Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter
LTC1911-1.5 LINER-LTC1911-1.5_15 Datasheet
215Kb / 12P
   Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter
LTC1911-1.8 LINER-LTC1911-1.8 Datasheet
209Kb / 12P
   Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter
LTC1911-1.8 LINER-LTC1911-1.8 Datasheet
215Kb / 12P
   Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter
More results

Similar Description - LTC1911-15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3250-1.5 LINER-LTC3250-1.5_15 Datasheet
331Kb / 12P
   High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter
LTC3250-1.2 LINER-LTC3250-1.2_15 Datasheet
331Kb / 12P
   High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter
LTC1911-1.5 LINER-LTC1911-1.5 Datasheet
209Kb / 12P
   Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter
LTC1911-1.5 LINER-LTC1911-1.5_15 Datasheet
215Kb / 12P
   Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter
LTC1911-1.8 LINER-LTC1911-1.8_15 Datasheet
215Kb / 12P
   Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter
LTC3250 LINER-LTC3250 Datasheet
326Kb / 12P
   High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter
LTC3251 LINER-LTC3251 Datasheet
439Kb / 16P
   500mA High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter
LTC3251-1.5 LINER-LTC3251-1.5_15 Datasheet
379Kb / 16P
   500mA High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter
LTC3251-1.2 LINER-LTC3251-1.2_15 Datasheet
379Kb / 16P
   500mA High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter
LTC3251 LINER-LTC3251_15 Datasheet
379Kb / 16P
   500mA High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com